Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MIC5205-2.5BM5 Datasheet(PDF) 9 Page - Micrel Semiconductor

Part # MIC5205-2.5BM5
Description  150mA Low-Noise LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5205-2.5BM5 Datasheet(HTML) 9 Page - Micrel Semiconductor

Back Button MIC5205-2.5BM5 Datasheet HTML 2Page - Micrel Semiconductor MIC5205-2.5BM5 Datasheet HTML 3Page - Micrel Semiconductor MIC5205-2.5BM5 Datasheet HTML 4Page - Micrel Semiconductor MIC5205-2.5BM5 Datasheet HTML 5Page - Micrel Semiconductor MIC5205-2.5BM5 Datasheet HTML 6Page - Micrel Semiconductor MIC5205-2.5BM5 Datasheet HTML 7Page - Micrel Semiconductor MIC5205-2.5BM5 Datasheet HTML 8Page - Micrel Semiconductor MIC5205-2.5BM5 Datasheet HTML 9Page - Micrel Semiconductor MIC5205-2.5BM5 Datasheet HTML 10Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Micrel
MIC5205
February 2006
9
M9999-020806
(408) 955-1690
VIN(max) = 6.23V
Therefore, a 3.3V application at 150mA of output current
can accept a maximum input voltage of 6.2V in a SOT-
23-5 package. For a full discussion of heat sinking and
thermal effects on voltage regulators, refer to the
Regulator Thermals section of Micrel’s Designing with
Low-Dropout Voltage Regulators
handbook.
Fixed Regulator Applications
Figure 1. Ultra-Low-Noise Fixed Voltage Application
Figure 1 includes a 470pF capacitor for low-noise
operation and shows EN (pin 3) connected to IN (pin 1)
for an application where enable/shutdown is not
required. COUT = 2.2µF minimum.
Figure 2. Low-Noise Fixed Voltage Application
Figure 2 is an example of a low-noise configuration
where CBYP is not required. COUT = 1µF minimum.
Adjustable Regulator Applications
The MIC5205BM5 can be adjusted to a specific output
voltage by using two external resistors (Figure 3). The
resistors set the output voltage based on the following
equation:
+
×
=
1
R1
R2
1.242V
VOUT
This equation is correct due to the configuration of the
bandgap reference. The bandgap voltage is relative to
the output, as seen in the block diagram. Traditional
regulators normally have the reference voltage relative
to ground and have a different VOUT equation.
Resistor values are not critical because ADJ (adjust) has
a high input impedance, but for best results use resistors
of 470kΩ or less. A capacitor from ADJ to ground
provides greatly improved noise performance.
Figure 3. Ultra-Low-Noise
Adjustable Voltage Application
Figure 3 includes the optional 470pF noise bypass
capacitor from ADJ to GND to reduce output noise.
Dual-Supply Operation
When used in dual supply systems where the regulator
load is returned to a negative supply, the output voltage
must be diode clamped to ground.


Similar Part No. - MIC5205-2.5BM5

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC5205-2.5BM5 MICREL-MIC5205-2.5BM5 Datasheet
99Kb / 12P
   150mA Low-Noise LDO Regulator
MIC5205-2.5BM5 MICREL-MIC5205-2.5BM5 Datasheet
835Kb / 10P
   150mA Low-Noise LDO Regulator
MIC5205-2.5BM5 MICREL-MIC5205-2.5BM5 Datasheet
835Kb / 10P
   150mA Low-Noise LDO Regulator
MIC5205-2.5BM5 MICREL-MIC5205-2.5BM5 Datasheet
835Kb / 10P
   150mA Low-Noise LDO Regulator
More results

Similar Description - MIC5205-2.5BM5

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR1102 UTC-LR1102 Datasheet
188Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Gamma Microelectronics ...
GM6155 GAMMA-GM6155 Datasheet
245Kb / 9P
   150mA LOW-NOISE LDO REGULATOR
logo
RICOH electronics devic...
R1112N RICOH-R1112N_02 Datasheet
231Kb / 21P
   LOW NOISE 150mA LDO REGULATOR
R1114N151A RICOH-R1114N151A Datasheet
525Kb / 31P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
L1131C UTC-L1131C Datasheet
156Kb / 6P
   LOW NOISE 150mA LDO REGULATOR
LR1102 UTC-LR1102_15 Datasheet
364Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1114 RICOH-R1114 Datasheet
240Kb / 23P
   LOW NOISE 150mA LDO REGULATOR
RP130X RICOH-RP130X Datasheet
510Kb / 32P
   LOW NOISE 150mA LDO REGULATOR
logo
E-Tech Electronics LTD
L1131A ETL-L1131A Datasheet
187Kb / 5P
   LOW NOISE 150mA LDO REGULATOR
logo
RICOH electronics devic...
R1113Z RICOH-R1113Z Datasheet
395Kb / 20P
   LOW NOISE 150mA LDO REGULATOR???
RP112K121B RICOH-RP112K121B_17 Datasheet
888Kb / 32P
   Low Noise 150mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com