Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD5121BCPZ10-RL7 Datasheet(PDF) 10 Page - Analog Devices

Part # AD5121BCPZ10-RL7
Description  Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5121BCPZ10-RL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD5121BCPZ10-RL7 Datasheet HTML 6Page - Analog Devices AD5121BCPZ10-RL7 Datasheet HTML 7Page - Analog Devices AD5121BCPZ10-RL7 Datasheet HTML 8Page - Analog Devices AD5121BCPZ10-RL7 Datasheet HTML 9Page - Analog Devices AD5121BCPZ10-RL7 Datasheet HTML 10Page - Analog Devices AD5121BCPZ10-RL7 Datasheet HTML 11Page - Analog Devices AD5121BCPZ10-RL7 Datasheet HTML 12Page - Analog Devices AD5121BCPZ10-RL7 Datasheet HTML 13Page - Analog Devices AD5121BCPZ10-RL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD5121/AD5141
Data Sheet
Rev. 0 | Page 10 of 32
Parameter1
Test Conditions/Comments
Min
Typ
Max
Unit
Description
t
12
Standard mode
300
ns
Fall time of SCL signal, t
FCL
Fast mode
20 + 0.1 C
L
300
ns
t
SP
3
Fast mode
0
50
ns
Pulse width of suppressed spike (not shown in Figure 3)
1 Maximum bus capacitance is limited to 400 pF.
2 The SDA and SCL timing is measured with the input filters enabled. Switching off the input filters improves the transfer rate; however, it has a negative effect on the
EMC behavior of the part.
3 Input filtering on the SCL and SDA inputs suppresses noise spikes that are less than 50 ns for fast mode.
Table 6. Control Pins
Parameter
Min
Typ
Max
Unit
Description
t
1
1
µs
End command to LRDAC falling edge
t
2
50
ns
Minimum LRDAC low time
t
3
0.1
10
µs
RESET low time
tEEPROM_PROGRAM1
15
50
ms
Memory program time (not shown in Figure 6)
tEEPROM_READBACK
7
30
µs
Memory readback time (not shown in Figure 6)
t
POWER_UP
2
75
µs
Power-on EEPROM restore time (not shown in Figure 6)
t
RESET
30
µs
Reset EEPROM restore time (not shown in Figure 6)
1 EEPROM program time depends on the temperature and EEPROM write cycles. Higher timing is expected at lower temperatures and higher write cycles.
2 Maximum time after V
DD − VSS is equal to 2.3 V.
SHIFT REGISTER AND TIMING DIAGRAMS
DATA BITS
DB8
DB15 (MSB)
DB0 (LSB)
D7
D6
D5
D4
D3
D2
D1
D0
ADDRESS BITS
A0
A1
A2
C2
C1
C0
A3
C3
CONTROL BITS
DB7
Figure 2. Input Shift Register Contents
t7
t6
t2
t4
t11
t12
t6
t5
t10
t1
SCL
SDA
P
S
S
P
t3
t8
t9
Figure 3. I2C Serial Interface Timing Diagram (Typical Write Sequence)
C3
t4
t2
t3
t5
t6
C2
C1
C0
D7
D6
D5
D2
D1
D0
SDI
*PREVIOUS COMMAND RECEIVED.
SCLK
SYNC
C3*
SDO
C2*
C1*
C0*
D7*
D6*
D5*
D2*
D1*
D0*
t8
t9
t10
t7
t1
Figure 4. SPI Serial Interface Timing Diagram, CPOL = 0, CPHA = 1


Similar Part No. - AD5121BCPZ10-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5121BCPZ10-RL7 AD-AD5121BCPZ10-RL7 Datasheet
791Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
More results

Similar Description - AD5121BCPZ10-RL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5121 AD-AD5121_17 Datasheet
791Kb / 32P
   Single Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5124 AD-AD5124_17 Datasheet
829Kb / 36P
   Quad Channel, 128-/256-Position, I2C/SPI, Nonvolatile Digital Potentiometer
AD5122 AD-AD5122_17 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5123BCPZ100-RL7 AD-AD5123BCPZ100-RL7 Datasheet
642Kb / 28P
   Quad Channel, 128-/256-Position, I2C Nonvolatile Digital Potentiometer
REV. A
AD5123 AD-AD5123 Datasheet
731Kb / 28P
   Quad Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5122A AD-AD5122A_17 Datasheet
768Kb / 32P
   Dual Channel, 128-/256-Position, I2C, Nonvolatile Digital Potentiometer
AD5259 AD-AD5259 Datasheet
245Kb / 14P
   Nonvolatile, I2C-Compatible 256-Position, Digital Potentiometer
Rev. PrJ 7/22/04
AD5161BRMZ10 AD-AD5161BRMZ10 Datasheet
503Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. B
AD5161 AD-AD5161 Datasheet
1,002Kb / 20P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
AD5161 AD-AD5161 Datasheet
361Kb / 7P
   256-Position SPI/I2C Selectable Digital Potentiometer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com