Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD737KR-REEL Datasheet(PDF) 3 Page - Analog Devices

Part # AD737KR-REEL
Description  Low Cost, Low Power, True RMS-to-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD737KR-REEL Datasheet(HTML) 3 Page - Analog Devices

  AD737KR-REEL Datasheet HTML 1Page - Analog Devices AD737KR-REEL Datasheet HTML 2Page - Analog Devices AD737KR-REEL Datasheet HTML 3Page - Analog Devices AD737KR-REEL Datasheet HTML 4Page - Analog Devices AD737KR-REEL Datasheet HTML 5Page - Analog Devices AD737KR-REEL Datasheet HTML 6Page - Analog Devices AD737KR-REEL Datasheet HTML 7Page - Analog Devices AD737KR-REEL Datasheet HTML 8Page - Analog Devices AD737KR-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
AD737
Rev. I | Page 3 of 24
SPECIFICATIONS
TA = 25°C, ±VS = ±5 V except as noted, CAV = 33 µF, CC = 10 µF, f = 1 kHz, sine wave input applied to Pin 2, unless otherwise specified.
Specifications shown in boldface are tested on all production units at final electrical test. Results from these tests are used to calculate
outgoing quality levels.
Table 1.
Parameter
Test Conditions/
Comments
AD737A, AD737J
AD737K
AD737J-5
Unit
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
ACCURACY
Total Error
EIN = 0 to 200 mV rms
0.2/0.3
0.4/0.5
0.2/0.2
0.2/0.3
±mV/±POR1
±VS = ±2.5 V
0.2/0.3
0.4/0.5
±mV/±POR1
±VS = ±2.5 V,
input to Pin 1
0.2/0.3
0.4/0.5
±mV/±POR1
EIN = 200 mV to 1 V rms
−1.2
±2.0
−1.2
±2.0
POR
Over
Temperature
JN, JR, KR
EIN = 200 mV rms,
±VS = ±2.5 V
0.007
0.007
0.02
±POR/°C
AN and AR
EIN = 200 mV rms,
±VS = ±2.5 V
0.014
0.014
±POR/°C
vs. Supply Voltage
EIN = 200 mV rms,
±VS = ±2.5 V to ±5 V
0
−0.18
−0.3
0
−0.18
−0.3
0
−0.18
−0.3
%/V
EIN = 200 mV rms,
±VS = ±5 V to ±16.5 V
0
0.06
0.1
0
0.06
0.1
0
0.06
0.1
%/V
DC Reversal Error
DC-coupled,
VIN = 600 mV dc
1.3
2.5
1.3
2.5
POR
±VS = ±2.5 V
VIN = 200 mV dc
1.7
2.5
POR
Nonlinearity2
EIN = 0 mV to
200 mV rms,
@ 100 mV rms
0
0.25
0.35
0
0.25
0.35
POR
Input to Pin 13
AC coupled,
EIN = 100 mV rms, after
correction, ±VS = ±2.5 V
0.02
0.1
POR
Total Error,
External Trim
EIN = 0 mV to
200 mV rms
0.1/0.2
0.1/0.2
0.1/0.2
±mV/±POR
ADDITIONAL
CREST FACTOR
ERROR4
For Crest Factors
from 1 to 3
CAV = CF = 100 µF
0.7
0.7
%
CAV = 22 µF, CF = 100 µF,
±VS = ±2.5 V, input to
Pin 1
1.7
%
For Crest Factors
from 3 to 5
CAV = CF = 100 µF
2.5
2.5
%
INPUT
CHARACTERISTICS
High-ZInput (Pin 2)
Signal Range
Continuous
RMS Level
±VS = +2.5 V
200
mV rms
±VS = +2.8 V/−3.2 V
200
200
mV rms
±VS = ±5 V to ±16.5 V
1
1
V rms


Similar Part No. - AD737KR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD737KR-REEL AD-AD737KR-REEL Datasheet
149Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD737KR-REEL7 AD-AD737KR-REEL7 Datasheet
149Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
More results

Similar Description - AD737KR-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8436 AD-AD8436_13 Datasheet
747Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. B
AD737 AD-AD737 Datasheet
149Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD736 AD-AD736_15 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD737 AD-AD737_15 Datasheet
499Kb / 24P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
AD8436 AD-AD8436_17 Datasheet
762Kb / 21P
   Low Cost, Low Power, True RMS-to-DC Converter
AD736 AD-AD736 Datasheet
218Kb / 8P
   Low Cost, Low Power, True RMS-to-DC Converter
REV. C
AD736 AD-AD736_12 Datasheet
480Kb / 20P
   Low Cost, Low Power, True RMS-to-DC Converter
Rev. I
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
   LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD636 AD-AD636 Datasheet
157Kb / 8P
   Low Level, True RMS-to-DC Converter
REV. B
AD636 AD-AD636_15 Datasheet
677Kb / 17P
   Low Level, True RMS-to-DC Converter
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com