Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX2BA-060PA-1.27DSA(71) Datasheet(PDF) 4 Page - Hirose Electric

Part # FX2BA-060PA-1.27DSA(71)
Description  1.27mm Pitch Multi-function Two Piece Connector
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX2BA-060PA-1.27DSA(71) Datasheet(HTML) 4 Page - Hirose Electric

  FX2BA-060PA-1.27DSA(71) Datasheet HTML 1Page - Hirose Electric FX2BA-060PA-1.27DSA(71) Datasheet HTML 2Page - Hirose Electric FX2BA-060PA-1.27DSA(71) Datasheet HTML 3Page - Hirose Electric FX2BA-060PA-1.27DSA(71) Datasheet HTML 4Page - Hirose Electric FX2BA-060PA-1.27DSA(71) Datasheet HTML 5Page - Hirose Electric FX2BA-060PA-1.27DSA(71) Datasheet HTML 6Page - Hirose Electric FX2BA-060PA-1.27DSA(71) Datasheet HTML 7Page - Hirose Electric FX2BA-060PA-1.27DSA(71) Datasheet HTML 8Page - Hirose Electric FX2BA-060PA-1.27DSA(71) Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
A88
FX2 Series
1.27mm Pitch Multi-function Two Piece Connector
FX2
BA - * P A - 1.27 DSA L
qe
wr t
y
u
i
t None : Contact material: phosphor bronze
A
: Contact material: brass
y Contact pitch: 1.27mm
u Contact type:
DS
: Right angle type
DSA : Straight type
i L: Board prefixed pin
q Series Name : FX2
w B
: Lock straight no cleaning type
: Lock right angle type
BA
: Lock straight cleaning type
e Number of contacts: 20, 32, 40, 52, 60, 68, 80, 100
r Connector type: P: header
●Board to Cable Header
Note 1. Cleaning type: The liquid escape hole is added at dip cleaning.
Note 2. No cleaning type: No liquid escape hole is added at dip cleaning.
Note 3. Straight 20 and 32 contact types use phosphor bronze for contact material.
FX2
- * P - 1.27 SV L
qe
wr
t
y
r Contact pitch: 1.27mm
t Contact type:
SV: Straight SMT type
y L: Board prefixed pin
q Series Name :FX2
w Number of contacts: 20, 32, 40, 52, 60, 68, 80, 100, 120
e Connector type: P: Header
S: Receptacle
●Straight SMT Type
FX2
A - * P - 0.635 SH
qe
wr
t
y
r Connector type: P: Header
t Mounting area pitch: 0.635mm
y Contact type
SH: Right angle SMT type
q Series Name :FX2
w Blank: With boss
A
: Without boss
e Number of contacts: 20, 40, 52, 60, 80
●Header Right Angle SMT Type
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - FX2BA-060PA-1.27DSA(71)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX2BA-060PA-1.27DSA HIROSE-FX2BA-060PA-1.27DSA Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
FX2BA-060PA-1.27DSAL HIROSE-FX2BA-060PA-1.27DSAL Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
More results

Similar Description - FX2BA-060PA-1.27DSA(71)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX2C-20S-1.27DSA HIROSE-FX2C-20S-1.27DSA Datasheet
821Kb / 31P
   1.27mm Pitch Multi-function Two Piece Connector
FX2 HIROSE-FX2 Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
FX2B-32SA-1.27R HIROSE-FX2B-32SA-1.27R Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
List of Unclassifed Man...
FX2B-68PA-127DS ETC-FX2B-68PA-127DS Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
Hirose Electric
FX2C-020S-1.27DSA HIROSE-FX2C-020S-1.27DSA_1 Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
HIF6-020D-1.27R HIROSE-HIF6-020D-1.27R Datasheet
1Mb / 8P
   1.27mm Pitch Two-Piece Connector
HIF6A-20DA-1.27DSAL HIROSE-HIF6A-20DA-1.27DSAL_1 Datasheet
695Kb / 18P
   1.27mm Pitch Two-Piece Connector
HIF6 HIROSE-HIF6 Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
logo
Harwin Plc
P13-0123 HARWIN-P13-0123 Datasheet
60Kb / 1P
   1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE
S13-503 HARWIN-S13-503 Datasheet
59Kb / 1P
   1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE SLEEVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com