Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PULSEW3580 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # PULSEW3580
Description  Ferrite-backed Embedded NFC Antenna
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PULSEW3580 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  PULSEW3580 Datasheet HTML 1Page - Pulse A Technitrol Company PULSEW3580 Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
L151.A (01/13)
1
pulseelectronics.com/products/antennas
Ferrite-backed Embedded
NFC Antenna
Pulse Part Number W3580
San Diego, CA 858 674 8100
Vancouver, WA 360 944 7551
Europe 49 7032 7806 0
Asia 86 755 33966678
North Asia 886 3 4356768
China 86 512 6807 9998
/
Environmental Specifications
Operating Temperature [°C]
-40 to +85
Mechanical Specifications
Color
Grey
Dimensions [in/mm]
1.38 x 1.97 x 0.018
(35 x 50 x 0.45)
Electrical Specifications
Frequency [MHz]*
13.56
Reading Distance [mm]*
20 EMVCo
15 Card (avg)
Impedance [Ω]*
50 / 80
Self Resonance Frequency [MHz]**
58
Inductance [
µH]**
0.95
Resistance [Ω]**
3.9
Q-Factor**
20
Matched Q Value***
5-15
The W3580 is a flexible Near Field Communication (NFC)
antenna ideal for tight-space embedded products such as
tablets, laptops, and payment terminal devices. It is intend-
ed for secure payment applications where connect distanc-
es are highly constricted to keep sensitive information safe.
The W3580 has a semi-flexible sintered ferrite backing
designed to optimize magnetic fields, thus increasing the
corresponding field strength of the antenna. Mounting the
antenna is easily accomplished using the thin but aggressive
holding adhesive backing. Recommended for mounting on
the inside of battery covers, or locations where the antenna
will be on or in close proximity to ground planes or displays.
Features
- Excellent performances on metal surfaces
- Thin, semi-flexible structure
- Easily assembles to device covers or mechanics
- Excellent for tap-n-pay applications
- Well-known antenna concept, reliable technology
- RoHS Compliant Product
Applications
- Mobile devices
- Payment terminals
- Sharing / pairing
NOTE: Electrical characteristics depend on distance from metal objects and the location of the antenna on the device.
Measured in free space
* With matching network
** Bare coil without any matching network
*** With matching network (adjustable). Typical network picture refer to page 2.


Similar Part No. - PULSEW3580

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PULSEW3579 PULSE-PULSEW3579 Datasheet
421Kb / 2P
   Ferrite-backed Embedded NFC Antenna
More results

Similar Description - PULSEW3580

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
W3580 PULSE-W3580 Datasheet
534Kb / 2P
   Ferrite-backed Embedded NFC Antenna
PULSEW3579 PULSE-PULSEW3579 Datasheet
421Kb / 2P
   Ferrite-backed Embedded NFC Antenna
W3579 PULSE-W3579 Datasheet
697Kb / 2P
   Ferrite-backed Embedded
logo
Abracon Corporation
ANFCA-2525-A02 ABRACON-ANFCA-2525-A02 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.07.15
ANFCA-4535-A01 ABRACON-ANFCA-4535-A01 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.04.15
ANFCA-4030-A01 ABRACON-ANFCA-4030-A01 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.04.15
ANFCA-3225-A02 ABRACON-ANFCA-3225-A02 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.07.15
ANFCA-4545-A01 ABRACON-ANFCA-4545-A01 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.09.15
ANFCA-4040-A02 ABRACON-ANFCA-4040-A02 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.09.15
ANFCA-5040-A02 ABRACON-ANFCA-5040-A02 Datasheet
1Mb / 3P
   NFC Ferrite Antenna (13.56MHz)
10.09.15
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com