Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RN73C2A1K0BTG Datasheet(PDF) 5 Page - Tyco Electronics

Part # RN73C2A1K0BTG
Description  SMD High Power Precision Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

RN73C2A1K0BTG Datasheet(HTML) 5 Page - Tyco Electronics

  RN73C2A1K0BTG Datasheet HTML 1Page - Tyco Electronics RN73C2A1K0BTG Datasheet HTML 2Page - Tyco Electronics RN73C2A1K0BTG Datasheet HTML 3Page - Tyco Electronics RN73C2A1K0BTG Datasheet HTML 4Page - Tyco Electronics RN73C2A1K0BTG Datasheet HTML 5Page - Tyco Electronics RN73C2A1K0BTG Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
RN73
C
2A
100K
B
TDF
Common Part
RN73 - High
precision resistors
(RoHS compliant)
Temp. Coefficient
A - ±5ppm/°C
* C - ±10ppm/°C
Package Size
1E - 0402
* 1J - 0603
* 2A - 0805
2B - 1206
2E - 1210
2H - 2010
3A - 2512
* Preferred stock item
* Preferred stock item
Resistor Value
100R
(100 ohms)
1K0
(1000 ohms)
100K
(100,000 ohms)
Tolerance
A - ±0.05%
*B - ±0.1%
L - ±0.01%
Packaging
TG - 250 Cut tape
length (1E, 1J, 2A, 2B)
TDF -1000 REEL
(1E, 1J, 2A, 2B)
TD - 5000 REEL
(1E, 1J, 2A, 2B, 2E)
TDG - 250 REEL
(1E, 1J, 2A only)
TE - 4000 REEL
(2H, 3A only)
How to Order
Paper Tape Specification
Type
A
B
W
E
F
P0
P1
P2
øD0
T
RN73 1E (0402)
0.70 ±0.05
1.16 ±0.05
8.00 ±0.10
1.75 ±0.05
3.5 ±0.05
4.00 ±0.10
2.00 ±0.05
2.00 ±0.05
1.55 ±0.05
0.40 ±0.03
RN73 1J (0603)
1.10 ±0.05
1.90 ±0.05
8.00 ±0.10
1.75 ±0.05
3.5 ±0.05
4.00 ±0.10
4.00 ±0.10
2.00 ±0.05
1.55 ±0.05
0.60 ±0.03
RN73 2A (0805)
1.60 ±0.05
2.37 ±0.05
8.00 ±0.10
1.75 ±0.05
3.5 ±0.05
4.00 ±0.10
4.00 ±0.10
2.00 ±0.05
1.55 ±0.05
0.75 ±0.05
RN73 2B (1206) 2.00 ±0.05
3.55 ±0.05
8.00 ±0.10
1.75 ±0.05
3.5 ±0.05
4.00 ±0.10
4.00 ±0.10
2.00 ±0.05
1.55 ±0.05
0.75 ±0.05
RN73 2E (1210)
2.75 ±0.05
3.40 ±0.05
8.00 ±0.10
1.75 ±0.05
3.5 ±0.05
4.00 ±0.05
4.00 ±0.10
2.00 ±0.05
1.60 ±0.10
0.75 ±0.05
Embossed Plastic Tape Specifications
Type
A
B
W
E
F
P0
P1
P2
øD0
T
RN73 2H (2010)
2.85 ±0.10
5.45 ±0.10
12.0 ±0.10
1.75 ±0.10
5.5 ±0.05
4.00 ±0.05
4.00 ±0.10
2.00 ±0.05 1.50 +0.10
1.00 ±0.20
RN73 3A (2512)
3.40 ±0.10
6.65 ±0.10
12.0 ±0.10
1.75 ±0.10
5.5 ±0.05
4.00 ±0.05
4.00 ±0.10
2.00 ±0.05 1.50 +0.10
1.00 ±0.20
* Preferred stock item
SMD High Power Precision Resistors
Type RN73 Series
TE Connectivity, TE connectivity (logo) and TE (logo) are trademarks.
Other logos, product and Company names mentioned herein may be trademarks of their respective owners.
While TE has made every reasonable effort to ensure the accuracy of the information in this datasheet, TE does not guarantee that it is error-free, nor does TE make any other
representation, warranty or guarantee that the information is accurate, correct, reliable or current. TE reserves the right to make any adjustments to the information contained herein
at any time without notice. TE expressly disclaims all implied warranties regarding the information contained herein, including, but not limited to, any implied warranties of merchantabili-
ty or fitness for a particular purpose. The dimensions in this datasheet are for reference purposes only and are subject to change without notice. Specifications are subject to change
without notice. Consult TE for the latest dimensions and design specifications.


Similar Part No. - RN73C2A1K0BTG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RN73C2A1K0BTG ETC2-RN73C2A1K0BTG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RN73C2A1K0BTG ETC2-RN73C2A1K0BTG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
More results

Similar Description - RN73C2A1K0BTG

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
RP73 TEC-RP73 Datasheet
311Kb / 10P
   SMD High Power Precision Resistors
logo
Tyco Electronics
RP73PF2A41R2BTDF MACOM-RP73PF2A41R2BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A825RBTDF ETC2-RN73C2A825RBTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
RP73PF1J38R3BTDF ETC2-RP73PF1J38R3BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
Tyco Electronics
RP73D2B715RBTG MACOM-RP73D2B715RBTG Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RN73C2A1K1BTDF ETC2-RN73C2A1K1BTDF Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
logo
Tyco Electronics
1676474-2 MACOM-1676474-2 Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
1773270 MACOM-1773270 Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
logo
List of Unclassifed Man...
RP73PF1J1K91BTDF ETC2-RP73PF1J1K91BTDF Datasheet
199Kb / 6P
   SMD High Power Precision Resistors
RN73C2A105RBTG ETC2-RN73C2A105RBTG Datasheet
271Kb / 5P
   SMD High Power Precision Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com