Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D38999-26MF35SN Datasheet(PDF) 6 Page - Amphenol Corporation

Part # D38999-26MF35SN
Description  Amphenol Tri-Start Subminiature Cylindrical Connectors
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

D38999-26MF35SN Datasheet(HTML) 6 Page - Amphenol Corporation

Back Button D38999-26MF35SN Datasheet HTML 2Page - Amphenol Corporation D38999-26MF35SN Datasheet HTML 3Page - Amphenol Corporation D38999-26MF35SN Datasheet HTML 4Page - Amphenol Corporation D38999-26MF35SN Datasheet HTML 5Page - Amphenol Corporation D38999-26MF35SN Datasheet HTML 6Page - Amphenol Corporation D38999-26MF35SN Datasheet HTML 7Page - Amphenol Corporation D38999-26MF35SN Datasheet HTML 8Page - Amphenol Corporation D38999-26MF35SN Datasheet HTML 9Page - Amphenol Corporation D38999-26MF35SN Datasheet HTML 10Page - Amphenol Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
4
Tri-Start
test data
TRI-START, SERIES III
TYPICAL SHIELDING EFFECTIVENESS TEST DATA
EMI/EMP SHIELDING EFFFECTIVENESS dB
TESTING BY TRIAXIAL METHOD
TRI-START, SERIES III
TYPICAL SHIELDING EFFECTIVENESS TEST DATA
EMI/EMP SHIELDING EFFFECTIVENESS dB
TESTING BY MODE STIRRING METHOD
Test data beyond 2GHz is subject to equipment variation.
* Dependant on shell finish
NOTE: for test data information on the new
Clutch-Lok Tri-Start, high vibration connectors,
consult Amphenol Aerospace.
Amphenol® Tri-Start connectors provide
EMI/EMP shielding capability which exceeds
MIL-DTL-38999 Series III requirements.
The TV and CTV Series III connector with standard
solid metal to metal coupling, EMI grounding fingers
and conductive finishes has proven to be the ultimate
in EMI/EMP shielding effectiveness. The charts il-
lustrate shielding effectiveness data which is typical
of Tri-Start connectors tested with the nickel finish
(Class F-metal, Class M-composite) over a wide fre-
quency range.
The vibration capability of the Tri-Start Series is
shown in the chart below. This illustrates the most
severe vibration envelope of any qualified connec-
tor available today.
These capabilities along with a 200°C temperature
rating and superior moisture sealing protection pro-
vide the user with a connector that can withstand
the most rigorous application.
TRI-START
VIBRATION CRITERIA
140
120
100
80
60
40
20
0
100
200
300
400
500
600
700
800
NICKEL CLASS F, CLASS M
TYPICAL SHIELD EFFECTIVENESS DATA
FREQUENCY MEGAHERTZ
NICKEL CLASS F, CLASS M
MIL-DTL-38999 REQUIREMENTS
140
120
100
80
60
40
20
0
1
2
34
5
NICKEL CLASS F, CLASS M
TYPICAL SHIELD EFFECTIVENESS DATA
NICKEL CLASS F, CLASS M
MIL-DTL-38999 REQUIREMENTS
6
7
8
9
10
FREQUENCY GIGAHERTZ
5
50
500
5000
.0001
.001
.01
.1
1.
10.
10in/sec
.06 in DA.
3 axes @ – 55 C
ambient + 200 C*
60 G's
(Fail Safe: 3 axes
@ ambient
30 G's)
2 axes @
200 C *
(Fail Safe:
2 axes @
ambient)
2 axes @ ambient
6dB/octave
HERTZ
DOUBLE AMPLITUDE
(IN) SINE VIBRATION
POWER SPECTRAL
DENSITY (G
2/HZ)
RANDOM VIBRATION
˚
˚
˚


Similar Part No. - D38999-26MF35SN

ManufacturerPart #DatasheetDescription
logo
ITT Industries
D38999-26FA98BN ITT-D38999-26FA98BN Datasheet
2Mb / 17P
   MIL-DTL-38999 Series III Connectors
logo
List of Unclassifed Man...
D38999-26FD19PN ETC2-D38999-26FD19PN Datasheet
2Mb / 36P
   Every Free World space mission, bringing the universe to our doorstep.
logo
Amphenol Corporation
D38999-26JA35SA AMPHENOL-D38999-26JA35SA Datasheet
2Mb / 53P
   Insert Availability and Identification Chart
D38999-26WB2SN AMPHENOL-D38999-26WB2SN Datasheet
1Mb / 53P
   Amphenol Tri-Start Subminiature Cylindrical Connectors
D38999-26WC4SN AMPHENOL-D38999-26WC4SN Datasheet
1Mb / 53P
   Amphenol Tri-Start Subminiature Cylindrical Connectors
More results

Similar Description - D38999-26MF35SN

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
10-552682-11G AMPHENOL-10-552682-11G Datasheet
1Mb / 54P
   Amphenol Tri-Start Subminiature Cylindrical Connectors
10-553970-199 AMPHENOL-10-553970-199 Datasheet
1Mb / 54P
   Amphenol Tri-Start Subminiature Cylindrical Connectors
D38999-24KA98SN AMPHENOL-D38999-24KA98SN Datasheet
1Mb / 54P
   Amphenol Tri-Start Subminiature Cylindrical Connectors
LP-597808-355 AMPHENOL-LP-597808-355 Datasheet
1Mb / 54P
   Amphenol Tri-Start Subminiature Cylindrical Connectors
D38999-33W15N AMPHENOL-D38999-33W15N Datasheet
1Mb / 54P
   Amphenol Tri-Start Subminiature Cylindrical Connectors
D38999-26WB2SN AMPHENOL-D38999-26WB2SN Datasheet
1Mb / 53P
   Amphenol Tri-Start Subminiature Cylindrical Connectors
D38999-20KC35PN AMPHENOL-D38999-20KC35PN Datasheet
1Mb / 54P
   Amphenol Tri-Start Subminiature Cylindrical Connectors
D38999-24FE6PN AMPHENOL-D38999-24FE6PN Datasheet
1Mb / 54P
   Amphenol Tri-Start Subminiature Cylindrical Connectors
D38999-24WC98PN AMPHENOL-D38999-24WC98PN Datasheet
1Mb / 54P
   Amphenol Tri-Start Subminiature Cylindrical Connectors
D38999-26WC4SN AMPHENOL-D38999-26WC4SN Datasheet
1Mb / 53P
   Amphenol Tri-Start Subminiature Cylindrical Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com