Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVLJD4007NZTBG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NVLJD4007NZTBG
Description  30 V, 245 mA, Dual, N?묬hannel, Gate ESD Protection, 2x2 WDFN Package
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVLJD4007NZTBG Datasheet(HTML) 5 Page - ON Semiconductor

  NVLJD4007NZTBG Datasheet HTML 1Page - ON Semiconductor NVLJD4007NZTBG Datasheet HTML 2Page - ON Semiconductor NVLJD4007NZTBG Datasheet HTML 3Page - ON Semiconductor NVLJD4007NZTBG Datasheet HTML 4Page - ON Semiconductor NVLJD4007NZTBG Datasheet HTML 5Page - ON Semiconductor NVLJD4007NZTBG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NVLJD4007NZ
http://onsemi.com
5
TYPICAL PERFORMANCE CURVES
Figure 12. Thermal Impedance (Junction−to−Ambient)
t, TIME (s)
1E−06
1
10
100
1000
1E−05
1E−04
1E−03
1E−02
1E−01
1E+00
1E+01
1E+02
1E+03
Single Pulse
0.01
0.02
0.05
0.10
0.20
Duty Cycle = 0.5
RqJA Steady State = 166°C/W


Similar Part No. - NVLJD4007NZTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVLJS053N12MCL ONSEMI-NVLJS053N12MCL Datasheet
260Kb / 7P
   MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 120 V, 53 m, 4.8 A
August, 2020 ??Rev. 0
NVLJS053N12MCLTAG ONSEMI-NVLJS053N12MCLTAG Datasheet
260Kb / 7P
   MOSFET - Power, Single N-Channel, Shielded Gate, PowerTrench 120 V, 53 m, 4.8 A
August, 2020 ??Rev. 0
NVLJWD023N04CL ONSEMI-NVLJWD023N04CL Datasheet
140Kb / 7P
   MOSFET – Power, Dual N-Channel 40 V, 23 m, 25 A
June, 2022 - Rev. 0
NVLJWD023N04CLTAG ONSEMI-NVLJWD023N04CLTAG Datasheet
140Kb / 7P
   MOSFET – Power, Dual N-Channel 40 V, 23 m, 25 A
June, 2022 - Rev. 0
NVLJWD040N06CL ONSEMI-NVLJWD040N06CL Datasheet
138Kb / 7P
   MOSFET - Power, Dual N-Channel 60 V, 38 m, 18 A
July, 2022 - Rev. 1
More results

Similar Description - NVLJD4007NZTBG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLJS4114N ONSEMI-NTLJS4114N Datasheet
84Kb / 6P
   Power MOSFET 30 V, 7.8 A, uCool Single N?묬hannel, 2x2 mm WDFN Package
November, 2006 ??Rev. 1
NVTA7002NT1G ONSEMI-NVTA7002NT1G Datasheet
105Kb / 5P
   30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection, SC-75
October, 2012 ??Rev. 5
NTLJD3181PZ ONSEMI-NTLJD3181PZ Datasheet
126Kb / 7P
   Power MOSFET ??0 V, ??.0 A, Cool Dual P?묬hannel, ESD, 2x2 mm WDFN Package
December, 2008 ??Rev. 0
logo
First Silicon Co., Ltd
FTK7002EN FS-FTK7002EN Datasheet
291Kb / 5P
   Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection
logo
Leshan Radio Company
LNTK4003M3T5G LRC-LNTK4003M3T5G Datasheet
441Kb / 5P
   30 V, 0.56 A, Single, N?묬hannel,Gate ESD Protection
logo
ON Semiconductor
NTA7002N ONSEMI-NTA7002N Datasheet
56Kb / 6P
   Small Signal MOSFET 30 V, 154 mA, Single, N?묬hannel, Gate ESD Protection, SC??5
July, 2005 ??Rev. 1
logo
Leshan Radio Company
LNTR4003NLT1G LRC-LNTR4003NLT1G Datasheet
447Kb / 5P
   30 V, 0.56 A, Single, N?묬hannel,Gate ESD Protection, SOT-23
logo
ON Semiconductor
NTLJS1102P ONSEMI-NTLJS1102P Datasheet
119Kb / 7P
   Power MOSFET ?? V, ??.1 A, COOL Single P?묬hannel, 2x2 mm, WDFN package
November, 2008 ??Rev. 0
NTZD5110N ONSEMI-NTZD5110N Datasheet
110Kb / 5P
   60 V, 310 mA, Dual N?묬hannel with ESD Protection, SOT??63
April, 2007 ??Rev. 3
logo
First Silicon Co., Ltd
FTK4003N FS-FTK4003N Datasheet
485Kb / 5P
   30V, 0.56A, N?묬hannel, Gate ESD Protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com