Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD9835BRU Datasheet(PDF) 9 Page - Analog Devices

Part # AD9835BRU
Description  50 MHz Direct Digital Synthesizer, Waveform Generator
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9835BRU Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9835BRU Datasheet HTML 5Page - Analog Devices AD9835BRU Datasheet HTML 6Page - Analog Devices AD9835BRU Datasheet HTML 7Page - Analog Devices AD9835BRU Datasheet HTML 8Page - Analog Devices AD9835BRU Datasheet HTML 9Page - Analog Devices AD9835BRU Datasheet HTML 10Page - Analog Devices AD9835BRU Datasheet HTML 11Page - Analog Devices AD9835BRU Datasheet HTML 12Page - Analog Devices AD9835BRU Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
Data Sheet
AD9835
Rev. A | Page 9 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
OUTPUT FREQUENCY (MHz)
0
–12
16
02
4
6
8
10
12
14
–2
–4
–6
–8
–10
CL = 82pF
CL = 100pF
CL = 150pF
AVDD = DVDD = +5V
Figure 7. Signal Attenuation vs. Output Frequency for Various Capacitive
Loads (RL = 300 Ω)
MCLK FREQUENCY (MHz)
30
25
20
15
10
0
50
10
20
40
30
5
TA = +25°C
AVDD = DVDD = +5V
Figure 8. Typical Current Consumption vs. MCLK Frequency
MCLK FREQUENCY (MHz)
–64
–66
–68
–70
–72
–76
–74
50
10
20
30
40
fOUT/fMCLK = 1/3
AVDD = DVDD = +5V
Figure 9. Narrow-Band SFDR vs. MCLK Frequency
MCLK FREQUENCY (MHz)
0
–10
–20
–30
–40
–60
–50
50
10
20
30
40
fOUT/fMCLK = 1/3
AVDD = DVDD = +5V
Figure 10. Wideband SFDR vs. MCLK Frequency
–20
–30
–40
–50
–60
–80
–70
0.463
0.124
0.044
0.204
0.284
0.084
0.244
0.324
AVDD = DVDD = +5V
50MHz
30MHz
10MHz
0.164
fOUT/fMCLK
Figure 11. Wideband SFDR vs. fOUT/fMCLK for Various MCLK Frequencies
MCLK FREQUENCY (MHz)
56
55
54
53
52
50
50
10
20
30
40
51
fOUT/fMCLK = 1/3
AVDD = DVDD = +5V
Figure 12. SNR vs. MCLK Frequency


Similar Part No. - AD9835BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9835BRU AD-AD9835BRU Datasheet
160Kb / 16P
   50 MHz CMOS Complete DDS
REV. 0
More results

Similar Description - AD9835BRU

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9832 AD-AD9832_13 Datasheet
527Kb / 28P
   25 MHz Direct Digital Synthesizer, Waveform Generator
Rev. E
AD9835 AD-AD9835_15 Datasheet
701Kb / 28P
   50 MHz Direct Digital Synthesizer
REV. A
AD9831ASTZ AD-AD9831ASTZ Datasheet
540Kb / 16P
   DIRECT DIGITAL SYNTGESIZER WAVEFORM GENERATOR
REV. B
logo
National Instruments Co...
NI654X NI-NI654X Datasheet
313Kb / 3P
   100 and 50 MHz Digital Waveform Generator/Analyzers
PXI-6541 NI-PXI-6541 Datasheet
222Kb / 3P
   100 and 50 MHz Digital Waveform Generator/Analyzers
NI655X NI-NI655X Datasheet
548Kb / 6P
   100 and 50 MHz, Programmable-Voltage Digital Waveform Generator/Analyzers
logo
Analog Devices
AD9832 AD-AD9832_15 Datasheet
527Kb / 28P
   25 MHz Direct Digital Synthesizer
Rev. E
AD9831 AD-AD9831_15 Datasheet
540Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
AD9830 AD-AD9830_15 Datasheet
446Kb / 16P
   DIRECT DIGITAL SYNTHESIZER
REV. B
logo
Intersil Corporation
ISL5314 INTERSIL-ISL5314 Datasheet
284Kb / 17P
   Direct Digital Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com