Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX2-060S-1.27SV(71) Datasheet(PDF) 2 Page - Hirose Electric

Part # FX2-060S-1.27SV(71)
Description  1.27mm Pitch Multi-function Two Piece Connector
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX2-060S-1.27SV(71) Datasheet(HTML) 2 Page - Hirose Electric

  FX2-060S-1.27SV(71) Datasheet HTML 1Page - Hirose Electric FX2-060S-1.27SV(71) Datasheet HTML 2Page - Hirose Electric FX2-060S-1.27SV(71) Datasheet HTML 3Page - Hirose Electric FX2-060S-1.27SV(71) Datasheet HTML 4Page - Hirose Electric FX2-060S-1.27SV(71) Datasheet HTML 5Page - Hirose Electric FX2-060S-1.27SV(71) Datasheet HTML 6Page - Hirose Electric FX2-060S-1.27SV(71) Datasheet HTML 7Page - Hirose Electric FX2-060S-1.27SV(71) Datasheet HTML 8Page - Hirose Electric FX2-060S-1.27SV(71) Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
A86
FX2 Series
1.27mm Pitch Multi-function Two Piece Connector
3. Board to board type
q Flux swell prevention
The straight through hole type takes the complete flux
tight action from the board back side at solder dipping.
The type is prepared, corresponding to whether or not
cleaning is required.
w Stack height 12mm to 16mm
The board stack height can be set to every 1 mm unit up
to 12 to 16mm.
e Mis-insertion preventive mechanism
The mating area is designed in a mechanism so as to
prevent mis-insertion, and complete countermeasures
have been taken against wrenching.
4. Board to cable type
q Complete lock with easy operation
Employing the inner lock system, complete lock and eject
actions can be performed with easy operation.
w Applicable cable
The applicable cable is the <UL2651>AWG#28 flat cable
(7/0.127mm), and the jacket size is 0.9±0.1mm.
5. SMT type
Strength security with metaltab
The right angle type is equipped with metaltab to secure
soldering strength, and constructed so as to fix by
screws. The straight type can choose whether or not
metaltab are required.
■Applications
Computers, peripheral equipments, various machines etc.
■Product Specifications
Rating
Current rating 0.5A
Operating Temperature Range -55ç to +85ç (Note 1) Storage Temperature Range -10ç to +60ç (Note 2)
Voltage rating 125V AC Operating Humidity Range 40 to 80%
Storage Humidity Range 40 to 70%
(Note 2)
Item
Specification
Condition
1. Insulation Resistance
1000M ohms min
250V DC
2. Withstanding Voltage
No flashover or insulation breakdown.
300V AC/1 minute
3. Contact Resistance
45m ohms max.
100mA
4. Vibration
No electrical discontinuity of 1μs or more
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
5.
Humidity (Steady state) Contact resistance: 55m ohms max. Insulation resistance: 100M ohms min. 96 hours at temperature of 40ç and humidity of 90% to 95%
Contact resistance: 55m ohms max.
(-55ç: 30 minutes
→15 to 35ç: 2 to 3 minutes →
6. Temperature Cycle
Insulation resistance: 100M ohms min.
(-85ç: 30 minutes
→15 to 35ç: 2 to 3 minutes) 5 cycles
No damage, cracks, or parts looseness.
7. Durability (Mating/un-mating) Contact resistance: 55 m ohms max.
500 cycles
SMT Type
Reflow: At the recommended temperature profile
8. Resistance to soldering heat
No deformation of components affecting performance.
Manual soldering: 360ç for 5 seconds
DIP Type
Solder bath: 260ç for 10 seconds
Manual soldering: 360ç for 5 seconds
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Note 3: Information contained in this catalog represents general requirements for this Series.Contact us for the drawings and specifications for
a specific part number shown.
■Material
Parts
Material
Finish
Remark
Insulator
Dip type
Polyamid
Black
Socket
PBT/Polyamid
UL94V-0
SMT type
PPS
Light brown
Contact
Receptacle
Phosphor bronze
Socket
Selective gold plated
________
Header
Phosphor bronze or brass
■Stacking Variation
Receptacle
Header
Dip type
SMT type
FX2C-*S-1.27DSA(L)
FX2CA-*S-1.27DSA(L)
FX2C2-*S-1.27DSA(L)
FX2CA2-*S-1.27DSA(L)
FX2-*S-1.27SV(L)
FX2C-*P-1.27DSA(L)
FX2CA-*P-1.27DSA(L)
FX2CA1-*P-1.27DSA(L)
FX2CA2-*P-1.27DSA(L)
FX2-*P-1.27SV(L)
Dip type
SMT type
12.0
13.0
14.0
12.1
14.0
15.0
16.0
14.1
12.2
13.2
14.2
12.3
Unit:mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - FX2-060S-1.27SV(71)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX2-060S-1.27SV HIROSE-FX2-060S-1.27SV Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
FX2-060S-1.27SVL HIROSE-FX2-060S-1.27SVL Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
More results

Similar Description - FX2-060S-1.27SV(71)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX2C-20S-1.27DSA HIROSE-FX2C-20S-1.27DSA Datasheet
821Kb / 31P
   1.27mm Pitch Multi-function Two Piece Connector
FX2 HIROSE-FX2 Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
FX2B-32SA-1.27R HIROSE-FX2B-32SA-1.27R Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
List of Unclassifed Man...
FX2B-68PA-127DS ETC-FX2B-68PA-127DS Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
Hirose Electric
FX2C-020S-1.27DSA HIROSE-FX2C-020S-1.27DSA_1 Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
HIF6-020D-1.27R HIROSE-HIF6-020D-1.27R Datasheet
1Mb / 8P
   1.27mm Pitch Two-Piece Connector
HIF6A-20DA-1.27DSAL HIROSE-HIF6A-20DA-1.27DSAL_1 Datasheet
695Kb / 18P
   1.27mm Pitch Two-Piece Connector
HIF6 HIROSE-HIF6 Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
logo
Harwin Plc
P13-0123 HARWIN-P13-0123 Datasheet
60Kb / 1P
   1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE
S13-503 HARWIN-S13-503 Datasheet
59Kb / 1P
   1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE SLEEVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com