Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSP315P-E6327 Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # BSP315P-E6327
Description  SIPMOS횘 Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP315P-E6327 Datasheet(HTML) 6 Page - Infineon Technologies AG

  BSP315P-E6327 Datasheet HTML 1Page - Infineon Technologies AG BSP315P-E6327 Datasheet HTML 2Page - Infineon Technologies AG BSP315P-E6327 Datasheet HTML 3Page - Infineon Technologies AG BSP315P-E6327 Datasheet HTML 4Page - Infineon Technologies AG BSP315P-E6327 Datasheet HTML 5Page - Infineon Technologies AG BSP315P-E6327 Datasheet HTML 6Page - Infineon Technologies AG BSP315P-E6327 Datasheet HTML 7Page - Infineon Technologies AG BSP315P-E6327 Datasheet HTML 8Page - Infineon Technologies AG BSP315P-E6327 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
BSP315P
Typ. drain-source-on-resistance
RDS(on) = f (ID)
parameter:
VGS
0.0
-0.4
-0.8
-1.2
-1.6
-2.0
A
-2.6
ID
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.6
BSP 315 P
a
VGS [V] =
a
-2.5
b
b
-3.0
c
c
-3.5
d
d
-4.0
e
e
-4.5
f
f
-5.0
g
g
-5.5
h
h
-6.0
i
i
-6.5
j
j
-7.0
k
k
-8.0
l
l
-10.0
Typ. output characteristics
ID = f (VDS)
parameter:
tp = 80 µs
0.0 -0.5 -1.0 -1.5 -2.0 -2.5 -3.0 -3.5 -4.0 V
-5.0
VDS
0.0
-0.2
-0.4
-0.6
-0.8
-1.0
-1.2
-1.4
-1.6
-1.8
-2.0
-2.2
-2.4
A
-2.8
BSP 315 P
VGS [V]
a
a
-2.5
b
b
-3.0
c
c
-3.5
d
d
-4.0
e
e
-4.5
f
f
-5.0
g
g
-5.5
h
h
-6.0
i
i
-6.5
j
j
-7.0
k
k
-8.0
l
Ptot = 2W
l
-10.0
Typ. transfer characteristics
ID= f ( VGS )
VDS≥ 2 x ID x RDS(on)max
parameter:
tp = 80 µs
0.0
-1.0
-2.0
-3.0
-4.0
V
-6.0
VGS
0.0
-0.5
-1.0
-1.5
-2.0
A
-3.0
Typ. forward transconductance
gfs = f(ID); Tj=25°C
parameter:
gfs
0.0
0.5
1.0
1.5
2.0
A
3.0
ID
0.0
0.5
1.0
1.5
S
2.5
20
12-11-26
Rev.1.
7
Page 6


Similar Part No. - BSP315P-E6327

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP315P INFINEON-BSP315P Datasheet
83Kb / 9P
   SIPMOS Small-Signal-Transistor
1999-09-14
BSP315P INFINEON-BSP315P Datasheet
12Mb / 9P
   SIPMOS Small-Signal-Transistor
Rev.1.4 2007-02-08
BSP315P INFINEON-BSP315P Datasheet
486Kb / 10P
   SIPMOS Small-Signal-Transistor
Rev.1.7 2012-11-26
logo
Kersemi Electronic Co.,...
BSP315P KERSEMI-BSP315P Datasheet
725Kb / 5P
   Green device available.
logo
VBsemi Electronics Co.,...
BSP315P VBSEMI-BSP315P Datasheet
953Kb / 7P
   P-Channel 60-V (D-S) MOSFET
More results

Similar Description - BSP315P-E6327

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO615CG INFINEON-BSO615CG_12 Datasheet
440Kb / 13P
   SIPMOS횘 Small-Signal-Transistor
2012-04-04
BSO612CV INFINEON-BSO612CV_12 Datasheet
392Kb / 13P
   SIPMOS횘 Small-Signal-Transistor
2012-04-04
SN7002W INFINEON-SN7002W_11 Datasheet
317Kb / 8P
   SIPMOS횘 Small-Signal-Transistor
Rev. 2.5 2011-07-13
BSP613P INFINEON-BSP613P_16 Datasheet
387Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev.2.8 2016-05-30
SN7002N INFINEON-SN7002N_11 Datasheet
333Kb / 9P
   SIPMOS횘 Small-Signal-Transistor
Rev. 2.6 2011-07-11
SN7002W INFINEON-SN7002W_09 Datasheet
1Mb / 8P
   SIPMOS횘 Small-Signal-Transistor Feature N-Channel Enhancement mode
Rev. 2.4 2009-08-19
SPB80P06PG INFINEON-SPB80P06PG_11 Datasheet
613Kb / 11P
   SIPMOS횘 Power-Transistor
Rev 1.6 2011-09-01
SPP80P06PH INFINEON-SPP80P06PH Datasheet
612Kb / 11P
   SIPMOS횘 Power-Transistor
Rev 1.5 2011-09-01
SPP08P06PH INFINEON-SPP08P06PH Datasheet
484Kb / 10P
   SIPMOS횘 Power-Transistor
Rev 1.6 2011-08-31
SPD30N03 INFINEON-SPD30N03 Datasheet
111Kb / 8P
   SIPMOS횘 Power Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com