Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD8369ARU-REEL7 Datasheet(PDF) 5 Page - Analog Devices

Part # AD8369ARU-REEL7
Description  45 dB Digitally Controlled VGA LF to 600 MHz
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8369ARU-REEL7 Datasheet(HTML) 5 Page - Analog Devices

  AD8369ARU-REEL7 Datasheet HTML 1Page - Analog Devices AD8369ARU-REEL7 Datasheet HTML 2Page - Analog Devices AD8369ARU-REEL7 Datasheet HTML 3Page - Analog Devices AD8369ARU-REEL7 Datasheet HTML 4Page - Analog Devices AD8369ARU-REEL7 Datasheet HTML 5Page - Analog Devices AD8369ARU-REEL7 Datasheet HTML 6Page - Analog Devices AD8369ARU-REEL7 Datasheet HTML 7Page - Analog Devices AD8369ARU-REEL7 Datasheet HTML 8Page - Analog Devices AD8369ARU-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
REV. 0
AD8369
–5–
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
AD8369 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are recommended
to avoid performance degradation or loss of functionality.
ABSOLUTE MAXIMUM RATINGS
*
Supply Voltage VS, VPOS . . . . . . . . . . . . . . . . . . . . . . . . 5.5 V
PWUP . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VS + 200 mV
BIT0, BIT1, BIT2, BIT3, DENB, SENB . . . . . . VS + 200 mV
Input Voltage, VINHI – VINLO . . . . . . . . . . . . . . . . . . . . . . . . 4 V
Input Voltage, VINHI or VINLO with respect to COMM . . 4.5 V
Input Voltage, VINHI – VINLO with respect to COMM
................................ COMM – 200 mV
Internal Power Dissipation . . . . . . . . . . . . . . . . . . . . . 265 mW
JA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150
∞C/W
Maximum Junction Temperature . . . . . . . . . . . . . . . . . 125
∞C
Operating Temperature Range . . . . . . . . . . . . –40
∞C to +85∞C
Storage Temperature Range . . . . . . . . . . . . . –65
∞C to +150∞C
Lead Temperature Range (soldering 60 sec) . . . . . . . to 300
∞C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other condition s above those indicated in the operational
section of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
AD8369ARU
–40ºC to +85ºC
Tube, 16-Lead TSSOP
RU-16
AD8369ARU-REEL7 –40ºC to +85ºC
7" Tape and Reel
AD8369EVAL
Evaluation Board
Table I. Typical Voltage Gain vs. Gain Code (VS = 5 V, f = 70 MHz)
Typical
Typical
Gain
Gain (dB)
Gain (dB)
Code
BIT3 BIT2 BIT1 BIT0 RL = 1 k
RL = 200
00
000–5
–10
10
001–2
–7
20
0101
–4
30
0114
–1
40
1007
2
50
10110
5
60
11013
8
70
11116
11
81
00019
14
91
00122
17
10
1
01025
20
11
1
01128
23
12
1
10031
26
13
1
10134
29
14
1
11037
32
15
1
11140
35


Similar Part No. - AD8369ARU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8369ARU-REEL7 AD-AD8369ARU-REEL7 Datasheet
968Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
More results

Similar Description - AD8369ARU-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8369 AD-AD8369 Datasheet
968Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369 AD-AD8369_15 Datasheet
809Kb / 24P
   45 dB Digitally Controlled VGA LF to 600 MHz
REV. 0
AD8369 AD-AD8369_17 Datasheet
856Kb / 24P
   45 dB Digitally Controlled VGA
AD8370-EVALZ AD-AD8370-EVALZ Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370ARE AD-AD8370ARE Datasheet
1Mb / 28P
   LF to 750 MHz Digitally Controlled VGA
REV. 0
AD8370 AD-AD8370_15 Datasheet
774Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. B
AD8370 AD-AD8370_05 Datasheet
826Kb / 28P
   LF to 750 MHz, Digitally Controlled VGA
REV. A
ADL5243 AD-ADL5243 Datasheet
1Mb / 32P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. A
ADL5240 AD-ADL5240_13 Datasheet
1Mb / 28P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
ADL5240 AD-ADL5240 Datasheet
1Mb / 24P
   100 MHz to 4000 MHz RF/IF Digitally Controlled VGA
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com