Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDTCV174CPVG Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDTCV174CPVG
Description  PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDTCV174CPVG Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDTCV174CPVG Datasheet HTML 6Page - Integrated Device Technology IDTCV174CPVG Datasheet HTML 7Page - Integrated Device Technology IDTCV174CPVG Datasheet HTML 8Page - Integrated Device Technology IDTCV174CPVG Datasheet HTML 9Page - Integrated Device Technology IDTCV174CPVG Datasheet HTML 10Page - Integrated Device Technology IDTCV174CPVG Datasheet HTML 11Page - Integrated Device Technology IDTCV174CPVG Datasheet HTML 12Page - Integrated Device Technology IDTCV174CPVG Datasheet HTML 13Page - Integrated Device Technology IDTCV174CPVG Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
COMMERCIALTEMPERATURERANGE
10
IDTCV174C
PROGRAMMABLEFLEXPCCLOCKFORP4PROCESSOR
BYTE 14
Bit
Output(s)Affected
Description / Function
0
1
Type
Power On
7
SRC skew selection
250ps
400ps
RW
0
6
Reserved
RW
0
5
Reserved
RW
0
4
SRC3, 4, 5, 6
Strength(outputimpedance)
17
25
RW
0
3
SRC2, 7, 8
Strength
17
25
RW
0
2
CPU strength
Strength
17
25
RW
0
1
SRC0/ DOT strength
Strength
17
25
RW
0
0
SRC1/ PLL3CLK Strength
Strength
17
25
RW
0
BYTE 16
Bit
Output(s)Affected
Description / Function
0
1
Type
Power On
7
WDEAPD
Set Byte15 bit7 = 1 after Power Down
Disabled
Enabled
RW
0
to enable the watch dog after the power down
6
Reserved
RW
0
5
Reserved
RW
0
4
Reserved
RW
0
3
Reserved
RW
0
2
IB1
Increment bit1, fine tune CPU frequnecy
See IB table
RW
0
1
IB0
Incrementbit0
See IB table
RW
0
0
CPUN8
RW
FS latch
BYTE 17 (PLL1)
Bit
Output(s)Affected
Description / Function
0
1
Type
Power On
7
CPUN7
RW
6
CPUN6
RW
5
CPUN5
CPU frequency = N*Resolution
RW
4
CPUN4
(seeResolutiontable,
RW
FS latch
3
CPUN3
N-ProgrammingProcedure)
RW
2
CPUN2
RW
1
CPUN1
RW
0
CPUN0
RW
BYTE 15, WATCH DOG(1)
Bit
Output(s)Affected
Description / Function
0
1
Type
Power On
7
WatchDogEnable
Watch Dog Alarm Enable
Disabled
Enabled
RW
0
6
WatchDogSelect
Watch Dog Hard/Soft Alarm Select Hard Alarm Only Hard and Soft Alarm
RW
0
5
Watch Dog Hard Alarm Status
Watch Dog Hard Alarm Status
Normal
Alarm
R
4
Watch Dog Soft Alarm Status
Watch Dog Soft Alarm Status
Normal
Alarm
R
3
WatchDogcontrol
Watch Dog Time Base Control
290msbase
1160msbase
RW
0
2
WD_1_Timer2
WatchDog_1_AlarmTimer
RW
1
1
WD_1_Timer1
Defaultis7*290ms
RW
1
0
WD_1_Timer0
RW
1
NOTE:
1. Hard Alarm switch to HW FS frequency.


Similar Part No. - IDTCV174CPVG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDTCV174C RENESAS-IDTCV174C Datasheet
277Kb / 22P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
MAY 2006
More results

Similar Description - IDTCV174CPVG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTCV125 IDT-IDTCV125 Datasheet
223Kb / 24P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV122C IDT-IDTCV122C Datasheet
183Kb / 19P
   PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV152 IDT-IDTCV152 Datasheet
91Kb / 15P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
logo
Renesas Technology Corp
IDTCV174C RENESAS-IDTCV174C Datasheet
277Kb / 22P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
MAY 2006
IDTCV142 RENESAS-IDTCV142 Datasheet
280Kb / 21P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
FEBRUARY 2005
logo
Integrated Device Techn...
IDTCV115-2 IDT-IDTCV115-2 Datasheet
107Kb / 19P
   PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV144 IDT-IDTCV144 Datasheet
484Kb / 25P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
IDTCV122CPVG IDT-IDTCV122CPVG Datasheet
183Kb / 19P
   PROGRAMMABLE FLEXPC??CLOCK FOR P4 PROCESSOR
IDTCV123 IDT-IDTCV123 Datasheet
78Kb / 16P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
logo
Renesas Technology Corp
IDTCV133 RENESAS-IDTCV133 Datasheet
312Kb / 27P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
JANUARY 2005
IDTCV126 RENESAS-IDTCV126 Datasheet
260Kb / 17P
   PROGRAMMABLE FLEXPC CLOCK FOR P4 PROCESSOR
JUNE 22, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com