Part Name
         Description
MRF275G

 150 W, 28 V, 500 MHz N.CHANNEL MOS BROADBAND 100 - 500 MHz RF POWER FET ( 12 Page)


MOTOROLA
100% 
Zoom Out Zoom In
 
 4 page
background image
MRF275G
4
MOTOROLA RF DEVICE DATA
TYPICAL CHARACTERISTICS
Figure 2. Output Power versus Input Power
250
Pin, INPUT POWER (Watts)
0
10
50
150
100
Figure 3. Output Power versus Gate Voltage
0
–8
VGS, GATE–SOURCE VOLTAGE (V)
160
20
515
120
–10
0
0
200
–6
–4
Figure 4. Drain Current versus Gate Voltage
(Transfer Characteristics)
10
VGS, GATE–SOURCE VOLTAGE (V)
0
4
Figure 5. Output Power versus Supply Voltage
140
VDD, SUPPLY VOLTAGE (V)
2
20
Figure 6. Output Power versus Supply Voltage
VDD, SUPPLY VOLTAGE (V)
40
0
120
Figure 7. Output Power versus Supply Voltage
VDD, SUPPLY VOLTAGE (V)
0
200
0
100
100
60
14
16
12
80
200
300
18
20
28
180
3
5
6
7
60
100
80
20
3
15
140
160
250
150
25
IDQ = 2 x 100 mA
VDD = 28 V
4
2
VDS = 28 V
IDQ = 2 x 100 mA
Pin = Constant
f = 500 MHz
9
8
24
10 W
6 W
Pin = 14 W
VDS = 10 V
VGS(th) = 2.5 V
500 MHz
400 MHz
225 MHz
40
–2
2
4
1
4.5
2.5
0.5
3.5
1.5
120
0
80
40
160
22
26
20
100
60
180
140
10 W
6 W
Pin = 14 W
IDQ = 2 x 100 mA
f = 400 MHz
50
10 W
12 W
Pin = 4 W
IDQ = 2 x 100 mA
f = 225 MHz
IDQ = 2 x 100 mA
f = 500 MHz
14
16
12
18
20
28
24
22
26
14
16
12
18
20
28
24
22
26



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MRF275GN-CHANNEL MOS BROADBAND 100 . 500 MHz RF POWER FET 1 2 3 4 5 MoreTyco Electronics
MRF134N.CHANNEL MOS BROADBAND RF POWER FET 1 2 3 4 5 MoreTyco Electronics
UF28150JPOWER MOSFET TRANSISTOR 150 WATTS 100 - 500 MHz 28 V 1 2 3 Tyco Electronics
UF281OOMRF MOSFET Power Transistor lOOW 28V 100 - 500 MHz 1 2 3 Tyco Electronics
UF281OOVRF MOSFET Power Transistor IOOW 28V 100 - 500 MHz 1 2 3 Tyco Electronics
UF2820PRF MOSFET Power Transistor 2OW 28V 100 - 500 MHz 1 2 3 Tyco Electronics
UF2820RRF MOSFET Power Transistor 2OW 28V 100 - 500 MHz 1 2 3 Tyco Electronics
UF2840GRF MOSFET Power Transistor 4OW 28V 100 - 500 MHz 1 2 3 Tyco Electronics
UF284OPRF MOSFET Power Transistor 4OW 28V 100 - 500 MHz 1 2 3 Tyco Electronics
MRF174N-CHANNEL MOS BROADBAND RF POWER FET 1 2 3 4 5 MoreTyco Electronics

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl