Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDZ5.6 Datasheet(PDF) 2 Page - Rohm

Part # TDZ5.6
Description  Small mold type. (TUMD2), High reliability.
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

TDZ5.6 Datasheet(HTML) 2 Page - Rohm

  TDZ5.6 Datasheet HTML 1Page - Rohm TDZ5.6 Datasheet HTML 2Page - Rohm TDZ5.6 Datasheet HTML 3Page - Rohm TDZ5.6 Datasheet HTML 4Page - Rohm TDZ5.6 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TDZ10
Diodes
Rev.C
2/4
Electrical characteristics (Ta=25 C)
Type No.
MIN.
MAX.
Iz(mA)
MAX.
VR(V)
TDZ 5.1
4.60
5.60
10
10
1.5
TDZ 5.6
5.10
6.10
10
10
2.5
TDZ 6.2
5.60
6.80
10
10
3.0
TDZ 6.8
6.20
7.40
10
10
3.5
TDZ 7.5
6.80
8.30
10
10
4.5
TDZ 8.2
7.40
9.00
10
10
4.9
TDZ 9.1
8.20
10.00
10
10
5.5
TDZ 10
9.00
11.00
10
10
6.0
TDZ 11
9.90
12.10
10
10
7.0
TDZ 12
10.80
13.20
10
10
8.0
TDZ 13
11.70
14.30
10
10
9.0
TDZ 15
13.50
16.50
10
10
10.0
TDZ 16
14.40
17.60
10
10
11.0
TDZ 18
16.20
19.80
10
10
12.0
TDZ 20
18.00
22.00
10
10
14.0
TDZ 22
19.80
24.20
10
10
15.0
TDZ 24
21.60
26.40
10
10
16.0
TDZ 27
24.30
29.70
10
10
19.0
TDZ 30
27.00
33.00
10
10
21.0
(
)The zener voltage(Vz) is measured 40ms after power is supplied.
(
)The operating resistances(Zz,Zzk) are measured by superimposing a minute alternating current
on the regulated current(Iz)
TYP.
Symbol
Reverse current
IR(uA
Zener voltage Vz(V)
TDZ
5.1
A2
TDZ
13
35
TDZ
5.6
C2
TDZ
15
45
TDZ
6.2
E2
TDZ
16
55
TDZ
6.8
F2
TDZ
18
65
TDZ
7.5
H2
TDZ
20
75
TDZ
8.2
J2
TDZ
22
85
TDZ
9.1
L2
TDZ
24
95
TDZ
10
05
TDZ
27
A5
TDZ
11
15
TDZ
30
C5
TDZ
12
25


Similar Part No. - TDZ5.6

ManufacturerPart #DatasheetDescription
logo
Rohm
TDZ5.6 ROHM-TDZ5.6 Datasheet
155Kb / 5P
   Zener diode
TDZ5.6 ROHM-TDZ5.6 Datasheet
142Kb / 5P
   Zener diode
TDZ5.6 ROHM-TDZ5.6 Datasheet
160Kb / 5P
   Zener diode
TDZ5.6 ROHM-TDZ5.6 Datasheet
143Kb / 5P
   Zener diode
TDZ5.6 ROHM-TDZ5.6 Datasheet
142Kb / 5P
   Zener diode
More results

Similar Description - TDZ5.6

ManufacturerPart #DatasheetDescription
logo
Rohm
KDZTR24B ROHM-KDZTR24B Datasheet
117Kb / 5P
   Small power mold type.
KDZTR5.1B ROHM-KDZTR5.1B Datasheet
117Kb / 5P
   Small power mold type.
KDZTR6.2B ROHM-KDZTR6.2B Datasheet
116Kb / 5P
   Small power mold type.
PTZTE2520A ROHM-PTZTE2520A Datasheet
444Kb / 11P
   Small power mold type
KDZTR20B ROHM-KDZTR20B Datasheet
118Kb / 5P
   Small power mold type
PTZTE2515B ROHM-PTZTE2515B Datasheet
154Kb / 5P
   Small power mold type. (PMDS)
logo
SHIKUES Electronics
RB715F SKTECHNOLGY-RB715F Datasheet
700Kb / 3P
   Extra small power mold type
logo
Rohm
PTZTE2530B ROHM-PTZTE2530B Datasheet
154Kb / 5P
   Small power mold type. (PMDS)
VMZ6.8NT2L ROHM-VMZ6.8NT2L Datasheet
133Kb / 3P
   Ultra small mold type. (VMD3)
PTZTE2524B ROHM-PTZTE2524B Datasheet
154Kb / 5P
   Small power mold type. (PMDS)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com