Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF12B(3.0)-50DP-0.5V(86) Datasheet(PDF) 11 Page - Hirose Electric

Part # DF12B(3.0)-50DP-0.5V(86)
Description  0.5mm Pitch SMT Board to Board Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF12B(3.0)-50DP-0.5V(86) Datasheet(HTML) 11 Page - Hirose Electric

Back Button DF12B(3.0)-50DP-0.5V(86) Datasheet HTML 4Page - Hirose Electric DF12B(3.0)-50DP-0.5V(86) Datasheet HTML 5Page - Hirose Electric DF12B(3.0)-50DP-0.5V(86) Datasheet HTML 6Page - Hirose Electric DF12B(3.0)-50DP-0.5V(86) Datasheet HTML 7Page - Hirose Electric DF12B(3.0)-50DP-0.5V(86) Datasheet HTML 8Page - Hirose Electric DF12B(3.0)-50DP-0.5V(86) Datasheet HTML 9Page - Hirose Electric DF12B(3.0)-50DP-0.5V(86) Datasheet HTML 10Page - Hirose Electric DF12B(3.0)-50DP-0.5V(86) Datasheet HTML 11Page - Hirose Electric DF12B(3.0)-50DP-0.5V(86) Datasheet HTML 12Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
A203
DF12 Seriesq0.5mm Pitch SMT Board to Board Connector
BPrecautions for Use
1.Recommended Temperature Profile (SMT)
Note1: UP to 2 cycles of Reflow soldering are possible under the
same conditions, provided that there is a return to normal
temperature between the first and second cycle.
Note2: The temperature profile indicates the board surface
temperature at the point of contacts with the connector
terminals.
2.Recommended Manual Soldering Condition (SMT) Soldering iron temperature: 350ç, Soldering time: Within 3 seconds
3.Recommended Screen Thickness and 0.12mm
open area ratio(Pattern area ratio)
Open area ratio: 70%
4.Board Warp(SMT)
Maxmum 0.02mm in the connector center area, based on both connector edges
5.Cleaning Condition
Refer to "Nylon Connector Use Hand book".
6.Cautions
s The receptacle is designed in a structure where contacts are exposed. Touching it with
bare hands would cause contact failure or electrostatic element damage.
s Where no board is mounted, the insertion or extraction will cause damage or
contact deformation.
s Avoid retaining the board with the connector only, and fix the board by any other means
than the connector.
s Excessive scoop insertion or extraction may result in damage.
s In the manual soldering process, don't carry out the flux coating which will cause a flux
blister on the connector.
s The color phase of this product may be slightly different from that of the formed product
according to the manufacturing lot. However, the difference doesn't affect the performance.
50
60sec max
Soldering
100
150
200
250
Time (sec)
Temperature (ç)
0
100
150
200
250
50
300
90 to 120sec
Preheating
180ç
250ç
220ç
150ç
Room
temperature
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF12B(3.0)-50DP-0.5V(86)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12B-20DP-0.5V HIROSE-DF12B-20DP-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12B-20DS-0.5V HIROSE-DF12B-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12B-20DS-0.5V HIROSE-DF12B-20DS-0.5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF12B-30DP-0.5V HIROSE-DF12B-30DP-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12B-30DS-0.5V HIROSE-DF12B-30DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
More results

Similar Description - DF12B(3.0)-50DP-0.5V(86)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF16-14DS-0.5V HIROSE-DF16-14DS-0.5V Datasheet
236Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
Harwin Plc
M58-250R HARWIN-M58-250R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-350R HARWIN-M58-350R Datasheet
209Kb / 2P
   MALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
logo
Hirose Electric
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com