Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

871002AGI-02T Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 871002AGI-02T
Description  Differential-to-0.7V HCSL Differential PCI EXPRESS??Jitter Attenuator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

871002AGI-02T Datasheet(HTML) 2 Page - Integrated Device Technology

  871002AGI-02T Datasheet HTML 1Page - Integrated Device Technology 871002AGI-02T Datasheet HTML 2Page - Integrated Device Technology 871002AGI-02T Datasheet HTML 3Page - Integrated Device Technology 871002AGI-02T Datasheet HTML 4Page - Integrated Device Technology 871002AGI-02T Datasheet HTML 5Page - Integrated Device Technology 871002AGI-02T Datasheet HTML 6Page - Integrated Device Technology 871002AGI-02T Datasheet HTML 7Page - Integrated Device Technology 871002AGI-02T Datasheet HTML 8Page - Integrated Device Technology 871002AGI-02T Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ICS871002I-02 Data Sheet
PCI EXPRESS™ JITTER ATTENUATOR
ICS871002AGI-02 REVISION A APRIL 14, 2010
2
©2010 Integrated Device Technology, Inc.
Table 1. Pin Descriptions
NOTE: Pullup and Pulldown refer to internal input resistors. See Table 2, Pin Characteristics, for typical values.
Table 2. Pin Characteristics
Number
Name
Type
Description
1, 20
nQ0, nQ0
Output
Differential output pair. HCSL interface levels.
2
IREF
Input
A fixed precision resistor (475
) from this pin to ground provides a reference
current used for differential current-mode Qx/nQx clock outputs.
3,
4
FB_OUT,
nFB_OUT
Output
Differential feedback output pair. HCSL interface levels.
5
MR
Input
Pulldown
Active HIGH Master Reset. When logic HIGH, the internal dividers are reset
causing the true outputs (Qx, FB_OUT) to go low and the inverted outputs (nQx,
nFB_OUT) to go high. When logic LOW, the internal dividers and the outputs are
enabled. LVCMOS/LVTTL interface levels.
6
BW_SEL
Input
Pulldown
PLL Bandwidth select input. 0 = 350kHz, 1 = 2200kHz. See Table 3B.
7,
9
F_SEL1,
F_SEL0
Input
Pullup
Pulldown
Frequency select pins. See Table 3C. LVCMOS/LVTTL interface levels
8VDDA
Power
Analog supply pin.
10, 19
VDD
Power
Core supply pins.
11
OE
Input
Pullup
Output enable pin. When HIGH, the outputs are active. When LOW, the outputs are
in a high impedance state. LVCMOS/LVTTL interface levels. See Table 3A.
12
CLK
Input
Pulldown
Non-inverting differential clock input.
13
nCLK
Input
Pullup
Inverting differential clock input.
14
GND
Power
Power supply ground.
15
FB_IN
Input
Pulldown
Non-inverting differential feedback clock input.
16
nFB_IN
Input
Pullup
Inverting differential feedback clock input.
17, 18
nQ1, Q1
Output
Differential output pair. HCSL interface levels.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN Input Pulldown Resistor
51
k


Similar Part No. - 871002AGI-02T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
871002I-02 RENESAS-871002I-02 Datasheet
353Kb / 17P
   Differential-to-0.7V HCSL Differential PCI EXPRESS™ Jitter Attenuator
7/13/15
More results

Similar Description - 871002AGI-02T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
871002I-02 RENESAS-871002I-02 Datasheet
353Kb / 17P
   Differential-to-0.7V HCSL Differential PCI EXPRESS™ Jitter Attenuator
7/13/15
logo
Integrated Device Techn...
ICS871004I-04 IDT-ICS871004I-04 Datasheet
649Kb / 15P
   DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004I IDT-ICS8741004I Datasheet
1Mb / 20P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
ICS871S1022 RENESAS-ICS871S1022 Datasheet
970Kb / 23P
   Differential-to-0.7V Differential PCI Express™ Jitter Attenuator
2019
logo
Integrated Device Techn...
ICS8741004 IDT-ICS8741004_1 Datasheet
1Mb / 19P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004 IDT-ICS8741004 Datasheet
793Kb / 17P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
ICS871004I-04 RENESAS-ICS871004I-04 Datasheet
1Mb / 20P
   Differential-to-HCSL Differential PCI EXPRESS™ Jitter Attenuator
SEPTEMBER 5, 2012
8741004I RENESAS-8741004I Datasheet
633Kb / 23P
   Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
January 27, 2016
8741004 RENESAS-8741004 Datasheet
606Kb / 20P
   Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
7/20/15
logo
Integrated Device Techn...
841S012DI IDT-841S012DI Datasheet
289Kb / 23P
   Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com