Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

871002AGI-02LF Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 871002AGI-02LF
Description  Differential-to-0.7V HCSL Differential PCI EXPRESS??Jitter Attenuator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

871002AGI-02LF Datasheet(HTML) 5 Page - Integrated Device Technology

  871002AGI-02LF Datasheet HTML 1Page - Integrated Device Technology 871002AGI-02LF Datasheet HTML 2Page - Integrated Device Technology 871002AGI-02LF Datasheet HTML 3Page - Integrated Device Technology 871002AGI-02LF Datasheet HTML 4Page - Integrated Device Technology 871002AGI-02LF Datasheet HTML 5Page - Integrated Device Technology 871002AGI-02LF Datasheet HTML 6Page - Integrated Device Technology 871002AGI-02LF Datasheet HTML 7Page - Integrated Device Technology 871002AGI-02LF Datasheet HTML 8Page - Integrated Device Technology 871002AGI-02LF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ICS871002I-02 Data Sheet
PCI EXPRESS™ JITTER ATTENUATOR
ICS871002AGI-02 REVISION A APRIL 14, 2010
5
©2010 Integrated Device Technology, Inc.
Table 5. 0.7V HCSL Differential AC Characteristics, VDD = 3.3V ± 10%, TA = -40°C to 85°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE: All parameters measured at f
≤ 250MHz unless noted otherwise.
NOTE 1: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 2: Measurement taken from single ended waveform.
NOTE 3: Defined as the maximum instantaneous voltage including overshoot. See Parameter Measurement Information Section.
NOTE 4: Defined as the minimum instantaneous voltage including undershoot. See Parameter Measurement Information Section.
NOTE 5: Measurement taken from differential waveform.
NOTE 6:TSTABLE is the time the differential clock must maintain a minimum ± 150mV differential voltage after rising/falling edges before it is
allowed to drop back into the VRB ±100mV differential range.
NOTE 7: Measured at crossing point where the instantaneous voltage value of the rising edge of Q equals the falling edge of nQ.
NOTE 8: Refers to the total variation from the lowest crossing point to the highest, regardless of which edge is crossing. Refers to all crossing
points for this measurement.
NOTE 9: Defined as the total variation of all crossing voltages of rising Q and falling nQ, This is the maximum allowed variance in Vcross for
any particular system.
NOTE 10: Input duty cycle must be 50%.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fMAX
Output Frequency
98
640
MHz
tjit(cc)
Cycle-to-Cycle Jitter; NOTE 1
PLL Mode
45
ps
VMAX
Absolute Max. Output Voltage;
NOTE 2, 3
1150
mV
VMIN
Absolute Min. Output Voltage;
NOTE 2, 4
-300
mV
VRB
Ringback Voltage; NOTE 5, 6
-100
100
mV
VCROSS
Absolute Crossing Voltage;
NOTE 2, 7, 8
200
550
mV
∆V
CROSS
Total Variation of VCROSS over
all edges; NOTE 2, 7, 9
140
mV
tR / tF
Output Rise/Fall Time
measured between -150mV to +150mV
0.6
4.75
V/ns
odc
Output Duty Cycle; NOTE 10
48
52
%


Similar Part No. - 871002AGI-02LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
871002I-02 RENESAS-871002I-02 Datasheet
353Kb / 17P
   Differential-to-0.7V HCSL Differential PCI EXPRESS™ Jitter Attenuator
7/13/15
More results

Similar Description - 871002AGI-02LF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
871002I-02 RENESAS-871002I-02 Datasheet
353Kb / 17P
   Differential-to-0.7V HCSL Differential PCI EXPRESS™ Jitter Attenuator
7/13/15
logo
Integrated Device Techn...
ICS871004I-04 IDT-ICS871004I-04 Datasheet
649Kb / 15P
   DIFFERENTIAL-TO-0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004I IDT-ICS8741004I Datasheet
1Mb / 20P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
ICS871S1022 RENESAS-ICS871S1022 Datasheet
970Kb / 23P
   Differential-to-0.7V Differential PCI Express™ Jitter Attenuator
2019
logo
Integrated Device Techn...
ICS8741004 IDT-ICS8741004_1 Datasheet
1Mb / 19P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
ICS8741004 IDT-ICS8741004 Datasheet
793Kb / 17P
   DIFFERENTIAL-TO-LVDS/0.7V DIFFERENTIAL PCI EXPRESS??JITTER ATTENUATOR
logo
Renesas Technology Corp
ICS871004I-04 RENESAS-ICS871004I-04 Datasheet
1Mb / 20P
   Differential-to-HCSL Differential PCI EXPRESS™ Jitter Attenuator
SEPTEMBER 5, 2012
8741004I RENESAS-8741004I Datasheet
633Kb / 23P
   Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
January 27, 2016
8741004 RENESAS-8741004 Datasheet
606Kb / 20P
   Differential-to-LVDS/0.7V Differential PCI Express™ Jitter Attenuator
7/20/15
logo
Integrated Device Techn...
841S012DI IDT-841S012DI Datasheet
289Kb / 23P
   Crystal-to-0.7V Differential HCSL/ LVCMOS Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com