Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX2C-060P-1.27DSA(71) Datasheet(PDF) 3 Page - Hirose Electric

Part # FX2C-060P-1.27DSA(71)
Description  1.27mm Pitch Multi-function Two Piece Connector
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX2C-060P-1.27DSA(71) Datasheet(HTML) 3 Page - Hirose Electric

  FX2C-060P-1.27DSA(71) Datasheet HTML 1Page - Hirose Electric FX2C-060P-1.27DSA(71) Datasheet HTML 2Page - Hirose Electric FX2C-060P-1.27DSA(71) Datasheet HTML 3Page - Hirose Electric FX2C-060P-1.27DSA(71) Datasheet HTML 4Page - Hirose Electric FX2C-060P-1.27DSA(71) Datasheet HTML 5Page - Hirose Electric FX2C-060P-1.27DSA(71) Datasheet HTML 6Page - Hirose Electric FX2C-060P-1.27DSA(71) Datasheet HTML 7Page - Hirose Electric FX2C-060P-1.27DSA(71) Datasheet HTML 8Page - Hirose Electric FX2C-060P-1.27DSA(71) Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
A87
FX2 Series
1.27mm Pitch Multi-function Two Piece Connector
■Ordering Information
FX2
CA 2 - * S - 1.27 DSA L
qe
wr t
y
u
i
r Number of contacts: 20, 32, 40, 52, 60, 68, 80, 100, 120
t Connector type: S: Receptacle
y Contact pitch: 1.27mm
u Contact type
DS
: Right angle type
DSA : Straight type
i L: Board prefixed pin
q Series Name :FX2
w Blank: Right angle type
C
: Straight non-cleaning type
CA
: Straight cleaning type
e Product height variation (DSA only)
Blank : Standard product
2
: +2mm
●Board to Board Receptacle
FX2
CA 1 - * P - 1.27 DSA L
qe
wr t
y
u
i
r Number of contacts: 20, 32, 40, 52, 60, 68, 80, 100, 120
t Connector type: P: header
y Contact pitch: 1.27mm
u Contact type:
DS
: Right angle type
DSA : Straight type
i L: Board prefixed pin
q Series Name :FX2
w None : Right angle type
C
: Straight non-cleaning type
CA
: Straight cleaning type
e Product height variation (DSA only)
Blank : Standard product
1
: +1mm
2
: +2mm
●Board to Board Header
FX2
BA - * S A - 1.27 R
qe
wr t
y
u
r S: Socket
t A: Contact material: phosphor bronze
y Contact pitch: 1.27mm
u R: Insulation displacement
q Series Name : FX2
w B
: Lock cable type
BA
: No lock cable type
e Number of contacts: 20, 32, 40, 52, 60, 68, 80, 100
●Board to Cable Socket
Note 1. C and CA take complete countermeasures against flux.
Note 2. Cleaning type: the liquid escape hole is added at dip cleaning.
Note 3. No-cleaning type: no liquid escape hole is added at dip cleaning.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - FX2C-060P-1.27DSA(71)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX2C-060P-1.27DSA HIROSE-FX2C-060P-1.27DSA Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
FX2C-060P-1.27DSA HIROSE-FX2C-060P-1.27DSA Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
FX2C-060P-1.27DSAL HIROSE-FX2C-060P-1.27DSAL Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
FX2C-060P-1.27DSAL HIROSE-FX2C-060P-1.27DSAL Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
More results

Similar Description - FX2C-060P-1.27DSA(71)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX2C-20S-1.27DSA HIROSE-FX2C-20S-1.27DSA Datasheet
821Kb / 31P
   1.27mm Pitch Multi-function Two Piece Connector
FX2 HIROSE-FX2 Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
FX2B-32SA-1.27R HIROSE-FX2B-32SA-1.27R Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
List of Unclassifed Man...
FX2B-68PA-127DS ETC-FX2B-68PA-127DS Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
Hirose Electric
FX2C-020S-1.27DSA HIROSE-FX2C-020S-1.27DSA_1 Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
HIF6-020D-1.27R HIROSE-HIF6-020D-1.27R Datasheet
1Mb / 8P
   1.27mm Pitch Two-Piece Connector
HIF6A-20DA-1.27DSAL HIROSE-HIF6A-20DA-1.27DSAL_1 Datasheet
695Kb / 18P
   1.27mm Pitch Two-Piece Connector
HIF6 HIROSE-HIF6 Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
logo
Harwin Plc
P13-0123 HARWIN-P13-0123 Datasheet
60Kb / 1P
   1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE
S13-503 HARWIN-S13-503 Datasheet
59Kb / 1P
   1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE SLEEVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com