Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX2C-040P-1.27DSA(71) Datasheet(PDF) 8 Page - Hirose Electric

Part # FX2C-040P-1.27DSA(71)
Description  1.27mm Pitch Multi-function Two Piece Connector
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX2C-040P-1.27DSA(71) Datasheet(HTML) 8 Page - Hirose Electric

Back Button FX2C-040P-1.27DSA(71) Datasheet HTML 4Page - Hirose Electric FX2C-040P-1.27DSA(71) Datasheet HTML 5Page - Hirose Electric FX2C-040P-1.27DSA(71) Datasheet HTML 6Page - Hirose Electric FX2C-040P-1.27DSA(71) Datasheet HTML 7Page - Hirose Electric FX2C-040P-1.27DSA(71) Datasheet HTML 8Page - Hirose Electric FX2C-040P-1.27DSA(71) Datasheet HTML 9Page - Hirose Electric FX2C-040P-1.27DSA(71) Datasheet HTML 10Page - Hirose Electric FX2C-040P-1.27DSA(71) Datasheet HTML 11Page - Hirose Electric FX2C-040P-1.27DSA(71) Datasheet HTML 12Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
A92
FX2 Series
1.27mm Pitch Multi-function Two Piece Connector
BSMT Type Application Pattern
FX2-*P-1.27SV(L)
FX2-*S-1.27SV(L)
FX2-*S-1.27SV(L)
FX2C(A)-*P-1.27DSA(L)
FX2-*P-1.27SV(L)
FX2C(A)-*S-1.27-DSA(L)
FX2-*S-1.27SV(L)
FX2C(A)1-*P-1.27DSA(L)
FX2-*P-1.27SV(L)
FX2C(A)2-*S-1.27DSA(L)
FX2-*S-1.27SV(L)
FX2C(A)2-*P-1.27DSA(L)
FX2-*S-1.27SV(L)
FX2-*P-1.27DS(L)
FX2-*P-1.27SV(L)
FX2-*S-1.27DS(L)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - FX2C-040P-1.27DSA(71)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX2C-040P-1.27DSA HIROSE-FX2C-040P-1.27DSA Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
FX2C-040P-1.27DSA HIROSE-FX2C-040P-1.27DSA Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
FX2C-040P-1.27DSAL HIROSE-FX2C-040P-1.27DSAL Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
FX2C-040P-1.27DSAL HIROSE-FX2C-040P-1.27DSAL Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
More results

Similar Description - FX2C-040P-1.27DSA(71)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX2C-20S-1.27DSA HIROSE-FX2C-20S-1.27DSA Datasheet
821Kb / 31P
   1.27mm Pitch Multi-function Two Piece Connector
FX2 HIROSE-FX2 Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
FX2B-32SA-1.27R HIROSE-FX2B-32SA-1.27R Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
List of Unclassifed Man...
FX2B-68PA-127DS ETC-FX2B-68PA-127DS Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
Hirose Electric
FX2C-020S-1.27DSA HIROSE-FX2C-020S-1.27DSA_1 Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
HIF6-020D-1.27R HIROSE-HIF6-020D-1.27R Datasheet
1Mb / 8P
   1.27mm Pitch Two-Piece Connector
HIF6A-20DA-1.27DSAL HIROSE-HIF6A-20DA-1.27DSAL_1 Datasheet
695Kb / 18P
   1.27mm Pitch Two-Piece Connector
HIF6 HIROSE-HIF6 Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
logo
Harwin Plc
P13-0123 HARWIN-P13-0123 Datasheet
60Kb / 1P
   1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE
S13-503 HARWIN-S13-503 Datasheet
59Kb / 1P
   1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE SLEEVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com