Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF12B-60DS-0.5V Datasheet(PDF) 3 Page - Hirose Electric

Part # DF12B-60DS-0.5V
Description  0.5mm Pitch SMT Board to Board Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF12B-60DS-0.5V Datasheet(HTML) 3 Page - Hirose Electric

  DF12B-60DS-0.5V Datasheet HTML 1Page - Hirose Electric DF12B-60DS-0.5V Datasheet HTML 2Page - Hirose Electric DF12B-60DS-0.5V Datasheet HTML 3Page - Hirose Electric DF12B-60DS-0.5V Datasheet HTML 4Page - Hirose Electric DF12B-60DS-0.5V Datasheet HTML 5Page - Hirose Electric DF12B-60DS-0.5V Datasheet HTML 6Page - Hirose Electric DF12B-60DS-0.5V Datasheet HTML 7Page - Hirose Electric DF12B-60DS-0.5V Datasheet HTML 8Page - Hirose Electric DF12B-60DS-0.5V Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
A195
DF12 Seriesq0.5mm Pitch SMT Board to Board Connector
sReceptacle Without metal fitting
Unit: mm
qProduct Height: 3mm Product
Note 1: Please order the embossed tape packaging product per reel. (1000 pcs./reel)
Part Number
CL No.
Number of Contacts
A
B
C
D
E
Remarks
DF12A (3.0)-10DS-0.5V (81)
537-0626-9-81
10
04.6
02.0
03.1
04.1
DF12A (3.0)-14DS-0.5V (81)
537-0915-6-81
14
05.6
03.0
04.1
05.1
DF12A (3.0)-20DS-0.5V (81)
537-0628-4-81
20
07.1
04.5
05.6
06.6
DF12A (3.0)-30DS-0.5V (81)
537-0630-6-81
30
09.6
07.0
08.1
09.1
DF12A (3.0)-32DS-0.5V (81)
537-0637-5-81
32
10.1
07.5
08.6
09.6
Without metal fitting
DF12A (3.0)-36DS-0.5V (81)
537-0631-9-81
36
11.1
08.5
09.6
10.6
2.2
With boss
DF12A (3.0)-40DS-0.5V (81)
537-0632-1-81
40
12.1
09.5
10.6
11.6
DF12A (3.0)-50DS-0.5V (81)
537-0634-7-81
50
14.6
12.0
13.1
14.1
DF12A (3.0)-60DS-0.5V (81)
537-0636-2-81
60
17.1
14.5
15.6
16.6
DF12A (3.0)-80DS-0.5V (81)
537-0638-8-81
80
22.1
19.5
20.6
21.6
DF12C (3.0)-10DS-0.5V (81)
537-0686-0-81
10
04.6
02.0
03.1
––––
DF12C (3.0)-14DS-0.5V (81)
537-0917-1-81
14
05.6
03.0
04.1
––––
DF12C (3.0)-20DS-0.5V (81)
537-0688-6-81
20
07.1
04.5
05.6
––––
DF12C (3.0)-30DS-0.5V (81)
537-0690-8-81
30
09.6
07.0
08.1
––––
DF12C (3.0)-32DS-0.5V (81)
537-0697-7-81
32
10.1
07.5
08.6
––––
Without metal fitting
DF12C (3.0)-36DS-0.5V (81)
537-0691-0-81
36
11.1
08.5
09.6
––––
2.2
Without boss
DF12C (3.0)-40DS-0.5V (81)
537-0692-3-81
40
12.1
09.5
10.6
––––
DF12C (3.0)-50DS-0.5V (81)
537-0694-9-81
50
14.6
12.0
13.1
––––
DF12C (3.0)-60DS-0.5V (81)
537-0696-4-81
60
17.1
14.5
15.6
––––
DF12C (3.0)-80DS-0.5V (81)
537-0212-6-81
80
22.1
19.5
20.6
––––
YES
RoHS
Part Number
CL No.
Number of Contacts
A
B
C
D
E
Remarks
DF12A-20DS-0.5V (81)
537-0078-5-81
20
07.1
04.5
05.6
06.6
DF12A-30DS-0.5V (81)
537-0080-7-81
30
09.6
07.0
08.1
09.1
DF12A-32DS-0.5V (81)
537-0087-6-81
32
10.1
07.5
08.6
09.6
DF12A-36DS-0.5V (81)
537-0081-0-81
36
11.1
08.5
09.6
10.6
2.7
Without metal fitting
DF12A-40DS-0.5V (81)
537-0082-2-81
40
12.1
09.5
10.6
11.6
With boss
DF12A-50DS-0.5V (81)
537-0084-8-81
50
14.6
12.0
13.1
14.1
DF12A-60DS-0.5V (81)
537-0086-3-81
60
17.1
14.5
15.6
16.6
DF12C-20DS-0.5V (81)
537-0203-5-81
20
07.1
04.5
05.6
––––
DF12C-30DS-0.5V (81)
537-0205-0-81
30
09.6
07.0
08.1
––––
DF12C-32DS-0.5V (81)
537-0212-6-81
32
10.1
07.5
08.6
––––
DF12C-36DS-0.5V (81)
537-0206-3-81
36
11.1
08.5
09.6
––––
2.7
Without metal fitting
DF12C-40DS-0.5V (81)
537-0207-6-81
40
12.1
09.5
10.6
––––
Without boss
DF12C-50DS-0.5V (81)
537-0209-1-81
50
14.6
12.0
13.1
––––
DF12C-60DS-0.5V (81)
537-0211-3-81
60
17.1
14.5
15.6
––––
Unit: mm
qProduct Height: 3.5 to 5mm Product
YES
RoHS
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF12B-60DS-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12B-60DS-0.5V HIROSE-DF12B-60DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12B-60DS-0.5V HIROSE-DF12B-60DS-0.5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
More results

Similar Description - DF12B-60DS-0.5V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF16-14DS-0.5V HIROSE-DF16-14DS-0.5V Datasheet
236Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
logo
Harwin Plc
M58-250R HARWIN-M58-250R Datasheet
309Kb / 2P
   FEMALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
M58-350R HARWIN-M58-350R Datasheet
209Kb / 2P
   MALE 0.5mm PITCH BOARD TO BOARD VERTICAL SMT
logo
Hirose Electric
DF174.0-20DS-0.5V57 HIROSE-DF174.0-20DS-0.5V57 Datasheet
201Kb / 9P
   0.5mm Pitch Board to Board Connector
DF17-26DS-0.5V HIROSE-DF17-26DS-0.5V Datasheet
285Kb / 7P
   0.5mm Pitch Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com