Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

339-1SURSYGW-S530-A2 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 339-1SURSYGW-S530-A2
Description  5.0mm Bi-Color (Multi-Color) With common Cathode(0.1 Lead Pitch) LEDs, T-1 3/4
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

339-1SURSYGW-S530-A2 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  339-1SURSYGW-S530-A2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 339-1SURSYGW-S530-A2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 339-1SURSYGW-S530-A2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 339-1SURSYGW-S530-A2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 339-1SURSYGW-S530-A2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
  
 



    !"#$

  




/ 2 +

!1
*913$)13$9
*91
@3 942
&+2
&K
.

&32) @1
*B "%88
&
%&

@ 78$
"
*+ 1 42
L$
(
%&

 8$
@ 78$

*' 2&'3;
L9
(
%&

 8$
0
@'*+ 1 
&13 
*B 8
@&
%&


3,*+ 1 
&13 
*B 8
@&
%&

%
+ 1$M
!ME".
@&
%&


@'*+ 1 
@'@)14
8N@
@&
%&




Similar Part No. - 339-1SURSYGW-S530-A2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
339-1SURSYGW-S530-A3 EVERLIGHT-339-1SURSYGW-S530-A3 Datasheet
190Kb / 9P
   Long Life feature
More results

Similar Description - 339-1SURSYGW-S530-A2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
209EGW ETC-209EGW Datasheet
117Kb / 5P
   3.0MM BI - COLOR (MULTI-COLOR) WITH COMMON CATHODE LEDS T-1
logo
Everlight Electronics C...
316UYUGW-S879 EVERLIGHT-316UYUGW-S879 Datasheet
120Kb / 5P
   4.7 mm BI-COLOR (MULTI-COLOR) WITHOUT COMMON POLARITY LEDs,T-1
logo
Gilway Technical Lamp
E203 GILWAY-E203 Datasheet
85Kb / 2P
   T-1 3/4 Bi-Color LEDs (Very Bright)
logo
Everlight Electronics C...
19-22SURSYGC EVERLIGHT-19-22SURSYGC Datasheet
177Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
logo
HK TO-GRACE TECHNOLOGY ...
19-226-R6GHC-A03-2T TO-GRACE-19-226-R6GHC-A03-2T Datasheet
981Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
logo
Everlight Electronics C...
19-226-R6GHC-A03-2T EVERLIGHT-19-226-R6GHC-A03-2T Datasheet
186Kb / 12P
   Chip LEDs with Bi-Color(Multi-Color)
67-22VRVGC-TR8 EVERLIGHT-67-22VRVGC-TR8 Datasheet
194Kb / 10P
   Bi-Color (Multi-Color) Top LEDs
67-22UYSYGC-S530-A5-TR8 EVERLIGHT-67-22UYSYGC-S530-A5-TR8 Datasheet
190Kb / 11P
   Bi-Color (Multi-Color) Top LEDs
67-22UYSYGC-S530-A5 EVERLIGHT-67-22UYSYGC-S530-A5 Datasheet
190Kb / 11P
   Bi-Color (Multi-Color) Top LEDs
67-22UYSYGC-S530-A5-TR8 EVERLIGHT-67-22UYSYGC-S530-A5-TR8 Datasheet
190Kb / 11P
   Bi-Color (Multi-Color) Top LEDs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com