Electronic Components Datasheet Search |
|
DF12B(3.0)-14DS-0.5V Datasheet(PDF) 2 Page - Hirose Electric |
|
DF12B(3.0)-14DS-0.5V Datasheet(HTML) 2 Page - Hirose Electric |
2 / 12 page A194 DF12 Seriesq0.5mm Pitch SMT Board to Board Connector sProduct Specifications Rating Current rating 0.3A Operating Temperature Range -45 to +125ç (Note 1) Storage Temperature Range -10 to +60ç (Note 2) Voltage rating 50V AC Operating Humidity Range -40 to 80% Storage Humidity Range -40 to 70% Note 1: Includes temperature rise caused by current flow. Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation. Note 3: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for a specific part number shown. sOrdering Information sMaterial Product Part Material Finish Remarks DF12 # (**) - * DP - 0.5 V (**) q Series Name : DF12 w Type e Stacking height 3.0 : 3.0mm Blank : 3.5 to 5.0mm r Number of Contacts : 10, 14, 20, 30, 32, 36, 40, 50, 60 ,80 (The 32 contacts connector includes the stacking height 3mm only.) t Connector Type DS : Double-row receptacle y Contact Pitch : 0.5mm u Contact Style V: Straight SMT i Packaging Type (81) : Embossed tape packaging (A, C type) (86) : Embossed tape packaging (Blank, B type) Item Specification Condition 1. Insulation Resistance 500M ohms min. 100V DC 2. Withstanding voltage No flashover or insulation breakdown. 150V AC/1 minute 3. Contact Resistance 50m ohms max. 100mA 4. Vibration No electrical discontinuity of 1µs or more Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions. 5. Humidity (Steady state) Contact resistance: 50m ohms max. Insulation resistance:500M ohms min 96 hours at temperature of 40±2ç and humidity of 90% to 95% 6. Temperature Cycle Contact resistance: 50m ohms max. Insulation resistance:500M ohms min (-65ç: 30 minutes 5 to 35ç: 10 minutes 125ç: 30 minutes 5 to 35ç: 10 minutes) 5 cycles 7. Durability (Mating/un-mating) Contact resistance: 50m ohms max. 50 cycles 8. Resistance to Soldering heat No deformation of components affecting performance. Receptacle/Header Insulator Polyamide Beige UL94-V0 Contact Phosphor copper Gold plated ––––––– Fitting Brass Tin plated ––––––– qReceptacle Reflow: At the recommended temperature profile Manual soldering: 350ç for 3 seconds Fitting Boss Blank KK A ∞ K B K ∞ C∞ ∞ w Type e Stacking height t Connector Type DP: Double-row pin header (81) : Embossed tape packaging (D,E type) (86) : Embossed tape packaging (Blank, B type) qHeader Fitting Boss Blank KK B K ∞ D ∞ K E∞ ∞ Indication Stacking Height 3.0 3.0mm 3.5 3.5mm 4.0 4.0mm 5.0 5.0mm qe wr u i ty DF12 # (**) - * DS - 0.5 V (**) qe wr u i ty The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information. All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative. |
Similar Part No. - DF12B(3.0)-14DS-0.5V |
|
Similar Description - DF12B(3.0)-14DS-0.5V |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |