Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF15C(4.2)-40DP-0.65V(56) Datasheet(PDF) 7 Page - Hirose Electric

Part # DF15C(4.2)-40DP-0.65V(56)
Description  0.65mm Pitch SMT Board to Board Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF15C(4.2)-40DP-0.65V(56) Datasheet(HTML) 7 Page - Hirose Electric

Back Button DF15C(4.2)-40DP-0.65V(56) Datasheet HTML 2Page - Hirose Electric DF15C(4.2)-40DP-0.65V(56) Datasheet HTML 3Page - Hirose Electric DF15C(4.2)-40DP-0.65V(56) Datasheet HTML 4Page - Hirose Electric DF15C(4.2)-40DP-0.65V(56) Datasheet HTML 5Page - Hirose Electric DF15C(4.2)-40DP-0.65V(56) Datasheet HTML 6Page - Hirose Electric DF15C(4.2)-40DP-0.65V(56) Datasheet HTML 7Page - Hirose Electric DF15C(4.2)-40DP-0.65V(56) Datasheet HTML 8Page - Hirose Electric DF15C(4.2)-40DP-0.65V(56) Datasheet HTML 9Page - Hirose Electric DF15C(4.2)-40DP-0.65V(56) Datasheet HTML 10Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
A162
DF15 Seriesq0.65mm Pitch SMT Board to Board Connector
sHeader With metal fitting
[Specific No.] –* *, (* *)
(56) :Gold plated embossed tape packaging
qProduct Height: 4.2mm Product
Unit: mm
Part Number
CL No.
DF15B(4.2)-20DP-0.65V(56)
DF15B(4.2)-30DP-0.65V(56)
DF15B(4.2)-40DP-0.65V(56)
DF15B(4.2)-50DP-0.65V(56)
DF15B(4.2)-20DP-0.65V(56)
DF15B(4.2)-30DP-0.65V(56)
DF15B(4.2)-40DP-0.65V(56)
DF15B(4.2)-50DP-0.65V(56)
677-0122-2-56
677-0123-5-56
677-0124-8-56
677-0125-0-56
677-0142-0-56
677-0143-2-56
677-0144-5-56
677-0145-8-56
20
30
40
50
20
30
40
50
9.85
13.1
16.35
19.6
9.85
13.1
16.35
19.6
7.45
10.7
13.95
17.2
7.45
10.7
13.95
17.2
5.85
9.1
12.35
15.6
5.85
9.1
12.35
15.6
9.65
12.9
16.15
19.4
9.65
12.9
16.15
19.4
8.45
11.7
14.95
18.2
8.45
11.7
14.95
18.2
7.05
10.3
13.55
16.8
7.05
10.3
13.55
16.8
8.65
11.9
15.15
18.4
4.2
4.2
4.1
4.1
Number of Contacts
A
B
C
D
E
F
G
H
J
With metal fitting
With boss
YES
YES
With metal fitting
Without boss
Remarks
RoHS
Note: Please order the embossed tape packaging product per reel. (1000 pcs./reel)
qProduct Height: 6.2mm Product
Unit: mm
Part Number
CL No.
DF15B(6.2)-20DP-0.65V(56)
DF15B(6.2)-30DP-0.65V(56)
DF15B(6.2)-40DP-0.65V(56)
DF15B(6.2)-50DP-0.65V(56)
DF15B(6.2)-20DP-0.65V(56)
DF15B(6.2)-30DP-0.65V(56)
DF15B(6.2)-40DP-0.65V(56)
DF15B(6.2)-50DP-0.65V(56)
677-0162-7-56
677-0163-0-56
677-0164-2-56
677-0165-5-56
677-0182-4-56
677-0183-7-56
677-0184-0-56
677-0185-2-56
20
30
40
50
20
30
40
50
9.85
13.1
16.35
19.6
9.85
13.1
16.35
19.6
7.45
10.7
13.95
17.2
7.45
10.7
13.95
17.2
5.85
9.1
12.35
15.6
5.85
9.1
12.35
15.6
9.65
12.9
16.15
19.4
9.65
12.9
16.15
19.4
8.45
11.7
14.95
18.2
8.45
11.7
14.95
18.2
7.05
10.3
13.55
16.8
7.05
10.3
13.55
16.8
8.65
11.9
15.15
18.4
6.2
6.2
6.1
6.1
Number of Contacts
A
B
C
D
E
F
G
H
J
With metal fitting
With boss
YES
YES
With metal fitting
Without boss
Remarks
RoHS
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF15C(4.2)-40DP-0.65V(56)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF15C-20DP-0.65V HIROSE-DF15C-20DP-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
DF15C-20DS-0.65V HIROSE-DF15C-20DS-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
DF15C-30DP-0.65V HIROSE-DF15C-30DP-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
DF15C-30DS-0.65V HIROSE-DF15C-30DS-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
DF15C-40DP-0.65V HIROSE-DF15C-40DP-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
More results

Similar Description - DF15C(4.2)-40DP-0.65V(56)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF15A-20DS-0.65V HIROSE-DF15A-20DS-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF15 ETC1-DF15 Datasheet
366Kb / 11P
   0.65mm Pitch SMT Board to Board Connector
logo
SUYIN USA, INC.
650101FA SUYIN-USA-650101FA Datasheet
157Kb / 1P
   0.65mm PITCH BOARD TO BOARD CONNECTOR
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF12B3.5-40DP-0.5V86 HIROSE-DF12B3.5-40DP-0.5V86 Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
DF16-14DS-0.5V HIROSE-DF16-14DS-0.5V Datasheet
236Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com