Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF14-30S-1.25C Datasheet(PDF) 3 Page - Hirose Electric

Part # DF14-30S-1.25C
Description  1.25mm Pitch Super Low profile Crimping Connector
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF14-30S-1.25C Datasheet(HTML) 3 Page - Hirose Electric

  DF14-30S-1.25C Datasheet HTML 1Page - Hirose Electric DF14-30S-1.25C Datasheet HTML 2Page - Hirose Electric DF14-30S-1.25C Datasheet HTML 3Page - Hirose Electric DF14-30S-1.25C Datasheet HTML 4Page - Hirose Electric DF14-30S-1.25C Datasheet HTML 5Page - Hirose Electric DF14-30S-1.25C Datasheet HTML 6Page - Hirose Electric DF14-30S-1.25C Datasheet HTML 7Page - Hirose Electric DF14-30S-1.25C Datasheet HTML 8Page - Hirose Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
B236
DF14 Seriesq1.25mm Pitch Super Low profile Crimping Connector
sCrimping Socket
KApplicable Cable (Tin plating Annealed copper wire)
Conductor Size (Wire construction)
Jacket Diameter
AWG26(7 cores/0.16mm)
AWG28(7 cores/0.127mm)
Ø0.54
to Ø1mm
AWG30(7 cores/0.1mm)
AWG32(7 cores/0.08mm)
KRecommended Cable
UL1571
KStrip Length
1.2 to 1.9mm
BApplicable Crimping Tool
Note:If other cables are used instead of the applicable cable, contact Hirose
sales department.
Type
Part Number
CL No.
Applicable Contact
Applicator
AP105-DF14-2628S
901-4548-1
DF14-2628SCF/SCFA
AP105-DF14-3032S
901-4544-0
DF14-3032SCF/SCFA
Press Main Unit
CM-105
901-0005-4
---------------------------------------------
Manual Crimping Tool
DF14-2628/CR-HT
550-0261-1
DF14-2628SCF/SCFA
DF14-3032/CR-HT
550-0262-4
DF14-3032SCF/SCFA
Note 1.If a trouble has occurred due to tools, which are not designated by Hirose, Hirose won't guarantee any product.
Note 2.Use the reel contact sequentially cut for manual crimping tool.
Part Number
CL No.
Packaging Type
Quantity
Finish
RoHS
DF14-2628SCF
538-0001-7-**
Reel
Tin plated
DF14-3032SCF
538-0003-2-**
Reel
10,000
Yes
DF14-2628SCFA
538-0002-0-**
Reel
Gold plated
DF14-3032SCFA
538-0004-5-**
Reel
sSocket Crimping Contact
Note 1.The quantity is delivered per bag(100 pcs). If needed, please order the products per bag.
Part Number
CL No.
Number of Contacts
A
B
RoHS
DF14- 2S-1.25C
538-0005-8
2
4.45
1.25
DF14- 3S-1.25C
538-0006-0
3
5.70
2.50
DF14- 4S-1.25C
538-0007-3
4
6.95
3.75
DF14- 5S-1.25C
538-0008-6
5
8.20
5.00
DF14- 6S-1.25C
538-0009-9
6
9.45
6.25
DF14- 7S-1.25C
538-0010-8
7
10.70
7.50
DF14- 8S-1.25C
538-0011-0
8
11.95
8.75
Yes
DF14- 9S-1.25C
538-0013-6
9
13.20
10.00
DF14-10S-1.25C
538-0014-9
10
14.45
11.25
DF14-15S-1.25C
538-0054-3
15
20.70
17.50
DF14-20S-1.25C
538-0059-7
20
26.95
23.75
DF14-25S-1.25C
538-0064-7
25
33.20
30.00
DF14-30S-1.25C
538-0012-3
30
39.45
36.25
Unit: mm
Photo: Contact insertion state
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF14-30S-1.25C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF14-30S-1.25C HIROSE-DF14-30S-1.25C Datasheet
195Kb / 6P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-30S-1.25C HIROSE-DF14-30S-1.25C Datasheet
284Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-30S-1.25C HIROSE-DF14-30S-1.25C Datasheet
299Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
More results

Similar Description - DF14-30S-1.25C

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF14-2S-1.25C HIROSE-DF14-2S-1.25C Datasheet
195Kb / 6P
   1.25mm Pitch Super Low profile Crimping Connector
DF14 HIROSE-DF14 Datasheet
299Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14A-5P-1.25H56 HIROSE-DF14A-5P-1.25H56 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF1420P1.25H55 HIROSE-DF1420P1.25H55 Datasheet
273Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF14-2S-1.25C HIROSE-DF14-2S-1.25C_1 Datasheet
284Kb / 8P
   1.25mm Pitch Super Low profile Crimping Connector
DF13-3P-1.25V50 HIROSE-DF13-3P-1.25V50 Datasheet
661Kb / 12P
   1.25mm Pitch Miniature Crimping Connector
DF13-2S-1.25C HIROSE-DF13-2S-1.25C Datasheet
426Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13C-3P-1.25V50 HIROSE-DF13C-3P-1.25V50 Datasheet
428Kb / 11P
   1.25mm Pitch Miniature Crimping Connector
DF13 HIROSE-DF13 Datasheet
363Kb / 12P
   1.25mm Pitch Miniature Crimping Connector (UL Listed)
logo
YEONHO ELECTRONICS
12507TS YEONHO-12507TS Datasheet
216Kb / 1P
   1.25mm PITCH CONNECTOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com