Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF15C(6.2)-30DP-0.65V(56) Datasheet(PDF) 4 Page - Hirose Electric

Part # DF15C(6.2)-30DP-0.65V(56)
Description  0.65mm Pitch SMT Board to Board Connector
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF15C(6.2)-30DP-0.65V(56) Datasheet(HTML) 4 Page - Hirose Electric

  DF15C(6.2)-30DP-0.65V(56) Datasheet HTML 1Page - Hirose Electric DF15C(6.2)-30DP-0.65V(56) Datasheet HTML 2Page - Hirose Electric DF15C(6.2)-30DP-0.65V(56) Datasheet HTML 3Page - Hirose Electric DF15C(6.2)-30DP-0.65V(56) Datasheet HTML 4Page - Hirose Electric DF15C(6.2)-30DP-0.65V(56) Datasheet HTML 5Page - Hirose Electric DF15C(6.2)-30DP-0.65V(56) Datasheet HTML 6Page - Hirose Electric DF15C(6.2)-30DP-0.65V(56) Datasheet HTML 7Page - Hirose Electric DF15C(6.2)-30DP-0.65V(56) Datasheet HTML 8Page - Hirose Electric DF15C(6.2)-30DP-0.65V(56) Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
A159
DF15 Seriesq0.65mm Pitch SMT Board to Board Connector
sHeader Without metal fitting
[Specific No.] –* *, (* *)
(56) :Gold plated embossed tape packaging
qProduct Height: 3.2mm Product
Unit: mm
Part Number
CL No.
DF15A(3.2)-20DP-0.65V(56)
DF15A(3.2)-30DP-0.65V(56)
DF15A(3.2)-40DP-0.65V(56)
DF15A(3.2)-50DP-0.65V(56)
DF15C(3.2)-20DP-0.65V(56)
DF15C(3.2)-30DP-0.65V(56)
DF15C(3.2)-40DP-0.65V(56)
DF15C(3.2)-50DP-0.65V(56)
677-0092-3-56
677-0093-6-56
677-0094-9-56
677-0095-1-56
677-0112-9-56
677-0113-1-56
677-0114-4-56
677-0115-7-56
20
30
40
50
20
30
40
50
9.85
13.1
16.35
19.6
9.85
13.1
16.35
19.6
Number of Contacts
A
7.45
10.7
13.95
17.2
7.45
10.7
13.95
17.2
B
5.85
9.1
12.35
15.6
5.85
9.1
12.35
15.6
C
7.05
10.3
13.55
16.8
7.05
10.3
13.55
16.8
D
8.65
11.9
15.15
18.4
E
3.2
3.2
F
3.1
3.1
G
Without metal
fitting
With boss
YES
YES
Without metal
fitting
Without boss
Remarks
RoHS
Note: Please order the embossed tape packaging product per reel. (1000 pcs./reel)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF15C(6.2)-30DP-0.65V(56)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF15C-20DP-0.65V HIROSE-DF15C-20DP-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
DF15C-20DS-0.65V HIROSE-DF15C-20DS-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
DF15C-30DP-0.65V HIROSE-DF15C-30DP-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
DF15C-30DS-0.65V HIROSE-DF15C-30DS-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
DF15C-40DP-0.65V HIROSE-DF15C-40DP-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
More results

Similar Description - DF15C(6.2)-30DP-0.65V(56)

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF15A-20DS-0.65V HIROSE-DF15A-20DS-0.65V Datasheet
362Kb / 6P
   0.65mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF15 ETC1-DF15 Datasheet
366Kb / 11P
   0.65mm Pitch SMT Board to Board Connector
logo
SUYIN USA, INC.
650101FA SUYIN-USA-650101FA Datasheet
157Kb / 1P
   0.65mm PITCH BOARD TO BOARD CONNECTOR
logo
Hirose Electric
DF12A-20DS-0.5V HIROSE-DF12A-20DS-0.5V Datasheet
255Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
DF12A3.0-30DS-0.5V81 HIROSE-DF12A3.0-30DS-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
List of Unclassifed Man...
DF12-30DS-0-5V ETC-DF12-30DS-0-5V Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
logo
Hirose Electric
DF12E3.0-20DP-0.5V81 HIROSE-DF12E3.0-20DP-0.5V81 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF123.0-50DP-0.5V86 HIROSE-DF123.0-50DP-0.5V86 Datasheet
227Kb / 11P
   0.5mm Pitch SMT Board to Board Connector
DF12B3.5-40DP-0.5V86 HIROSE-DF12B3.5-40DP-0.5V86 Datasheet
264Kb / 12P
   0.5mm Pitch SMT Board to Board Connector
DF16-14DS-0.5V HIROSE-DF16-14DS-0.5V Datasheet
236Kb / 6P
   0.5mm Pitch SMT Board to Board Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com