Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FX10B-120P Datasheet(PDF) 3 Page - Hirose Electric

Part # FX10B-120P
Description  10Gbps 0.5mm pitch Stacking Connectors
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FX10B-120P Datasheet(HTML) 3 Page - Hirose Electric

  FX10B-120P Datasheet HTML 1Page - Hirose Electric FX10B-120P Datasheet HTML 2Page - Hirose Electric FX10B-120P Datasheet HTML 3Page - Hirose Electric FX10B-120P Datasheet HTML 4Page - Hirose Electric FX10B-120P Datasheet HTML 5Page - Hirose Electric FX10B-120P Datasheet HTML 6Page - Hirose Electric FX10B-120P Datasheet HTML 7Page - Hirose Electric FX10B-120P Datasheet HTML 8Page - Hirose Electric FX10B-120P Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
FX10 Seriesq10+Gbps 0.5mm pitch Stacking Connectors
MSA-100GLH Electrical Interface
sHeaders without ground plate
(Ø1)
(Ø1)
Guidepost
44.4±0.1
49.1±0.3
41.5±0.2
No.a83
No.a83
No.a84
No.a1
No.a2
No.a84
0.2±0.05
(P=0.50)
No.b1
No.b2
sRecommended Land Pattern Dimensions (Metal Mask Dimensions)
Recommended metal mask thickness: 0.15 mm
Note
Not required in products without guideposts.
1
Ø1.2±0.05
Ø1.2±0.05
1
1
0.3±0.03(LAND PATTERN)
0.25±0.03(METAL MASK)
No.a83
No.b84
No.b1
No.b2
No.b83
No.a84
0.5±0.03
No.a2
1.45±0.05
No.a1
49.5
+0.1
0
46.3
0
-0.1
44.4±0.05
41.5±0.05
Unit: mm
Part No.
CL No.
FX10A-168P-SV (**)
FX10A-168P-SV1 (**)
FX10A-168P-SV2 (**)
FX10A-168P-SV3 (**)
FX10A-168P-SV4 (**)
FX10B-168P-SV (**)
FX10B-168P-SV1 (**)
FX10B-168P-SV2 (**)
FX10B-168P-SV3 (**)
FX10B-168P-SV4 (**)
570-0044-8-**
570-0144-2-**
570-0302-1-**
570-0304-7-**
570-0306-2-**
570-0054-1-**
570-0154-6-**
570-0303-4-**
570-0305-0-**
570-0307-5-**
3.5
4.5
5.25
6.25
7.25
3.5
4.5
5.25
6.25
7.25
1,000
1,000
900
800
700
1,000
1,000
900
800
700
Number of Contacts
Signal
168
Remarks
A
Quantity/Reel
(Note 3)
With guideposts
Without guideposts
Note 1: There is no polarity in terms of board mounting for this product.
Note 2: The coplanarity of this product's SMT leads is 0.1 mm or less.
Note 3: Please order embossed tape packaged items by the reel.
Note 4: Using multiple connectors between identical boards is not recommended.
[Specifications number] -✽ ✽, (✽ ✽)
(83): Embossed tape packaging / AuP 0.76µm
(93): Tray packaging / AuP 0.76µm


Similar Part No. - FX10B-120P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX10B-120P-SV HIROSE-FX10B-120P-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10B-120P-SV1 HIROSE-FX10B-120P-SV1 Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10B-120P12-SV HIROSE-FX10B-120P12-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
FX10B-120P12-SV1 HIROSE-FX10B-120P12-SV1 Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
More results

Similar Description - FX10B-120P

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
logo
Japan Aviation Electron...
AA01A JAE-AA01A Datasheet
465Kb / 6P
   0.5mm Pitch Stacking Type Board-to-Board Connector
logo
Panasonic Semiconductor
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
logo
Hirose Electric
FX18-60P-0.8SV HIROSE-FX18-60P-0.8SV Datasheet
2Mb / 12P
   10Gbps 0.8mm pitch Board to Board Connectors
logo
Panasonic Semiconductor
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
logo
Tyco Electronics
5-104655-6 MACOM-5-104655-6 Datasheet
383Kb / 13P
   Fine Pitch SMT Stacking Connectors
logo
Hirose Electric
BK10 HIROSE-BK10 Datasheet
694Kb / 11P
   0.3mm Pitch, 0.5mm Stacking Height, Fully Armored, Hybrid FPC-to-Board Connector
May 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com