Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF50A-7P-1V Datasheet(PDF) 2 Page - Hirose Electric

Part # DF50A-7P-1V
Description  1mm Pitch, Board to Cable Lock Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50A-7P-1V Datasheet(HTML) 2 Page - Hirose Electric

  DF50A-7P-1V Datasheet HTML 1Page - Hirose Electric DF50A-7P-1V Datasheet HTML 2Page - Hirose Electric DF50A-7P-1V Datasheet HTML 3Page - Hirose Electric DF50A-7P-1V Datasheet HTML 4Page - Hirose Electric DF50A-7P-1V Datasheet HTML 5Page - Hirose Electric DF50A-7P-1V Datasheet HTML 6Page - Hirose Electric DF50A-7P-1V Datasheet HTML 7Page - Hirose Electric DF50A-7P-1V Datasheet HTML 8Page - Hirose Electric DF50A-7P-1V Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
DF50 Series1mm Pitch, Board to Cable Lock Connector
Product Specifications
Ratings
Current Rating
1A
Operating Temperature Range
Operating Humidity Range
-35 to + 85°C (Note 1)
20 to 80%
Voltage Rating
AC/DC 100V
Storage Temperature Range
Storage Humidity Range
-10 to + 60°C (Note 2)
40 to 70% (Note 2)
Items
Specifications
Conditions
1.Insulation resistance
No less than 500Mø
Measured at DC 100V
2.Withstand voltage
No flashover or breakdown
AC300V is applied for one minute
3.Contact resistance
No more than 30mø
Measured at 1mA and no higher than 20mV
4.Vibration Resistance
No electric outage of 1μs or greater
10 cycles in each of three directions at frequency 10-55 Hz,
half amplitude 0.75 mm
5.Shock Resistance
No electric outage of 1μs or greater
Accelerated velocity: 490m/s
2 for 11ms, half-sine in 3 directions,
3 times for each direction
6.Moisture-resistance
Contact resistance: no more than 50mø;
insulation resistance: no less than 100Mø
Temperature: 40±2°C; humidity: 90 to 95%, left as it is for 96
hours
7.Temperature cycles
Contact resistance: no more than 50mø;
insulation resistance: no less than 500Mø
(-55°C for 30 minutes → 5 to 35°C for 2 to 3 minutes → 85°C for
30 minutes → 5 to 35°C for 2 to 3 minutes) in 5 cycles
8.Push-pull durability
life
Contact resistance: no more than 50mø
30 times of push-pull operation
9.Solder Heat
Resistance
There should be no dissolution of the resin part which
will influence the performance.
Reflow: according to the Recommended Temperature Profile
Hand soldering: temperature of soldering iron at 350°C for 3 to 4 seconds
(Note 1) Temperature rise at the time of electrification is included.
(Note 2) The term “storage” refers to the long-term storage condition of unused products before PCB mounting.
Operating Temperature Range is applied to the deenergized state after mounting of PCB and the temporary storage state during transportation.
(Note 3) The above specifications are representative of this series. Please refer to “delivery specifications” for official individual agreement.
Materials
Product
Part
Materials
Color / Treatment
UL Regulation
Header
(on the board side)
Insulator
LCP
Black
UL94V-0
Contact
Brass
Gold plating
---------
Metal fitting
Brass (Note 1)
Tin Plating
---------
Locking metal fittings (DF50)
Stainless steel
---------
---------
Crimp socket
Insulator
PBT
Black (DF50A)
UL94V-0
White (DF50S)
Crimp contact
Contact
Phosphorous Bronze
Gold plating
---------
(Note 1) Phosphor bronze is applied a material for only to the single-row straight pin header.
Product Number Structure
Connector
DF50 − * DP − 1 V **
Crimp contact
DF50 − 2830 SCF A
Wire connection method/Geometry of terminal
C: Crimp socket
V: SMT Straight Type
H: SMT Right Angle Type
Specifications
51: SMT Embossed packaging
52: SMT Embossed packaging (with cap, DF50)
Applicable wire size
2830: AWG28, 30
3032: AWG30, 32 (Under development)
Method type/Packaging type
SCF: Socket contact reel
Plating specifications
A: Gold plating
Series Name: DF50 (Double-row pin header)
DF50S (Double-row crimp socket)
DF50A (Single-row)
Number of contacts: 20, 30, 40, 50 (Double-row)
: 2 to 16 (Single-row)
Connector type
DP: Double-row pin header
DS: Double-row socket
P: Single-row pin header
S: Single-row socket
Contact Pitch: 1mm


Similar Part No. - DF50A-7P-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50A-7P-1V HIROSE-DF50A-7P-1V Datasheet
809Kb / 12P
   1 mm Pitch, WtoB, Positive Lock Connector
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 12 DF50A-7P-1V(**) ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com