Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF50A-7P-1V Datasheet(PDF) 1 Page - Hirose Electric

Part # DF50A-7P-1V
Description  1mm Pitch, Board to Cable Lock Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50A-7P-1V Datasheet(HTML) 1 Page - Hirose Electric

  DF50A-7P-1V Datasheet HTML 1Page - Hirose Electric DF50A-7P-1V Datasheet HTML 2Page - Hirose Electric DF50A-7P-1V Datasheet HTML 3Page - Hirose Electric DF50A-7P-1V Datasheet HTML 4Page - Hirose Electric DF50A-7P-1V Datasheet HTML 5Page - Hirose Electric DF50A-7P-1V Datasheet HTML 6Page - Hirose Electric DF50A-7P-1V Datasheet HTML 7Page - Hirose Electric DF50A-7P-1V Datasheet HTML 8Page - Hirose Electric DF50A-7P-1V Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
1mm Pitch, Board to Cable Lock Connector
DF50 Series
2013.4
Features
1. It provides clear tactile click and secure mating
Locking function and contact mating occur simultaneously,
for a clearer tactile click.
(Please refer to Figure 1 on the right)
2. Robust structure resistant to wrenching forces
Thick and robust housing wall provides higher strength
against cracking. Insertion depth for mating housings
protects against wrenching.
(Please refer to Figure 2 on the right)
3. Robust and reliable lance structure
High lance strength by mating with crimp contact on the
surface
(Please refer to Figure 3 on the right)
4. Ensured adsorption area eliminates the need
for adsorption gap.
Adequate adsorption area is ensured despite the small size,
allowing for automatic mounting without adsorption gap.
(*Specifications for adsorption gap may be provided
according to your requirements)
5. Insulation outer diameter Ø0.9mm, compatible
with AWG#28
Despite 1 mm Pitch, it is compatible with Ø0.9mm, UL1061·
AWG#28 Cable (Ø0.127×7)
It provides clear tactile click and secure mating
Robust structure resistant to wrenching forces
Robust and reliable lance structure
Figure 3.
Simultaneous timing of locking function and
contact mating provides a clearer tactile click.
Figure 2.
It is possible to visually inspect
the assembled lance.
The lance mates with the crimp
contact on the surface.
Timing of locking function
Figure 1.
Insertion depth for mating protects against
wrenching.
Thick and robust outer wall provides higher
strength and prevents cracking.


Similar Part No. - DF50A-7P-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50A-7P-1V HIROSE-DF50A-7P-1V Datasheet
809Kb / 12P
   1 mm Pitch, WtoB, Positive Lock Connector
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 12 DF50A-7P-1V(**) ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com