Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF50A-5P-1V Datasheet(PDF) 6 Page - Hirose Electric

Part # DF50A-5P-1V
Description  1mm Pitch, Board to Cable Lock Connector
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF50A-5P-1V Datasheet(HTML) 6 Page - Hirose Electric

Back Button DF50A-5P-1V Datasheet HTML 2Page - Hirose Electric DF50A-5P-1V Datasheet HTML 3Page - Hirose Electric DF50A-5P-1V Datasheet HTML 4Page - Hirose Electric DF50A-5P-1V Datasheet HTML 5Page - Hirose Electric DF50A-5P-1V Datasheet HTML 6Page - Hirose Electric DF50A-5P-1V Datasheet HTML 7Page - Hirose Electric DF50A-5P-1V Datasheet HTML 8Page - Hirose Electric DF50A-5P-1V Datasheet HTML 9Page - Hirose Electric DF50A-5P-1V Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
DF50 Series1mm Pitch, Board to Cable Lock Connector
●DF50A-2P-1V to F50A-8P-1V (Number of contacts: 2 to 8)
DF50A-9P-1V to DF50A-16P-1V (Number of contacts: 9 to 16)
Unreeling direction
A
A
12±0.1
2±0.1
4±0.1
Ø1.5
+0.1
0
A-A
Unreeling direction
A
A
4±0.1
2±0.1
Ø1.5
12±0.1
R0.75
+0.1
0
+0.1
0
Product Label
Ø1.5 to the depth
of the perforation
Unreeling direction
Geometry of reel (FREE)
38.4MAX
32.4+20
Ø13±0.2
Unreeling direction
Ø1.5 to the depth
of the perforation
Product Label
24.4+20
30.4MAX
Ø13±0.2
B​​​
Emboss tape dimensions
(in conformity to JIS C 0806)
B​​​
Emboss tape dimensions
(in conformity to JIS C 0806)
B​​​
Reel Condition Dimensions
B​​​
Reel Condition Dimensions
A-A
Unreeling direction
A
A
4±0.1
2±0.1
Ø1.5
12±0.1
R0.75
+0.1
0
+0.1
0
Product Label
Ø1.5 to the depth
of the perforation
Unreeling direction
Geometry of reel (FREE)
38.4MAX
32.4+20
Ø13±0.2


Similar Part No. - DF50A-5P-1V

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF50A-5P-1V HIROSE-DF50A-5P-1V Datasheet
809Kb / 12P
   1 mm Pitch, WtoB, Positive Lock Connector
java.util.regex.PatternSyntaxException: Dangling meta character '*' near index 12 DF50A-5P-1V(**) ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com