Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ETAD-F0353 Datasheet(PDF) 4 Page - Hirose Electric

Part # ETAD-F0353
Description  microSD Card Connectors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

ETAD-F0353 Datasheet(HTML) 4 Page - Hirose Electric

  ETAD-F0353 Datasheet HTML 1Page - Hirose Electric ETAD-F0353 Datasheet HTML 2Page - Hirose Electric ETAD-F0353 Datasheet HTML 3Page - Hirose Electric ETAD-F0353 Datasheet HTML 4Page - Hirose Electric ETAD-F0353 Datasheet HTML 5Page - Hirose Electric ETAD-F0353 Datasheet HTML 6Page - Hirose Electric ETAD-F0353 Datasheet HTML 7Page - Hirose Electric ETAD-F0353 Datasheet HTML 8Page - Hirose Electric ETAD-F0353 Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
DM3 Series
microSD™ Card Connectors
4
■Packaging Specifications
20
2
P=4
UNREELING DIRECTION
(3.2)
● Embossed carrier tape dimensions (1,500 pieces per reel)
● Reel Dimensions
32.4
START
PORTION EQUIPPED
WITH COMPONENTS
EMBOSSED CARRIER TAPE
OVAL
CIRCLE
TOP COVER TAPE
EMPTY(160mm MIN)
EMPTY(100mm MIN)
END
LEADER(400mm MIN)
TRAILER
All dimensions: mm
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - ETAD-F0353

ManufacturerPart #DatasheetDescription
logo
ETA SOLUTIONS CO. LIMIT...
ETA1013 ETA-ETA1013 Datasheet
212Kb / 1P
   12W Output Power, Programmable Frequency up to 1MHz Step-Up Converter
ETA1013E8A-T ETA-ETA1013E8A-T Datasheet
212Kb / 1P
   12W Output Power, Programmable Frequency up to 1MHz Step-Up Converter
ETA1017 ETA-ETA1017 Datasheet
118Kb / 1P
   10關A IQ, 0.85V Startup, 1MHz, 300mA IOUT Synchronous Step-Up DC-DC
ETA1019 ETA-ETA1019 Datasheet
188Kb / 1P
   Low Voltage Startup, 1MHz 500mA Synchronous Step-Up DC-DC
ETA1020 ETA-ETA1020 Datasheet
110Kb / 1P
   3-pin Low Voltage Startup, 1MHz 500mA Synchronous Step-Up DC-DC
More results

Similar Description - ETAD-F0353

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DM3C-SF ETC2-DM3C-SF Datasheet
832Kb / 11P
   microSD Card Connectors
logo
Mitsumi Electronics, Co...
CIM-H33N MITSUMI-CIM-H33N Datasheet
111Kb / 2P
   microSD card connectors
CIM-H32N MITSUMI-CIM-H32N Datasheet
251Kb / 4P
   microSD card connectors
logo
Hirose Electric
DM3 HIROSE-DM3 Datasheet
778Kb / 12P
   microSD??Card Connectors
logo
Molex Electronics Ltd.
47219-0001 MOLEX-47219-0001 Datasheet
132Kb / 2P
   microSD Memory Card Connectors
logo
List of Unclassifed Man...
AP512MCSD ETC2-AP512MCSD Datasheet
94Kb / 12P
   microSD Card
logo
Yamaichi Electronics Co...
PJS008-1000 YAMAICHI-PJS008-1000 Datasheet
102Kb / 1P
   microSD Card Adapter (microSD-to-miniSD)
PJS008T-3000-0 YAMAICHI-PJS008T-3000-0 Datasheet
124Kb / 1P
   microSD Card Adapter (microSD-to-SD)
PJS008-2100-X YAMAICHI-PJS008-2100-X Datasheet
2Mb / 1P
   microSD card connector
logo
Transcend Information. ...
TS256MUSD TRANSCEND-TS256MUSD Datasheet
537Kb / 24P
   microSD Memory Card
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com