Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FH26-13S-0.3SHW Datasheet(PDF) 6 Page - Hirose Electric

Part # FH26-13S-0.3SHW
Description  0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

FH26-13S-0.3SHW Datasheet(HTML) 6 Page - Hirose Electric

Back Button FH26-13S-0.3SHW Datasheet HTML 2Page - Hirose Electric FH26-13S-0.3SHW Datasheet HTML 3Page - Hirose Electric FH26-13S-0.3SHW Datasheet HTML 4Page - Hirose Electric FH26-13S-0.3SHW Datasheet HTML 5Page - Hirose Electric FH26-13S-0.3SHW Datasheet HTML 6Page - Hirose Electric FH26-13S-0.3SHW Datasheet HTML 7Page - Hirose Electric FH26-13S-0.3SHW Datasheet HTML 8Page - Hirose Electric FH26-13S-0.3SHW Datasheet HTML 9Page - Hirose Electric FH26-13S-0.3SHW Datasheet HTML 10Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
FH26 Series
G0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
(L : INSIDE)
(M : OUTSIDE)
Lead section (400mm min.)
End section
Mounting section
Connectors
Top cover tape
Embossed carrier tape
Blank section
Blank section
(10 pockets min.)
(10 pockets min.)
Unreeling direction
GReel Dimensions
IPackaging Specification
GEmbossed Carrier Tape Dimensions
(Tape width of 24mm max.)
GEmbossed Carrier Tape Dimensions
(Tape width of 32mm min.)
Unreeling direction
Flat surface,
for placement with
automatic equipment
(1.6)
(0.3)
4±0.1 2±0.15
8±0.1
(1.25)
(4.55)
(3.05)
Flat surface,
for placement with
automatic equipment
Unreeling direction
(1.6)
(0.3)
(1.25)
(4.55)
(3.05)
1.5
+0.1
0
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - FH26-13S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
More results

Similar Description - FH26-13S-0.3SHW

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH26-13S-0.3SHW HIROSE-FH26-13S-0.3SHW Datasheet
652Kb / 16P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH26 HIROSE-FH26 Datasheet
662Kb / 12P
   0.3mm Contact Pitch, 1mm above the board, Flexible Printed Circuit ZIF Connectors
FH23 HIROSE-FH23 Datasheet
308Kb / 11P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH23-15S-0.3SHW HIROSE-FH23-15S-0.3SHW Datasheet
644Kb / 10P
   0.3mm Contact Pitch, 1.25mm above the board, Flexible Printed Circuit Connectors
FH33-28S-0.5SH HIROSE-FH33-28S-0.5SH Datasheet
390Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH33 HIROSE-FH33 Datasheet
362Kb / 16P
   0.4mm,0.5mm,1mm Pitch, 1.2mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH25-21S-0.3SH HIROSE-FH25-21S-0.3SH Datasheet
482Kb / 8P
   0.3 mm Contact Pitch, 0.9 mm above the board, Flexible Printed Circuit ZIF Connectors.
FH27-10S-0.4SH HIROSE-FH27-10S-0.4SH Datasheet
508Kb / 8P
   0.4 mm Contact Pitch, 1.2 mm above the board, Flexible Printed Circuit ZIF Connectors
FH19SC-24S-0.5SH05 HIROSE-FH19SC-24S-0.5SH05 Datasheet
209Kb / 9P
   0.5mm pitch, 0.9mm above the board, Flexible Printed Circuit & Flexible Flat Cable ZIF Connectors
FH36 HIROSE-FH36 Datasheet
634Kb / 12P
   0.3 mm Pitch, 1.0 mm above the board Flexible Printed Circuit ZIF Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com