Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0109DA-5AL3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # P0109DA-5AL3
Description  Sensitive standard SCRs up to 0.8 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0109DA-5AL3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button P0109DA-5AL3 Datasheet HTML 3Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 4Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 5Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 6Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 7Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 8Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 9Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 10Page - STMicroelectronics P0109DA-5AL3 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
P010xx
Ordering information scheme
7/11
2
Ordering information scheme
Figure 17.
Ordering information scheme
3
Package information
Epoxy meets UL94, V0
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at www.st.com.
Sensitive SCR series
Sensitivity
Voltage
Package
Packing mode
Current
01 up to 0.8 A
02 = 200 µA
09 = 1 µA
A = 100 V
B = 200 V
D = 400 V
M = 600 V
A = TO-92
L = SOT23-3L
N = SOT-223
1AA3 = Bulk
2AL3 = Ammopack
5AL3 = Tape and reel 13 inch
5AA4 = Tape and reel 7 inch
Blank
P
01 0x
x
x
xAxx
Table 7.
TO-92 dimensions
Ref
dimensions
Millimeters
Inches
Min
Typ
Max
Min
Typ
Max
A
1.35
0.053
B
4.70
0.185
C
2.54
0.100
D
4.40
0.173
E
12.70
0.500
F
3.70
0.146
a
0.50
0.019
A
F
C
B
a
DE


Similar Part No. - P0109DA-5AL3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0109DA STMICROELECTRONICS-P0109DA Datasheet
170Kb / 9P
   0.8 A 400 V high immunity sensitive SCR thyristor in TO-92
Rev 2 - June 2020
P0109DA1AA3 STMICROELECTRONICS-P0109DA1AA3 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
P0109DA5AL3 STMICROELECTRONICS-P0109DA5AL3 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
P0109DA5AL3 STMICROELECTRONICS-P0109DA5AL3 Datasheet
170Kb / 9P
   0.8 A 400 V high immunity sensitive SCR thyristor in TO-92
Rev 2 - June 2020
More results

Similar Description - P0109DA-5AL3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0102DA-1AA3 STMICROELECTRONICS-P0102DA-1AA3 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
P011XX STMICROELECTRONICS-P011XX Datasheet
96Kb / 9P
   Sensitive high immunity SCRs up to 0.8 A
Rev 1 January 2009
logo
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
STMicroelectronics
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
   0.8 A sensitive gate SCRs
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
   Sensitive and Standard 12 A SCRS
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
   Sensitive and standard 8 A SCRs
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
September 2011 Rev 7
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
TS820-600T STMICROELECTRONICS-TS820-600T Datasheet
160Kb / 13P
   Sensitive and standard 8 A SCRs
logo
Littelfuse
S8X5ECSX LITTELFUSE-S8X5ECSX Datasheet
961Kb / 6P
   EV Series 0.8 Amp Sensitive SCRs
Revised: BO.12/08/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com