Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EVQ5PLA08 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EVQ5PLA08
Description  4.9 mm Square SMD Light Touch Switch es
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EVQ5PLA08 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EVQ5PLA08 Datasheet HTML 1Page - Panasonic Semiconductor EVQ5PLA08 Datasheet HTML 2Page - Panasonic Semiconductor EVQ5PLA08 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Light Touch Switches/EVQPL/3PL/5PL/PT
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES73 –
E
V
Q
P
L
Product Code
Type
Height
123456
89
A
7
Note: Non washable
Specifications
4.9 mm Square SMD Light Touch Switches
Type:
EVQPL/EVQ3PL
EVQ5PL/EVQPT
Features
External dimensions : 4.9 mm 4.9 mm,
Height: 0.8 mm(Without push plate), 1.5 mm(With push plate)
Explanation of Part Numbers
Product Chart
Height
H=0.8 mm
H=1.5 mm
(With Push Plate)
Packaging
Operating Force
Embossed
Embossed
1.0 N
EVQPLBEVQPLD, EVQPT5
1.6 N
EVQPLFEVQPLH, EVQPT9
2.6 N
EVQPLK
EVQPLM
3.5 N
EVQ5PLEVQ3PL
Type
Snap action/Push-on type SPST
Electrical
Rating
10 µA 2 Vdc to 20 mA 15 Vdc (Resistive load)
Contact Resistance
50 m
max.
Insulation Resistance
50 M
min. (at 100 Vdc)
Dielectric Withstanding Voltage
250 Vac for 1 minute
Bouncing
3 ms max. (ON)
8 ms max. (OFF)
Mechanical
Operating Force
1.0 N±0.5 N
1.6 N±0.5 N
2.6 N±0.6 N
3.5 N±1.0 N
Travel
0.25 mm
+0.10 mm
EnduranceOperating Life
500000 cycles min.
200000 cycles min.
Operating Temperature
–20 °C to +70 °C
Storage Temperature
–40 °C to +85 °C (Bulk)
–20 °C to +60 °C (Taping)
Minimum Quantity/Packing Unit
5000 pcs. Embossed Taping (Reel Pack)
Quantity/Carton
25000 pcs.
–0.20
Recommended Applications
Operation switches for portable electronic equipment
(Notebook PC, Camcorders, Portable audio players, etc.)
Operation switches for car audio systems
Oct. 2012
00


Similar Part No. - EVQ5PLA08

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQ5PLA08 PANASONIC-EVQ5PLA08 Datasheet
90Kb / 3P
   4.9 mm Square SMD Light Touch Switch es
More results

Similar Description - EVQ5PLA08

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EVQ-PLHA15 PANASONIC-EVQ-PLHA15 Datasheet
90Kb / 3P
   4.9 mm Square SMD Light Touch Switch es
EVQPL PANASONIC-EVQPL Datasheet
89Kb / 3P
   4.9 mm Square SMD Light Touch Switch es
EVQPE1 PANASONIC-EVQPE1 Datasheet
100Kb / 2P
   6.0 mm3.5 mm SMD Light Touch Switch es
EVQ-PE104K PANASONIC-EVQ-PE104K Datasheet
67Kb / 2P
   6.0 mm3.5 mm SMD Light Touch Switch es
EVQ-P2H02B PANASONIC-EVQ-P2H02B Datasheet
102Kb / 4P
   4.7 mm3.5 mm SMD Light Touch Switch es
EVQP2 PANASONIC-EVQP2_08 Datasheet
179Kb / 4P
   4.7 mm3.5 mm SMD Light Touch Switch es
EVQ-P2T02W PANASONIC-EVQ-P2T02W Datasheet
102Kb / 4P
   4.7 mm3.5 mm SMD Light Touch Switch es
EVQP9 PANASONIC-EVQP9 Datasheet
102Kb / 4P
   4.7 mm3.5 mm SMD Light Touch Switch es
EVQP6 PANASONIC-EVQP6 Datasheet
129Kb / 4P
   4 mm Square SMD Light Touch Switch
EVP-AEDB2A PANASONIC-EVP-AEDB2A Datasheet
95Kb / 2P
   4.5 mm2.2 mm Side-operational Edge Mount Light Touch Switch es
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com