Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0102DN-5AA4 Datasheet(PDF) 11 Page - STMicroelectronics

Part # P0102DN-5AA4
Description  Sensitive standard SCRs up to 0.8 A
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P0102DN-5AA4 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button P0102DN-5AA4 Datasheet HTML 3Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 4Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 5Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 6Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 7Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 8Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 9Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 10Page - STMicroelectronics P0102DN-5AA4 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
P010xx
11/11
Please Read Carefully:
Information in this document is provided solely in connection with ST products. STMicroelectronics NV and its subsidiaries (“ST”) reserve the
right to make changes, corrections, modifications or improvements, to this document, and the products and services described herein at any
time, without notice.
All ST products are sold pursuant to ST’s terms and conditions of sale.
Purchasers are solely responsible for the choice, selection and use of the ST products and services described herein, and ST assumes no
liability whatsoever relating to the choice, selection or use of the ST products and services described herein.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted under this document. If any part of this
document refers to any third party products or services it shall not be deemed a license grant by ST for the use of such third party products
or services, or any intellectual property contained therein or considered as a warranty covering the use in any manner whatsoever of such
third party products or services or any intellectual property contained therein.
UNLESS OTHERWISE SET FORTH IN ST’S TERMS AND CONDITIONS OF SALE ST DISCLAIMS ANY EXPRESS OR IMPLIED
WARRANTY WITH RESPECT TO THE USE AND/OR SALE OF ST PRODUCTS INCLUDING WITHOUT LIMITATION IMPLIED
WARRANTIES OF MERCHANTABILITY, FITNESS FOR A PARTICULAR PURPOSE (AND THEIR EQUIVALENTS UNDER THE LAWS
OF ANY JURISDICTION), OR INFRINGEMENT OF ANY PATENT, COPYRIGHT OR OTHER INTELLECTUAL PROPERTY RIGHT.
UNLESS EXPRESSLY APPROVED IN WRITING BY AN AUTHORIZED ST REPRESENTATIVE, ST PRODUCTS ARE NOT
RECOMMENDED, AUTHORIZED OR WARRANTED FOR USE IN MILITARY, AIR CRAFT, SPACE, LIFE SAVING, OR LIFE SUSTAINING
APPLICATIONS, NOR IN PRODUCTS OR SYSTEMS WHERE FAILURE OR MALFUNCTION MAY RESULT IN PERSONAL INJURY,
DEATH, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE. ST PRODUCTS WHICH ARE NOT SPECIFIED AS "AUTOMOTIVE
GRADE" MAY ONLY BE USED IN AUTOMOTIVE APPLICATIONS AT USER’S OWN RISK.
Resale of ST products with provisions different from the statements and/or technical features set forth in this document shall immediately void
any warranty granted by ST for the ST product or service described herein and shall not create or extend in any manner whatsoever, any
liability of ST.
ST and the ST logo are trademarks or registered trademarks of ST in various countries.
Information in this document supersedes and replaces all information previously supplied.
The ST logo is a registered trademark of STMicroelectronics. All other names are the property of their respective owners.
© 2008 STMicroelectronics - All rights reserved
STMicroelectronics group of companies
Australia - Belgium - Brazil - Canada - China - Czech Republic - Finland - France - Germany - Hong Kong - India - Israel - Italy - Japan -
Malaysia - Malta - Morocco - Singapore - Spain - Sweden - Switzerland - United Kingdom - United States of America
www.st.com


Similar Part No. - P0102DN-5AA4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0102DN STMICROELECTRONICS-P0102DN Datasheet
177Kb / 6P
   0.8A SCRs
P0102DN1AA3 STMICROELECTRONICS-P0102DN1AA3 Datasheet
177Kb / 6P
   0.8A SCRs
P0102DN2AL3 STMICROELECTRONICS-P0102DN2AL3 Datasheet
177Kb / 6P
   0.8A SCRs
P0102DN5AA4 STMICROELECTRONICS-P0102DN5AA4 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
P0102DN5AA4 STMICROELECTRONICS-P0102DN5AA4 Datasheet
177Kb / 6P
   0.8A SCRs
More results

Similar Description - P0102DN-5AA4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0102DA-1AA3 STMICROELECTRONICS-P0102DA-1AA3 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
P011XX STMICROELECTRONICS-P011XX Datasheet
96Kb / 9P
   Sensitive high immunity SCRs up to 0.8 A
Rev 1 January 2009
logo
Littelfuse
EC103B LITTELFUSE-EC103B Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
STMicroelectronics
X006 STMICROELECTRONICS-X006 Datasheet
108Kb / 9P
   0.8 A sensitive gate SCRs
TN12 STMICROELECTRONICS-TN12_07 Datasheet
153Kb / 12P
   Sensitive and Standard 12 A SCRS
TN805 STMICROELECTRONICS-TN805_10 Datasheet
153Kb / 12P
   Sensitive and standard 8 A SCRs
TS1220-600T STMICROELECTRONICS-TS1220-600T Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
September 2011 Rev 7
TYN412RG STMICROELECTRONICS-TYN412RG Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
TS820-600T STMICROELECTRONICS-TS820-600T Datasheet
160Kb / 13P
   Sensitive and standard 8 A SCRs
logo
Littelfuse
S8X5ECSX LITTELFUSE-S8X5ECSX Datasheet
961Kb / 6P
   EV Series 0.8 Amp Sensitive SCRs
Revised: BO.12/08/20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com