Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM201A Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM201A
Description  SINGLE OPERATIONAL AMPLIFIERS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM201A Datasheet(HTML) 3 Page - STMicroelectronics

  LM201A Datasheet HTML 1Page - STMicroelectronics LM201A Datasheet HTML 2Page - STMicroelectronics LM201A Datasheet HTML 3Page - STMicroelectronics LM201A Datasheet HTML 4Page - STMicroelectronics LM201A Datasheet HTML 5Page - STMicroelectronics LM201A Datasheet HTML 6Page - STMicroelectronics LM201A Datasheet HTML 7Page - STMicroelectronics LM201A Datasheet HTML 8Page - STMicroelectronics LM201A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
LM101A - LM201A - LM301A
3/11
ELECTRICAL CHARACTERISTICS
±5V
≤ VCC ≤ ±20V, C1 = 30pF, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
LM101A - LM201A
LM301A
Unit
Min.
Typ.
Max.
Min.
Typ.
Max.
Vio
Input Offset Voltage (RS ≤ 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
0.7
2
3
27.5
10
mV
DVio
Input Offset Voltage Drift
Tmin ≤ Tamb ≤ Tmax
315
6
30
µV/°C
Iib
Input Bias Current - note
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
25
75
100
70
250
300
nA
Iio
Input Offset Current
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
1.5
10
20
250
70
nA
DIIio
Input Offset Current Drift
Tmin ≤ Tamb ≤ 25°C
Tmin ≤ Tamb ≤ Tmax
10
20
100
200
10
20
300
600
pA/°C
Avd
Large Signal Voltage Gain *
VO ≤ 10V, RL = 2kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
50
25
100
25
15
100
V/mV
SVR
Supply Voltage Rejection Ratio (Rs ≤ 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
80
80
96
70
70
96
dB
ICC
Supply Current, no load
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
1.8
3
3
1.8
3
3
mA
Vicm
Input Common Mode Voltage Range
(VCC = ±20V)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
±15
±15
±15
±15
V
CMR
Common Mode Rejection Ratio (Rs ≤ 10kΩ)
Tamb = +25°C
Tmin ≤ Tamb ≤ Tmax
80
80
96
70
70
96
dB
IOS
Output Short-circuit Current *
Tamb = +25°C
10
30
50
10
30
50
mA
±VOPP
Output Voltage Swing *
Tamb = +25°C
RL = 10kΩ
RL = 2kΩ
Tmin ≤ Tamb ≤ Tmax
RL = 10kΩ
RL = 2kΩ
12
10
12
10
14
13
12
10
12
10
14
13
V
SR
Slew Rate (Vi = ±10V, RL = 2kΩ,CL = 100pF,
unity gain) - 1)
0.25
0.5
0.25
0.5
V/
µs


Similar Part No. - LM201A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM201A MOTOROLA-LM201A Datasheet
130Kb / 6P
   Operational Amplifiers
logo
STMicroelectronics
LM201A STMICROELECTRONICS-LM201A Datasheet
165Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LM201A ONSEMI-LM201A Datasheet
94Kb / 8P
   Non Compensated Single Operational Amplifiers
July, 2005 ??Rev. 10
logo
National Semiconductor ...
LM201A NSC-LM201A Datasheet
608Kb / 20P
   Operational Amplifiers
logo
STMicroelectronics
LM201A STMICROELECTRONICS-LM201A Datasheet
226Kb / 11P
   SINGLE OPERATIONAL AMPLIFIER
More results

Similar Description - LM201A

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TAA762 SIEMENS-TAA762 Datasheet
315Kb / 13P
   Single Operational Amplifiers
logo
Panasonic Semiconductor
AN1741 PANASONIC-AN1741 Datasheet
110Kb / 4P
   Single Operational Amplifiers
logo
Siemens Semiconductor G...
TBA221 SIEMENS-TBA221 Datasheet
317Kb / 9P
   Single Operational Amplifiers
logo
National Semiconductor ...
MJLM108A-X NSC-MJLM108A-X Datasheet
440Kb / 19P
   OPERATIONAL AMPLIFIERS (SINGLE)
logo
Texas Instruments
TLV2211IDBVRG4 TI1-TLV2211IDBVRG4 Datasheet
713Kb / 31P
[Old version datasheet]   MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Siemens Semiconductor G...
TAE1453 SIEMENS-TAE1453 Datasheet
246Kb / 11P
   Single PNP-Operational Amplifiers
logo
Linear Technology
LT1818 LINER-LT1818 Datasheet
380Kb / 16P
   Single/Dual Operational Amplifiers
logo
Texas Instruments
TLV2711CDBVR TI1-TLV2711CDBVR Datasheet
813Kb / 32P
[Old version datasheet]   MICROPOWER SINGLE OPERATIONAL AMPLIFIERS
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com