Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESE-13H01D Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ESE-13H01D
Description  Detection of media in portable electronic equipment (Mobile phones / Digital still cameras / Camcorders)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ESE-13H01D Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ESE-13H01D Datasheet HTML 1Page - Panasonic Semiconductor ESE-13H01D Datasheet HTML 2Page - Panasonic Semiconductor ESE-13H01D Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Detector Switches/ESE13
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
– ES30 –
1
E
2
S
3
E
4
5
6
7
8
9
Product Code
Design No
3
1
6th
H
V
From under to top type
From top to under type
Type
Without Boss
With Boss
Without Boss
With Boss
Positioning
J-bent Type
J-bent Type
Straight Type
Straight Type
Terminal Type
9th
A
B
C
D
Specifications
Rating
50 µA 3 Vdc to 10 mA 5 Vdc (Resistive load)
Contact Resistance
500 m
max. (Initial)
Insulation Resistance
100 M
min. (100 Vdc)
Dielectric Withstanding Voltage
100 Vac for 1 minute
Operating Force
300 mN max.
Mounting Height
1.2 mm
Poles and Throws
1-pole 1-throw
Full Travel (Pushing distance)
Type V : 2.15 mm (2.15 mm)
Type H : 3.05 mm (2.15 mm)
Operating Life
50000 cycles min.
Temperature Range
–10 °C to +60 °C
Heat Resistance
+70 °C for 96 hours
Low Temperature Resistance
–25 °C for 96 hours
Humidity Resistance
+40 °C 90 % to 95 % RH for 96 hours
Minimum Quantity/Packing Unit
ESE13H
5000 pcs. Embossed Taping (Reel Pack)
ESE13V
3000 pcs. Embossed Taping (Reel Pack)
Quantity/Carton
ESE13H
30000 pcs.
ESE13V
18000 pcs.
1VL Detector Switches
Type:
ESE13
Features
Thin type : Height=1.2 mm
Highly reliable contact
SMD type (Embossed taping, Reflow soldering)
Explanation of Part Numbers
Recommended Applications
Detection of media in portable electronic equipment
(Mobile phones / Digital still cameras / Camcorders)
Oct. 2012
00


Similar Part No. - ESE-13H01D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ESE-13H01B PANASONIC-ESE-13H01B Datasheet
100Kb / 3P
   1VL Detector Switches
More results

Similar Description - ESE-13H01D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ESE-22MV21T PANASONIC-ESE-22MV21T Datasheet
141Kb / 3P
   Detection of media in portable electronic equipment
logo
Toshiba Semiconductor
TPS856 TOSHIBA-TPS856 Datasheet
291Kb / 13P
   Mobile Phones Notebook PCs, PDAs Video cameras, Digital Still Cameras Other Equipment Requiring Luminosity Adjustment
TPS853 TOSHIBA-TPS853_07 Datasheet
277Kb / 12P
   Mobile Phones, PHS Notebook PCs, PDAs Video cameras, Digital Still Cameras Other Equipment Requiring Luminosity Adjustment
logo
Leshan Radio Company
LESD7D3.3T5G LRC-LESD7D3.3T5G_12 Datasheet
271Kb / 4P
   Cellular phones audio Digital cameras Portable applicationss
logo
OmniVision Technologies...
OV2710-1E OMNIVISION-OV2710-1E_15 Datasheet
10Mb / 2P
   Digital Still Cameras
logo
STMicroelectronics
LD39030SJ STMICROELECTRONICS-LD39030SJ Datasheet
439Kb / 18P
   Digital still cameras
February 2014 Rev 5
logo
Shenzhen Huazhimei Semi...
HM8833C HMSEMI-HM8833C Datasheet
1Mb / 16P
   Digital Still Cameras
logo
OmniVision Technologies...
OV9734 OMNIVISION-OV9734 Datasheet
633Kb / 2P
   Digital Still Cameras
logo
ITT Industries
LPCTP-1 ITT-LPCTP-1 Datasheet
68Kb / 1P
   Mobile Mobile Phones Portable Radio Portable Satellite PDA
LPCSP1 ITT-LPCSP1 Datasheet
61Kb / 1P
   Mobile Mobile Phones Portable Radio Portable Satellite PDA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com