Electronic Components Datasheet Search |
|
BLM18BB141SN1 Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd. |
|
BLM18BB141SN1 Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd. |
5 / 88 page !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering. C31E.pdf Mar.28,2011 16 Chip Ferrite Bead (Part Number) eDimensions (LgW) Code 0.4g0.2mm 0.6g0.3mm 1.0g0.5mm 1.6g0.8mm 2.0g1.0mm 2.0g1.25mm 3.2g1.6mm 4.5g1.6mm Dimensions (LgW) 01005 0201 0402 0603 0804 0805 1206 1806 EIA 02 03 15 18 2A 21 31 41 qProduct ID BL Chip Ferrite Beads Product ID wType A M Array Type Ferrite Bead Single Type Code Type rCharacteristics/Applications Code *1 for General Use Characteristics/Applications tImpedance Expressed by three figures. The unit is in ohm ( Ω) at 100MHz. The first and second figures are significant digits, and the third figure expresses the number of zeros which follow the two figures. yElectrode Expressed by a letter. uCategory N Standard Type Code Category S/T A Sn Plating Au Plating Code Electrode iNumber of Circuits 1 4 1 Circuit 4 Circuits Code Number of Circuits oPackaging K L B J D AG BLM02/03/15/18/21, BLA2A/31 AX BLM03/15 TG BLM18 for High-speed Signal Lines for Power Supplies for Digital Interface BA BLM15/18 BB BLM03/15/18/21, BLA2A BC BLM03/15 BD BLM03/15/18/21, BLA2A/31 PG RK BLM03/15/18/21/31/41 PX BLM15 KG BLM18 PD BLM15 for Power Supplies (Low DC Resistance Type) SG BLM15/18 BLM03/15/18 BLM18 BLM18/21 for GHz Band General Use (Low DC Resistance Type) for GHz Band General Use HG EG BLM03/15/18 BLM15/18 for GHz Band High-speed Signal Lines HD HE HB for GHz Band Digital Interface HK BLM15 BLM15/18 BLM18 for High-GHz Band High-speed Signal Lines GA for High-GHz Band General Use GG BLM21 *1/31/41 All Series BLM03/15/18 *3/21 *2, BLA2A/31 BLM02/03/15/18/21 *2, BLA2A/31 Embossed Taping (ø330mm Reel) Embossed Taping (ø180mm Reel) Bulk Paper Taping (ø330mm Reel) Paper Taping (ø180mm Reel) Code Packaging Series Series *1 Frequency characteristics vary with each code. *1 BLM21BD222SN1/BLM21BD272SN1 only. *2 Except BLM21BD222SN1/BLM21BD272SN1 *3 Except BLM18T Ex.) Part Numbering BLp ty 102 q BL u S r AG e 18 1 o D w M i N |
Similar Part No. - BLM18BB141SN1 |
|
Similar Description - BLM18BB141SN1 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |