Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM18BA220SN1 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd.

Part # BLM18BA220SN1
Description  EMI Suppression Filters
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM18BA220SN1 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd.

  BLM18BA220SN1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM18BA220SN1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM18BA220SN1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM18BA220SN1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM18BA220SN1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM18BA220SN1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BLM18BA220SN1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLM18BA220SN1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BLM18BA220SN1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
14
Frequency (MHz)
1600
1400
1200
1000
800
600
400
200
0
1
10
100
1000
10000
BLp
Line Up Classification of
Chip Ferrite Bead
BLM18Gp
BLM15Gp
BLM18Hp
BLM15Hp
BLM18Ep
BLM15Ep
High-GHz Band
High
GHz Band
Noise
Frequency Band
Low
BLM_G Series
BLM_H Series
BLM_E Series
BLM standard line up
•RK(for digital interfaces)
•AG (for general signal lines)
•Bp (for high speed signal lines)
BLM_P Series (for Power Lines)
•Large current available up to 6A
•AX(for general signal lines / power lines)
Small
Large
Rated Current
(Less than 1A)
(1A and more)
Meet High-GHz
Band Noise
Example of Chip Ferrite Bead BLM Series Structure
Inner Electrode
Outer Electrode
Ferrite Sheet
Through Hole
Equivalent Circuit
Cross Section
Series Introduction


Similar Part No. - BLM18BA220SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM18BA220SN1 MURATA-BLM18BA220SN1 Datasheet
290Kb / 18P
   On-Board Type (DC) EMI Suppression Filters
BLM18BA220SN1 MURATA-BLM18BA220SN1 Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BLM18BA220SN1 MURATA-BLM18BA220SN1 Datasheet
253Kb / 8P
   EMIFIL (Inductor type) Chip Ferrite Bead
BLM18BA220SN1 MURATA-BLM18BA220SN1 Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
logo
Murata Manufacturing Co...
BLM18BA220SN1 MURATA1-BLM18BA220SN1 Datasheet
242Kb / 4P
   The chip ferrite beads BLM series is designed to work nearly as a resistor at noise frequencies, which greatly reduces the posibility of resonance and leaves signal wave forms undistorted.
Last updated06/30/2022
More results

Similar Description - BLM18BA220SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
C30E MURATA-C30E Datasheet
1Mb / 35P
   EMI Suppression Filters
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
DSS6NB32A471Q55B MURATA-DSS6NB32A471Q55B Datasheet
950Kb / 40P
   EMI Suppression Filters (Lead Type EMIFIL)
logo
Taiyo Yuden (U.S.A.), I...
FK2125T167AL-T TAIYO-YUDEN-FK2125T167AL-T Datasheet
265Kb / 2P
   Multilayer EMI Suppression Filters (T series)
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com