Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EETHC1E153JA Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # EETHC1E153JA
Description  Long life with high capacitance (30% smaller than HB series)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETHC1E153JA Datasheet(HTML) 6 Page - Panasonic Semiconductor

  EETHC1E153JA Datasheet HTML 1Page - Panasonic Semiconductor EETHC1E153JA Datasheet HTML 2Page - Panasonic Semiconductor EETHC1E153JA Datasheet HTML 3Page - Panasonic Semiconductor EETHC1E153JA Datasheet HTML 4Page - Panasonic Semiconductor EETHC1E153JA Datasheet HTML 5Page - Panasonic Semiconductor EETHC1E153JA Datasheet HTML 6Page - Panasonic Semiconductor EETHC1E153JA Datasheet HTML 7Page - Panasonic Semiconductor EETHC1E153JA Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Aluminum Electrolytic Capacitors
TS-HC Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
680
22 x 45
1.50
2.10
0.244
0.110
22 x 50
1.70
2.38
0.244
0.110
25 x 40
1.70
2.38
0.244
0.110
30 x 30
1.70
2.38
0.244
0.110
35 x 25
1.70
2.38
0.244
0.110
820
25 x 45
2.00
2.80
0.202
0.091
30 x 35
2.00
2.80
0.202
0.091
35 x 30
2.00
2.80
0.202
0.091
1000
25 x 50
2.20
3.08
0.166
0.075
30 x 40
2.20
3.08
0.166
0.075
35 x 30
2.20
3.08
0.166
0.075
1200
30 x 45
2.30
3.22
0.138
0.062
35 x 35
2.30
3.22
0.138
0.062
1500
35 x 45
2.50
3.50
0.111
0.050
1800
35 x 45
2.50
3.50
0.092
0.041
35 x 50
2.70
3.78
0.092
0.041
120
22 x 25
0.75
1.05
1.382
0.622
150
22 x 30
0.82
1.15
1.105
0.497
180
22 x 30
0.90
1.26
0.921
0.414
25 x 25
0.90
1.26
0.921
0.414
220
22 x 35
1.00
1.40
0.754
0.339
25 x 30
1.00
1.40
0.754
0.339
270
22 x 40
1.10
1.54
0.614
0.276
25 x 35
1.10
1.54
0.614
0.276
30 x 25
1.10
1.54
0.614
0.276
330
22 x 45
1.20
1.68
0.502
0.226
25 x 40
1.20
1.68
0.502
0.226
30 x 30
1.20
1.68
0.502
0.226
390
25 x 45
1.30
1.82
0.425
0.191
30 x 30
1.30
1.82
0.425
0.191
30 x 35
1.30
1.82
0.425
0.191
470
25 x 50
1.40
1.96
0.353
0.159
30 x 35
1.40
1.96
0.353
0.159
35 x 30
1.40
1.96
0.353
0.159
560
30 x 40
1.50
2.10
0.296
0.133
30 x 45
1.50
2.10
0.296
0.133
35 x 35
1.50
2.10
0.296
0.133
680
30 x 45
1.70
2.38
0.244
0.110
30 x 50
1.70
2.38
0.244
0.110
35 x 40
1.70
2.38
0.244
0.110
820
35 x 45
1.90
2.66
0.202
0.091
1000
35 x 50
1.90
2.66
0.202
0.091
100
22 x 25
0.70
0.98
1.824
0.821
120
22 x 30
0.75
1.05
1.520
0.684
150
22 x 30
0.88
1.23
1.216
0.547
25 x 25
0.88
1.23
1.216
0.547
180
22 x 35
0.95
1.33
1.013
0.456
25 x 30
0.95
1.33
1.013
0.456
220
22 x 40
1.00
1.40
0.829
0.373
22 x 45
1.10
1.54
0.829
0.373
25 x 35
1.10
1.54
0.829
0.373
30 x 25
1.10
1.54
0.829
0.373
270
22 x 45
1.10
1.54
0.675
0.304
22 x 50
1.22
1.71
0.675
0.304
25 x 40
1.22
1.71
0.675
0.304
30 x 30
1.22
1.71
0.675
0.304
35 x 25
1.22
1.71
0.675
0.304
330
25 x 45
1.44
2.02
0.553
0.249
30 x 30
1.44
2.02
0.553
0.249
30 x 35
1.44
2.02
0.553
0.249
35 x 30
1.44
2.02
0.553
0.249
EETHC2E182LA
EETHC2V391KF
EETHC2V391KC
EETHC2V471KF
EETHC2V471KC
EETHC2V391KJ
EETHC2V271HF
EETHC2V271HC
EETHC2V331HF
EETHC2V331HC
EETHC2E122LJ
EETHC2V821LA
EETHC2V821LJ
EETHC2V561KF
EETHC2V561KC
EETHC2V681KF
EETHC2V681KC
EETHC2E182LF
EETHC2E102KJ
EETHC2E102LJ
EETHC2E122KJ
EETHC2E681LA
EETHC2E821JA
EETHC2E821LA
EETHC2E102JF
EETHC2E821KA
EETHC2E681HC
EETHC2E152LJ
EETHC2E182LC
EETHC2E152LA
EETHC2E122LA
EETHC2E681HJ
EETHC2E681KJ
EETHC2E681LJ
Size (mm)
Max 105°C R.C. (Arms)
20°C ESR ( , max.)
Panasonic Part Number (By Sleeving Style)
Part numbers shown with 2 pins and 4.0mm length terminals
EETHC2E681HF
EETHC2E681HA
36
EETHC2V181HA
EETHC2V391KA
EETHC2V471JA
EETHC2V561KA
EETHC2V102LF
EETHC2V471LA
EETHC2V681KA
EETHC2V561LA
EETHC2V151HA
EETHC2V181HJ
EETHC2E821KJ
EETHC2E821LJ
EETHC2E102KA
EETHC2E102LA
EETHC2E122KA
EETHC2E102JC
EETHC2V151HJ
EETHC2E182LJ
EETHC2V391JJ
EETHC2V331KJ
EETHC2V271JA
EETHC2V271JJ
EETHC2V331KA
EETHC2V331JA
EETHC2V391JA
EETHC2G101HA
400 VDC Working, 450 VDC Surge
EETHC2V681KJ
EETHC2G101HJ
EETHC2V681LJ
EETHC2V102LC
EETHC2V681LA
250 VDC Working, 300 VDC Surge (continued)
D x L
PVC with Top Plate
PET without Top Plate
EETHC2E681KA
EETHC2V271KA
EETHC2V121HJ
350 VDC Working, 400 VDC Surge
EETHC2V121HA
EETHC2E821JJ
EETHC2V181JA
EETHC2V221HA
EETHC2V221JA
EETHC2V181JJ
EETHC2V271KJ
EETHC2V331JJ
EETHC2V221JJ
EETHC2V221HJ
EETHC2V561KJ
EETHC2V561LJ
EETHC2V471JJ
EETHC2V471LJ
EETHC2G121HA
EETHC2G151JF
EETHC2G181HA
EETHC2G181JA
EETHC2G151HA
EETHC2G221HF
EETHC2G221HA
EETHC2G221JA
EETHC2G221KA
EETHC2G331LA
EETHC2G331KF
EETHC2G271HF
EETHC2G271HA
EETHC2G271JA
EETHC2G271KA
EETHC2G331KA
EETHC2G121HJ
EETHC2G151JC
EETHC2G181HJ
EETHC2G181JJ
EETHC2G151HJ
EETHC2G221HC
EETHC2G221HJ
EETHC2G221JJ
EETHC2G221KJ
EETHC2G271LJ
EETHC2G331JJ
EETHC2G331KJ
EETHC2G331LJ
EETHC2G331KC
EETHC2G271LA
EETHC2G331JA
EETHC2G271HC
EETHC2G271HJ
EETHC2G271JJ
EETHC2G271KJ
EETHC2E681JA
EETHC2E681JJ


Similar Part No. - EETHC1E153JA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETHC1E153JA PANASONIC-EETHC1E153JA Datasheet
90Kb / 8P
   Long life with high capeacitance 2 and 3 pin versions available RoHS compliant PVC and RoHS compliant PETsleeve options
EETHC1E153JA PANASONIC-EETHC1E153JA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
More results

Similar Description - EETHC1E153JA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EET-HC2G821LA PANASONIC-EET-HC2G821LA Datasheet
96Kb / 8P
   Long life with high capacitance (30% smaller than HB series)
EET-HC2W151CA PANASONIC-EET-HC2W151CA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2W561EA PANASONIC-EET-HC2W561EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2G821EA PANASONIC-EET-HC2G821EA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2E471CA PANASONIC-EET-HC2E471CA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
EET-HC2G221DA PANASONIC-EET-HC2G221DA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series)
logo
Panasonic Battery Group
EETHC1A123BA PANASONICBATTERY-EETHC1A123BA Datasheet
75Kb / 3P
   Highly miniaturized version (30% smaller than HB series) Can vent construction
logo
Cornell Dubilier Electr...
500C CDE-500C_17 Datasheet
1Mb / 15P
   Long Life, High Capacitance Screw Terminal Type
500C273U6R3AK2B CDE-500C273U6R3AK2B Datasheet
230Kb / 15P
   Long Life, High Capacitance Screw Terminal Type
logo
Coilcraft lnc.
0302CS-10NXJLU COILCRAFT-0302CS-10NXJLU Datasheet
149Kb / 2P
   20% smaller than our 0402CS inductors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com