Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EETUQ2S331D Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EETUQ2S331D
Description  Large Can Aluminum Electrolytic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ2S331D Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EETUQ2S331D Datasheet HTML 1Page - Panasonic Semiconductor EETUQ2S331D Datasheet HTML 2Page - Panasonic Semiconductor EETUQ2S331D Datasheet HTML 3Page - Panasonic Semiconductor EETUQ2S331D Datasheet HTML 4Page - Panasonic Semiconductor EETUQ2S331D Datasheet HTML 5Page - Panasonic Semiconductor EETUQ2S331D Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Highly miniaturized version (30% smaller than UP series)
2 and 3 pin versions available
PET Sleeve Option
*Use of temperature ripple current multipliers may limit life to the hours specified for the maximum operating temperature.
Part Number System
# of pins:
2
2
3
pin length:
6.3mm
4.0mm
4.0mm
22mm
BH
P
25mm
CJ
Q
30mm
DKR
35mm
EL
S
TS-UQ Standard Ratings (part numbers shown with 2 pins and 6.3mm length terminal)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
12000
22 x 25
4.52
5.20
0.069
0.059
A
(No suffix)
J
15000
22 x 30
5.26
6.05
0.055
0.047
A
(No suffix)
J
18000
22 x 35
5.57
6.41
0.046
0.039
A
(No suffix)
J
25 x 25
5.57
6.41
0.046
0.039
A
(No suffix)
J
22000
22 x 40
6.10
7.02
0.038
0.032
A
(No suffix)
J
25 x 30
6.10
7.02
0.038
0.032
A
(No suffix)
J
27000
22 x 45
6.31
7.26
0.031
0.026
A
(No suffix)
J
25 x 35
6.31
7.26
0.031
0.026
A
(No suffix)
J
30 x 25
6.31
7.26
0.031
0.026
A
(No suffix)
J
33000
22 x 50
6.84
7.87
0.025
0.021
A
(No suffix)
J
25 x 40
6.84
7.87
0.025
0.021
A
(No suffix)
J
30 x 30
6.84
7.87
0.025
0.021
A
(No suffix)
J
35 x 25
6.84
7.87
0.025
0.021
A
(No suffix)
J
39000
25 x 45
6.94
7.98
0.024
0.020
A
(No suffix)
J
30 x 35
6.94
7.98
0.024
0.020
A
(No suffix)
J
47000
25 x 50
7.47
8.59
0.023
0.019
A
(No suffix)
J
30 x 40
7.47
8.59
0.023
0.019
A
(No suffix)
J
35 x 30
7.47
8.59
0.023
0.019
A
(No suffix)
J
56000
30 x 45
8.73
10.04
0.022
0.019
A
(No suffix)
J
35 x 35
8.73
10.04
0.022
0.018
A
(No suffix)
J
68000
30 x 50
9.05
10.41
0.021
0.018
A
(No suffix)
J
35 x 40
9.05
10.41
0.021
0.018
A
(No suffix)
J
82000
35 x 45
9.49
10.91
0.020
0.018
A
(No suffix)
J
100000
35 x 50
10.18
11.71
0.019
0.018
A
(No suffix)
J
EETUQ1C273C_
EETUQ1C273D_
EETUQ1C333B_
EETUQ1C104E_
EETUQ1C563E_
EETUQ1C683D_
EETUQ1C183C_
EETUQ1C223B_
EETUQ1C223C_
EETUQ1C273B_
PET without
Top Plate
82 ~ 1000µF
2000 hours at +85°C with maximum specified ripple current (see page 6)
3√CV (µA) max. after 5 minutes; C = Capacitance in µF, V = WV
Part Number Suffix Sleeving Options
Sleeving Options: See Part Number listings
Diameter / Terminal Code
EETUQ1C333C_
EETUQ1C333D_
EETUQ1C333E_
EETUQ1C393C_
EETUQ1C393D_
EETUQ1C683E_
EETUQ1C823E_
Size (mm)
D x L
Max 85°C R.C. (Arms)
20°C ESR (Ω, max.)
EETUQ1C473C_
EETUQ1C123B_
EETUQ1C153B_
(Please see page 10 for details)
PVC with Top
Plate
16 VDC Working, 20 VDC Surge
EETUQ1C183B_
PVC without
Top Plate
EETUQ1C473D_
EETUQ1C473E_
EETUQ1C563D_
Panasonic
Part Number
Capacitance Tolerance:
Dissipation Factor:
(120 Hz, +20°C)
Leakage Current:
Ripple Current Multipliers:
Endurance:
± 20%
TS-UQ Series
85°C, 2000 hours
Nominal Capacitance:
270 ~ 100000µF
350 ~ 450 VDC
Rated Working Voltage:
Operating Temperature:
16 ~ 250 VDC
-25 ~ +85°C
-40 ~ +85°C
Frequency(Hz):
16~100WV:
50
160~450WV:
0.93
0.75
0.95
0.8
1.0
1.0
1.2
1.08
1.25
1.15
1.4
Ripple Current Ambient Temperature Factors*
≤45°C
1.5
60°C
70°C
85°C
Temperature (°C):
Multiplier:
1.0
1.3
1.4
1.05
Working Voltage [V]:
Max. D.F. (%):
16
50
25
20
160 ~ 450
15
(rated cap. [µF] - 33000 )
1000
For capacitance values > 33000µF, add the value of:
25
40
35
35
50
30
63
80
100
20
60
100~120
500
1k
10k
E
E
T
U Q
Common
Code
Capacitance
Code
Series
Code
Voltage
Code
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors


Similar Part No. - EETUQ2S331D

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EETUQ2A102B PANASONIC-EETUQ2A102B Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
EETUQ2A102HJ PANASONIC-EETUQ2A102HJ Datasheet
107Kb / 10P
   Aluminum Electrolytic Capacitors/ UQ Snap-in Type
EETUQ2A122C PANASONIC-EETUQ2A122C Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
EETUQ2A122HJ PANASONIC-EETUQ2A122HJ Datasheet
107Kb / 10P
   Aluminum Electrolytic Capacitors/ UQ Snap-in Type
EETUQ2A122JJ PANASONIC-EETUQ2A122JJ Datasheet
107Kb / 10P
   Aluminum Electrolytic Capacitors/ UQ Snap-in Type
More results

Similar Description - EETUQ2S331D

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRLFW NIC-NRLFW Datasheet
40Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLMW NIC-NRLMW Datasheet
57Kb / 3P
   Large Can Aluminum Electrolytic Capacitors
NRLR NIC-NRLR Datasheet
119Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
NRLRW NIC-NRLRW Datasheet
572Kb / 11P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
TS-HA PANASONIC-TS-HA Datasheet
153Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
logo
NIC-Components Corp.
NRLC NIC-NRLC_14 Datasheet
90Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
NRLF NIC-NRLF_14 Datasheet
82Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
NRLFW NIC-NRLFW_14 Datasheet
81Kb / 2P
   Large Can Aluminum Electrolytic Capacitors
logo
Panasonic Semiconductor
ECO-S2GP331EX PANASONIC-ECO-S2GP331EX Datasheet
269Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
ECO-S1HA472EA PANASONIC-ECO-S1HA472EA Datasheet
224Kb / 4P
   Large Can Aluminum Electrolytic Capacitors
EET-UQ2W331LA PANASONIC-EET-UQ2W331LA Datasheet
248Kb / 6P
   Large Can Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com