Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FGA15N120ANTDTU Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # FGA15N120ANTDTU
Description  NPT Trench Technology, Positive temperature coefficient
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

FGA15N120ANTDTU Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button FGA15N120ANTDTU Datasheet HTML 2Page - List of Unclassifed Manufacturers FGA15N120ANTDTU Datasheet HTML 3Page - List of Unclassifed Manufacturers FGA15N120ANTDTU Datasheet HTML 4Page - List of Unclassifed Manufacturers FGA15N120ANTDTU Datasheet HTML 5Page - List of Unclassifed Manufacturers FGA15N120ANTDTU Datasheet HTML 6Page - List of Unclassifed Manufacturers FGA15N120ANTDTU Datasheet HTML 7Page - List of Unclassifed Manufacturers FGA15N120ANTDTU Datasheet HTML 8Page - List of Unclassifed Manufacturers FGA15N120ANTDTU Datasheet HTML 9Page - List of Unclassifed Manufacturers FGA15N120ANTDTU Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to
be an exhaustive list of all such trademarks.
9
www.fairchildsemi.com
FGA15N120ANTD
/ FGA15N120ANTD_F109 Rev. B1
DISCLAIMER
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY
PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY
ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT
CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. THESE SPECIFICATIONS DO NOT
EXPAND THE TERMS OF FAIRCHILD’S WORLDWIDE TERMS AND CONDITIONS, SPECIFICALLY THE WARRANTY THEREIN,
WHICH COVERS THESE PRODUCTS.
LIFE SUPPORT POLICY
FAIRCHILD’S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR
SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION.
As used herein:
1. Life support devices or systems are devices or systems which,
(a) are intended for surgical implant into the body, or (b) support
or sustain life, or (c) whose failure to perform when properly used
in accordance with instructions for use provided in the labeling,
can be reasonably expected to result in significant injury to the
user.
2. A critical component is any component of a life support device
or system whose failure to perform can be reasonably expected
to cause the failure of the life support device or system, or to
affect its safety or effectiveness.
PRODUCT STATUS DEFINITIONS
Definition of Terms
Datasheet Identification
Product Status
Definition
Advance Information
Formative or In
Design
This datasheet contains the design specifications for
product development. Specifications may change in
any manner without notice.
Preliminary
First Production
This datasheet contains preliminary data, and
supplementary data will be published at a later date.
Fairchild Semiconductor reserves the right to make
changes at any time without notice in order to improve
design.
No Identification Needed
Full Production
This datasheet contains final specifications. Fairchild
Semiconductor reserves the right to make changes at
any time without notice in order to improve design.
Obsolete
Not In Production
This datasheet contains specifications on a product
that has been discontinued by Fairchild semiconductor.
The datasheet is printed for reference information only.
Rev. I19
FAST®
FASTr™
FPS™
FRFET™
GlobalOptoisolator™
GTO™
HiSeC™
I2C™
i-Lo™
ImpliedDisconnect™
IntelliMAX™
ISOPLANAR™
LittleFET™
MICROCOUPLER™
MicroFET™
MicroPak™
MICROWIRE™
MSX™
MSXPro™
OCX™
OCXPro™
OPTOLOGIC®
OPTOPLANAR™
PACMAN™
POP™
Power247™
PowerEdge™
PowerSaver™
PowerTrench®
QFET®
QS™
QT Optoelectronics™
Quiet Series™
RapidConfigure™
RapidConnect™
μSerDes™
ScalarPump™
SILENT SWITCHER®
SMART START™
SPM™
Stealth™
SuperFET™
SuperSOT™-3
SuperSOT™-6
SuperSOT™-8
SyncFET™
TCM™
TinyLogic®
TINYOPTO™
TruTranslation™
UHC™
UniFET™
UltraFET®
VCX™
Wire™
ACEx™
ActiveArray™
Bottomless™
Build it Now™
CoolFET™
CROSSVOLT™
DOME™
EcoSPARK™
E2CMOS™
EnSigna™
FACT™
FACT Quiet Series™
Across the board. Around the world.™
The Power Franchise®
Programmable Active Droop™


Similar Part No. - FGA15N120ANTDTU

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FGA15N120ANTDTU ONSEMI-FGA15N120ANTDTU Datasheet
907Kb / 9P
   1200 V, 15 A NPT Trench IGBT
October-2017,Rev.3
FGA15N120ANTDTU-F109 ONSEMI-FGA15N120ANTDTU-F109 Datasheet
907Kb / 9P
   1200 V, 15 A NPT Trench IGBT
October-2017,Rev.3
logo
List of Unclassifed Man...
FGA15N120ANTDTU_F109 ETC2-FGA15N120ANTDTU_F109 Datasheet
938Kb / 10P
   Extremely enhanced avalanche capability
More results

Similar Description - FGA15N120ANTDTU

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SIGC12T60SNC INFINEON-SIGC12T60SNC Datasheet
79Kb / 4P
   IGBT Chip in NPT-technology 600V NPT technology positive temperature coefficient
28.11.2003
SIGC07T60SNC INFINEON-SIGC07T60SNC Datasheet
79Kb / 4P
   IGBT Chip in NPT-technology 600V NPT technology positive temperature coefficient
28.11.2003
SIGC81T60SNC INFINEON-SIGC81T60SNC Datasheet
79Kb / 4P
   IGBT Chip in NPT-technology 600V NPT technology positive temperature coefficient
Edition 2, 28.11.2003
SIGC100T60R3 INFINEON-SIGC100T60R3_10 Datasheet
127Kb / 5P
   600V Trench & Field Stop technology positive temperature coefficient
Edition 2.1, 04.05.2010
SIGC15T60UN INFINEON-SIGC15T60UN Datasheet
68Kb / 4P
   High Speed IGBT Chip in NPT-technology positive temperature coefficient
28.11.2003
logo
Vishay Siliconix
VS-GB70LA60UF VISHAY-VS-GB70LA60UF Datasheet
152Kb / 9P
   NPT warp 2 speed IGBT technology with positive temperature coefficient
Revision: 01-Feb-12
logo
Infineon Technologies A...
SIGC07T60UN INFINEON-SIGC07T60UN Datasheet
70Kb / 4P
   High Speed IGBT Chip in NPT-technology positive temperature coefficient
28.11.2003
SIGC18T60UN INFINEON-SIGC18T60UN Datasheet
69Kb / 4P
   High Speed IGBT Chip in NPT-technology positive temperature coefficient
28.11.2003
SIGC06T60GS INFINEON-SIGC06T60GS Datasheet
76Kb / 4P
   IGBT3 Chip 600V Trench & Field Stop technology positive temperature coefficient
09.06.2004
SIGC04T60GS INFINEON-SIGC04T60GS Datasheet
78Kb / 4P
   IGBT3 Chip 600V Trench & Field Stop technology positive temperature coefficient
08.06.2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com