Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FST16211 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FST16211
Description  24-Bit Bus Switch
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FST16211 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FST16211 Datasheet HTML 1Page - Fairchild Semiconductor FST16211 Datasheet HTML 2Page - Fairchild Semiconductor FST16211 Datasheet HTML 3Page - Fairchild Semiconductor FST16211 Datasheet HTML 4Page - Fairchild Semiconductor FST16211 Datasheet HTML 5Page - Fairchild Semiconductor FST16211 Datasheet HTML 6Page - Fairchild Semiconductor FST16211 Datasheet HTML 7Page - Fairchild Semiconductor FST16211 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.fairchildsemi.com
4
AC Electrical Characteristics
Note 8: This parameter is guaranteed by design but is not tested. The bus switch contributes no propagation delay other than the RC delay of the typical On
resistance of the switch and the 50pF load capacitance, when driven by an ideal voltage source (zero output impedance).
Capacitance (Note 9)
Note 9: TA = +25°C, f = 1 MHz, Capacitance is characterized but not tested.
AC Loading and Waveforms
Note: Input driven by 50
Ω source terminated in 50 Ω
Note: CL includes load and stray capacitance
Note: Input PRR
= 1.0 MHz, t
W = 500 ns
FIGURE 1. AC Test Circuit
FIGURE 2. AC Waveforms
Symbol
Parameter
TA = −40 °C to +85 °C,
Units
Conditions
Figure
No.
CL = 50pF, RU = RD = 500Ω
VCC = 4.5 – 5.5V
VCC = 4.0V
Min
Max
Min
Max
tPHL,tPLH
Prop Delay Bus to Bus (Note 8)
0.25
0.25
ns
VI = OPEN
Figures
1, 2
tPZH, tPZL
Output Enable Time
1.5
6.0
6.5
ns
VI = 7V for tPZL
Figures
1, 2
VI = OPEN for tPZH
tPHZ, tPLZ
Output Disable Time
1.5
7.0
7.2
ns
VI = 7V for tPLZ
Figures
1, 2
VI = OPEN for tPHZ
Symbol
Parameter
Typ
Max
Units
Conditions
CIN
Control Pin Input Capacitance
3
pF
VCC = 5.0V
CI/O
Input/Output Capacitance
6
pF
VCC, OE = 5.0V


Similar Part No. - FST16211

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FST16211 ONSEMI-FST16211 Datasheet
392Kb / 9P
   24-Bit Bus Switch
Revised July 2002
FST16211G ONSEMI-FST16211G Datasheet
392Kb / 9P
   24-Bit Bus Switch
Revised July 2002
FST16211MEA ONSEMI-FST16211MEA Datasheet
392Kb / 9P
   24-Bit Bus Switch
Revised July 2002
FST16211MTD ONSEMI-FST16211MTD Datasheet
392Kb / 9P
   24-Bit Bus Switch
Revised July 2002
More results

Similar Description - FST16211

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSLV16211 FAIRCHILD-FSLV16211 Datasheet
239Kb / 6P
   24-Bit Bus Switch
logo
Pericom Semiconductor C...
PI5C16211AEX PERICOM-PI5C16211AEX Datasheet
467Kb / 4P
   24-Bit Bus Switch
logo
ON Semiconductor
FST16211 ONSEMI-FST16211 Datasheet
392Kb / 9P
   24-Bit Bus Switch
Revised July 2002
logo
Nexperia B.V. All right...
74CBTLV1621 NEXPERIA-74CBTLV1621 Datasheet
374Kb / 18P
   24-bit bus switch
74CBTLV16211 NEXPERIA-74CBTLV16211 Datasheet
373Kb / 18P
   24-bit bus switch
Rev. 7 - 9 November 2016
logo
NXP Semiconductors
74CBTLV16211 PHILIPS-74CBTLV16211_15 Datasheet
158Kb / 16P
   24-bit bus switch
Rev. 6-15 December 2011
logo
Texas Instruments
SN74CBT16211 TI-SN74CBT16211 Datasheet
68Kb / 5P
[Old version datasheet]   24-BIT BUS SWITCH
logo
Pericom Semiconductor C...
PI5C16211 PERICOM-PI5C16211 Datasheet
115Kb / 3P
   24-Bit Bus Switch
logo
Fairchild Semiconductor
FSLV16211 FAIRCHILD-FSLV16211_07 Datasheet
304Kb / 8P
   24-Bit Bus Switch
logo
ON Semiconductor
FSLV16211 ONSEMI-FSLV16211 Datasheet
431Kb / 9P
   24-Bit Bus Switch
October 2010 Rev. 1.0.2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com