Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EEE1AA102UAP Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EEE1AA102UAP
Description  Aluminum Electrolytic Capacitors/ S
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEE1AA102UAP Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EEE1AA102UAP Datasheet HTML 1Page - Panasonic Semiconductor EEE1AA102UAP Datasheet HTML 2Page - Panasonic Semiconductor EEE1AA102UAP Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ S
– EEE-8 –
High tempature Lead-Free reflow Products
✽ Size code( ):Miniaturization product
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
W.V.
Cap.
(±20 %)
Case size
Specification
Part No.
(RoHS:compliant)
Reflow
Min.
Packaging Q'ty
Dia.
Length
✽Size
Code
Ripple
Current
(120 Hz)
(+85 °C)
tan
δ
(120 Hz)
(+20 °C)
Endurance
Taping
(V)
(µF)
(mm)
(mm)
(mA r.m.s.)
(hours)
(pcs)
35
4.7
4
5.4
B
220.122000
EEE1VA4R7AR
(5)
2000
10
45.4
(B)
220.161000
EEE1VA100WAR
(5)
2000
55.4
C
30
0.12
2000
EEE1VA100AR
(5)
1000
22
55.4
(C)
360.161000
EEE1VA220WAR
(5)
1000
6.3
5.4
D
600.122000
EEE1VA220AP
(5)
1000
33
6.3
5.4
(D)
600.161000
EEE1VA330WAP
(5)
1000
86.2
E
130
0.14
2000
EEE1VA330AP
(7)
1000
47
6.3
5.4
(D)
700.161000
EEE1VA470WAP
(5)
1000
86.2
E
165
0.14
2000
EEE1VA470AP
(7)
1000
100
6.3
7.7
D8
1320.142000
EEE1VA101XAP
(5)
900
810.2
(F)
1400.141000
EEE1VA101UAP
(7)
500
10
10.2
G
210
0.14
2000
EEE1VA101AP
(7)
500
220
810.2
(F)
2000.141000
EEE1VA221UAP
(7)
500
10
10.2
G
310
0.14
2000
EEE1VA221AP
(7)
500
330
10
10.2
(G)
350
0.30
1000
EEE1VA331UAP
(7)
500
50
0.1
4
5.4
B
1
0.12
2000
EEE1HAR10AR
(5)
2000
0.22
4
5.4
B
2
0.12
2000
EEE1HAR22AR
(5)
2000
0.33
4
5.4
B
3
0.12
2000
EEE1HAR33AR
(5)
2000
0.47
4
5.4
B
5
0.12
2000
EEE1HAR47AR
(5)
2000
1
4
5.4
B
100.122000
EEE1HA1R0AR
(5)
2000
2.2
4
5.4
B
160.122000
EEE1HA2R2AR
(5)
2000
3.3
4
5.4
B
160.122000
EEE1HA3R3AR
(5)
2000
4.7
45.4
(B)
180.141000
EEE1HA4R7WAR
(5)
2000
55.4
C
23
0.12
2000
EEE1HA4R7AR
(5)
1000
10
55.4
(C)
270.141000
EEE1HA100WAR
(5)
1000
6.3
5.4
D
350.122000
EEE1HA100AP
(5)
1000
22
6.3
5.4
(D)
400.141000
EEE1HA220WAP
(5)
1000
86.2
E
120
0.12
2000
EEE1HA220AP
(7)
1000
33
86.2
(E)
650.121000
EEE1HA330UAP
(7)
1000
6.3
7.7
D8
65
0.14
2000
EEE1HA330XAP
(5)
900
810.2
F
1100.122000
EEE1HA330AP
(7)
500
47
6.3
7.7
D8
1050.142000
EEE1HA470XAP
(5)
900
810.2
(F)
1100.121000
EEE1HA470UAP
(7)
500
10
10.2
G
130
0.12
2000
EEE1HA470AP
(7)
500
100
810.2
(F)
2000.181000
EEE1HA101UAP
(7)
500
10
10.2
G
250
0.12
2000
EEE1HA101AP
(7)
500
220
10
10.2
(G)
300
0.18
1000
EEE1HA221UAP
(7)
500
00 Nov. 2012


Similar Part No. - EEE1AA102UAP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE1AA102UAP PANASONIC-EEE1AA102UAP Datasheet
80Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE1AA102UAP PANASONIC-EEE1AA102UAP Datasheet
80Kb / 3P
   Aluminum Electrolytic Capacitors S
EEE1AA102UAP PANASONIC-EEE1AA102UAP Datasheet
80Kb / 3P
   Surface Mount Type
EEE1AA102UAP PANASONIC-EEE1AA102UAP Datasheet
80Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE1AA102UAP PANASONIC-EEE1AA102UAP Datasheet
91Kb / 3P
   Aluminum Electrolytic Capacitors/ S
More results

Similar Description - EEE1AA102UAP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEE-1HA010SR PANASONIC-EEE-1HA010SR Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-1EA331UAP PANASONIC-EEE-1EA331UAP Datasheet
91Kb / 3P
   Aluminum Electrolytic Capacitors/ S
EEE-1ES4R7SR PANASONIC-EEE-1ES4R7SR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-1HA221P PANASONIC-EEE-1HA221P Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-1CA470SP PANASONIC-EEE-1CA470SP Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE-2AA220P PANASONIC-EEE-2AA220P Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
EEE0GS220SR PANASONIC-EEE0GS220SR_13 Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors S
logo
List of Unclassifed Man...
EEE-1CA471P ETC2-EEE-1CA471P Datasheet
111Kb / 5P
   Aluminum Electrolytic Capacitors/ S
logo
Pacific Silicon Sensor,...
EEE-0JA470WR PACIFIC-EEE-0JA470WR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
logo
Panasonic Semiconductor
EEE-1CA470WR PANASONIC-EEE-1CA470WR Datasheet
106Kb / 5P
   Aluminum Electrolytic Capacitors/ S
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com