Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECOS1EP223CA Datasheet(PDF) 9 Page - Panasonic Semiconductor

Part # ECOS1EP223CA
Description  Compact size for general purpose and industrial applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS1EP223CA Datasheet(HTML) 9 Page - Panasonic Semiconductor

  ECOS1EP223CA Datasheet HTML 1Page - Panasonic Semiconductor ECOS1EP223CA Datasheet HTML 2Page - Panasonic Semiconductor ECOS1EP223CA Datasheet HTML 3Page - Panasonic Semiconductor ECOS1EP223CA Datasheet HTML 4Page - Panasonic Semiconductor ECOS1EP223CA Datasheet HTML 5Page - Panasonic Semiconductor ECOS1EP223CA Datasheet HTML 6Page - Panasonic Semiconductor ECOS1EP223CA Datasheet HTML 7Page - Panasonic Semiconductor ECOS1EP223CA Datasheet HTML 8Page - Panasonic Semiconductor ECOS1EP223CA Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Aluminum Electrolytic Capacitors
TS-UP Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
82
22 x 30
0.83
1.16
2.426
0.849
100
22 x 30
0.92
1.29
1.989
0.696
25 x 25
0.92
1.29
1.989
0.696
120
22 x 35
1.02
1.43
1.658
0.580
25 x 30
1.02
1.43
1.658
0.580
150
22 x 40
1.16
1.62
1.326
0.464
25 x 30
1.16
1.62
1.326
0.464
30 x 25
1.16
1.62
1.326
0.464
180
22 x 45
1.44
2.02
1.105
0.387
25 x 35
1.44
2.02
1.105
0.387
30 x 30
1.44
2.02
1.105
0.387
220
25 x 45
1.49
2.09
0.904
0.316
30 x 30
1.49
2.09
0.904
0.316
35 x 25
1.49
2.09
0.904
0.316
270
25 x 50
1.67
2.34
0.737
0.258
30 x 35
1.67
2.34
0.737
0.258
35 x 30
1.67
2.34
0.737
0.258
330
30 x 45
1.90
2.66
0.603
0.211
35 x 35
1.90
2.66
0.603
0.211
390
30 x 50
2.13
2.98
0.510
0.179
35 x 40
2.13
2.98
0.510
0.179
470
35 x 45
2.39
3.35
0.423
0.148
560
35 x 50
2.69
3.77
0.355
0.124
33
22 x 20
0.20
0.28
6.028
2.411
22 x 25
0.41
0.57
6.028
2.411
47
22 x 25
0.59
0.83
4.233
1.693
25 x 20
0.29
0.41
4.233
1.693
56
22 x 25
0.70
0.98
2.960
1.184
68
30 x 20
0.38
0.53
2.926
1.170
82
22 x 30
0.83
1.16
2.022
0.809
25 x 25
0.83
1.16
2.022
0.809
100
22 x 35
0.93
1.30
1.658
0.663
35 x 20
0.52
0.73
1.989
0.796
120
22 x 40
1.04
1.46
1.382
0.553
25 x 30
1.04
1.46
1.382
0.553
30 x 25
1.04
1.46
1.382
0.553
150
22 x 50
1.19
1.67
1.105
0.442
25 x 40
1.19
1.67
1.105
0.442
30 x 30
1.19
1.67
1.105
0.442
180
25 x 40
1.35
1.89
0.921
0.368
25 x 45
1.35
1.89
0.921
0.368
30 x 30
1.35
1.89
0.921
0.368
30 x 35
1.35
1.89
0.921
0.368
35 x 25
1.35
1.89
0.921
0.368
220
25 x 45
1.55
2.17
0.754
0.301
25 x 50
1.55
2.17
0.754
0.301
30 x 35
1.55
2.17
0.754
0.301
30 x 40
1.55
2.17
0.754
0.301
35 x 30
1.55
2.17
0.754
0.301
270
30 x 45
1.78
2.49
0.675
0.270
35 x 30
1.78
2.49
0.614
0.246
270
35 x 35
1.78
2.49
0.675
0.270
330
30 x 50
2.01
2.81
0.553
0.249
35 x 35
2.01
2.81
0.553
0.221
35 x 40
2.01
2.81
0.553
0.249
390
35 x 45
2.24
3.14
0.510
0.255
470
35 x 45
2.53
3.54
0.423
0.233
35 x 50
2.53
3.54
0.423
0.233
ECOS2WP471EX
ECEC2WP471EX
ECOS2WP471EA
ECEC2WP471EA
ECOS2WP331EA
ECEC2WP331EA
ECOS2WP391EA
ECEC2WP391EA
ECOS2WP331DA
ECEC2WP331DA
ECOS2WP331EX
ECEC2WP331EX
ECOS2WP271EX
ECEC2WP271EX
ECOS2WP271EA
ECEC2WP271EA
ECOS2WP221EA
ECEC2WP221EA
ECOS2WP271DA
ECEC2WP271DA
ECOS2WP221DX
ECEC2WP221DX
ECOS2WP221DA
ECEC2WP221DA
ECOS2WP221CX
ECEC2WP221CX
ECOS2WP221CA
ECEC2WP221CA
ECEC2WP181DX
ECOS2WP181DA
ECEC2WP181DA
ECOS2WP181EA
ECEC2WP181EA
ECOS2WP330BA
ECEC2WP330BL
ECEC2WP330BA
450 VDC Working, 500 VDC Surge
ECEC2SP391EA
ECEC2SP471EA
ECEC2SP561EA
ECOS2WP330BL
ECOS2SP391EA
ECEC2SP271EA
ECEC2SP331DA
ECEC2SP331EA
ECEC2SP391DA
ECOS2SP151DA
ECOS2SP181BA
ECOS2SP181CA
ECOS2SP181DA
ECEC2SP151DA
ECEC2SP181BA
ECEC2SP181CA
ECOS2SP391DA
ECOS2SP331EA
ECOS2SP331DA
ECOS2SP221CA
ECOS2SP221DA
ECOS2SP271EA
ECOS2SP271DA
22
ECOS2WP101BA
ECOS2WP101EL
ECOS2WP121BA
ECOS2WP121CA
ECOS2WP121DA
ECOS2WP151BA
ECEC2WP121DA
ECOS2WP151CA
ECEC2WP151CA
ECOS2SP221EA
ECOS2SP271CA
ECOS2SP561EA
ECOS2SP471EA
ECOS2WP470BA
ECEC2WP820CA
ECOS2WP470CL
ECEC2WP470CL
ECEC2WP470BA
ECOS2SP151CA
ECOS2SP151BA
ECOS2SP121CA
ECOS2SP101CA
Part numbers shown with 2 pins
Panasonic Part Number (By Terminal Length)
6.3mm Length Terminal
ECOS2SP121BA
ECOS2SP820BA
420 VDC Working, 470 VDC Surge
ECOS2SP101BA
ECEC2SP820BA
ECOS2WP560BA
ECEC2WP121BA
ECEC2WP121CA
ECEC2SP121CA
ECEC2SP151BA
ECEC2WP101EL
ECEC2WP560BA
ECEC2WP680DL
ECEC2SP181DA
ECEC2SP221CA
ECEC2SP151CA
ECEC2WP151BA
ECOS2WP151DA
ECEC2WP151DA
ECEC2SP121BA
D x L
4.0mm Length Terminal
Size (mm)
Max 85°C R.C. (Arms)
20°C ESR (Ω, max.)
ECEC2WP181CX
ECEC2WP181CA
ECEC2SP101BA
ECEC2SP101CA
ECEC2WP820BA
ECEC2WP101BA
ECEC2SP221DA
ECEC2SP221EA
ECEC2SP271CA
ECEC2SP271DA
ECOS2WP181CA
ECOS2WP181DX
ECOS2WP680DL
ECOS2WP820BA
ECOS2WP820CA
ECOS2WP181CX


Similar Part No. - ECOS1EP223CA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECOS1EP223CA PANASONIC-ECOS1EP223CA Datasheet
193Kb / 10P
   Aluminum Electrolytic Capacitors
ECOS1EP223CA PANASONIC-ECOS1EP223CA Datasheet
243Kb / 9P
   Aluminum Electrolytic Capacitors
ECOS1EP223CA PANASONIC-ECOS1EP223CA Datasheet
243Kb / 9P
   Aluminum Electrolytic Capacitors
ECOS1EP223CA PANASONIC-ECOS1EP223CA Datasheet
243Kb / 9P
   Aluminum Electrolytic Capacitors
ECOS1EP223CA PANASONIC-ECOS1EP223CA Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
More results

Similar Description - ECOS1EP223CA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECO-S1JP682DA PANASONIC-ECO-S1JP682DA Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
ECOS1CP153EL PANASONIC-ECOS1CP153EL Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
ECOS1CP473EA PANASONIC-ECOS1CP473EA Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
logo
List of Unclassifed Man...
PCF14JT200R ETC2-PCF14JT200R Datasheet
364Kb / 7P
   General purpose resistor ideal for commercial/industrial applications
CF18JT560R ETC2-CF18JT560R Datasheet
98Kb / 3P
   General purpose resistor ideal for commercial/industrial applications
SLS-1500 ETC2-SLS-1500 Datasheet
276Kb / 5P
   Compact Flow Meter for Industrial Applications
logo
Vishay Siliconix
SD101AWS-G VISHAY-SD101AWS-G Datasheet
85Kb / 4P
   For general purpose applications
Rev. 1.2, 14-Oct-16
SD103AW-G VISHAY-SD103AW-G Datasheet
94Kb / 4P
   For general purpose applications
Rev. 1.7, 25-Aug-16
SD101AW-G VISHAY-SD101AW-G Datasheet
86Kb / 4P
   For general purpose applications
Rev. 1.0, 25-Feb-13
logo
Fairchild Semiconductor
KSE2955T FAIRCHILD-KSE2955T Datasheet
38Kb / 4P
   General Purpose and Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com