Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLM15HB121SN1 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # BLM15HB121SN1
Description  EMI Suppression Filters
Download  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

BLM15HB121SN1 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  BLM15HB121SN1 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. BLM15HB121SN1 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. BLM15HB121SN1 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. BLM15HB121SN1 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. BLM15HB121SN1 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. BLM15HB121SN1 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. BLM15HB121SN1 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. BLM15HB121SN1 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. BLM15HB121SN1 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 88 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
C31E.pdf
Mar.28,2011
15
0
300
600
900
1200
1
10
100
1000
Frequency (MHz)
BLM18BD601SN1
BLM18AG601SN1
0
300
600
900
1200
1
10
100
1000
Frequency (MHz)
BLM18AG601SN1
BLM18BD601SN1
29.7cm
25MHz
OSC
74HC04
74HC04
74HC00
Difference between BLM A type and B type (HG type vs HD/HB type)
A type: Impedance curve rises from low frequency range. Suppress noise in wide frequency range.
B type: Impedance curve rises sharply. Less damage to signal waveforms.
cComparison of Impedance Curve
cComparison of Resistance Element
cComparison of Test Effect (25MHz)
Test Circuit
Waveform test point
1cm
Ferrite Bead
Pattern width 0.15cm
Line impedance 127
Both side glass epoxy PCB(
ε4.7)
All of back side is GND PCB thickness=0.6mm
BLM_B Series has less damage to high speed signal waveform.
Spectrum has been reduced from low
frequency range.
Noise frequency has been reduced without
reducing signals of low frequency.
Waveform
Spectrum
No filter
BLM18AG601SN1
BLM18BD601SN1 Small Distortion
BLp Series Introduction


Similar Part No. - BLM15HB121SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLM15HB121SN1 MURATA-BLM15HB121SN1 Datasheet
187Kb / 3P
   Chip Ferrite Bead for GHz Noise
BLM15HB121SN1 MURATA-BLM15HB121SN1 Datasheet
1,015Kb / 39P
   DESIGN ENGINEERING KITS
BLM15HB121SN1 MURATA-BLM15HB121SN1 Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
BLM15HB121SN1 MURATA-BLM15HB121SN1 Datasheet
182Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
BLM15HB121SN1 MURATA-BLM15HB121SN1 Datasheet
187Kb / 3P
   EMIFIL (Inductor type) Chip Ferrite Bead for GHz Noise
More results

Similar Description - BLM15HB121SN1

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
C30E MURATA-C30E Datasheet
1Mb / 35P
   EMI Suppression Filters
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
DSS6NB32A471Q55B MURATA-DSS6NB32A471Q55B Datasheet
950Kb / 40P
   EMI Suppression Filters (Lead Type EMIFIL)
logo
Taiyo Yuden (U.S.A.), I...
FK2125T167AL-T TAIYO-YUDEN-FK2125T167AL-T Datasheet
265Kb / 2P
   Multilayer EMI Suppression Filters (T series)
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BNX024H01B MURATA-BNX024H01B Datasheet
794Kb / 18P
   SMD/BLOCK Type EMI Suppression Filters
BLM31PG601SH1L MURATA-BLM31PG601SH1L Datasheet
2Mb / 88P
   SMD/BLOCK TYPE EMI SUPPRESSION FILTERS
BLM31PG330SH1L MURATA-BLM31PG330SH1L Datasheet
2Mb / 88P
   smd/block type emi suppression filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com