Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSBM20SL60 Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FSBM20SL60
Description  SPMTM (Smart Power Module)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBM20SL60 Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FSBM20SL60 Datasheet HTML 1Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 2Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 3Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 4Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 5Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 6Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 7Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 8Page - Fairchild Semiconductor FSBM20SL60 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
©2003 Fairchild Semiconductor Corporation
Rev. D, August 2003
Pin Descriptions
Pin Number
Pin Name
Pin Description
1VCC(L)
Low-side Common Bias Voltage for IC and IGBTs Driving
2COM(L)
Low-side Common Supply Ground
3IN(UL)
Signal Input for Low-side U Phase
4IN(VL)
Signal Input for Low-side V Phase
5IN(WL)
Signal Input for Low-side W Phase
6COM(L)
Low-side Common Supply Ground
7VFO
Fault Output
8CFOD
Capacitor for Fault Output Duration Time Selection
9CSC
Capacitor (Low-pass Filter) for Short-Circuit Current Detection Input
10
RSC
Resistor for Short-Circuit Current Detection
11
IN(UH)
Signal Input for High-side U Phase
12
VCC(UH)
High-side Bias Voltage for U Phase IC
13
VB(U)
High-side Bias Voltage for U Phase IGBT Driving
14
VS(U)
High-side Bias Voltage Ground for U Phase IGBT Driving
15
IN(VH)
Signal Input for High-side V Phase
16
COM(H)
High-side Common Supply Ground
17
VCC(VH)
High-side Bias Voltage for V Phase IC
18
VB(V)
High-side Bias Voltage for V Phase IGBT Driving
19
VS(V)
High-side Bias Voltage Ground for V Phase IGBT Driving
20
IN(WH)
Signal Input for High-side W Phase
21
VCC(WH)
High-side Bias Voltage for W Phase IC
22
VB(W)
High-side Bias Voltage for W Phase IGBT Driving
23
VS(W)
High-side Bias Voltage Ground for W Phase IGBT Driving
24
NC
No Connection
25
NC
No Connection
26
NU
Negative DC–Link Input for U Phase
27
NV
Negative DC–Link Input for V Phase
28
NW
Negative DC–Link Input for W Phase
29
U
Output for U Phase
30
V
Output for V Phase
31
W
Output for W Phase
32
P
Positive DC–Link Input


Similar Part No. - FSBM20SL60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSBM20SH60A FAIRCHILD-FSBM20SH60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
FSBM20SM60A FAIRCHILD-FSBM20SM60A Datasheet
2Mb / 16P
   SPM (Smart Power Module)
More results

Similar Description - FSBM20SL60

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSAM15SL60 FAIRCHILD-FSAM15SL60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSBM15SL60 FAIRCHILD-FSBM15SL60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSAM50SM60A FAIRCHILD-FSAM50SM60A Datasheet
421Kb / 16P
   SPMTM (Smart Power Module)
FSAM20SH60A FAIRCHILD-FSAM20SH60A_03 Datasheet
1Mb / 16P
   SPMTM (Smart Power Module)
FSAM20SM60A FAIRCHILD-FSAM20SM60A Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSAM30SH60A FAIRCHILD-FSAM30SH60A_03 Datasheet
1Mb / 16P
   SPMTM (Smart Power Module)
FSBM15SH60 FAIRCHILD-FSBM15SH60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSBM30SH60 FAIRCHILD-FSBM30SH60 Datasheet
2Mb / 16P
   SPMTM (Smart Power Module)
FSAM20SH60A FAIRCHILD-FSAM20SH60A Datasheet
975Kb / 17P
   SPMTM (Smart Power Module)
FSAM75SM60A FAIRCHILD-FSAM75SM60A Datasheet
385Kb / 16P
   SPMTM (Smart Power Module)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com