Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVZ3G684C01R02 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd.

Part # PVZ3G684C01R02
Description  TRIMMER POTENTIOMETER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

PVZ3G684C01R02 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd.

  PVZ3G684C01R02 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. PVZ3G684C01R02 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. PVZ3G684C01R02 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. PVZ3G684C01R02 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. PVZ3G684C01R02 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. PVZ3G684C01R02 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. PVZ3G684C01R02 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. PVZ3G684C01R02 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. PVZ3G684C01R02 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
SPECIFICATION No. JVR03Z-7148B
2/12
UNCONTROLLED
COPY
REFERENCE ONLY
1. Scope
This specification defines the characteristics of Murata made Trimmer Potentiometer PVZ3G
C01 series
with carbon material of the resistive element.
2. Murata Part Number
PVZ3G
C01B00
Bulk
: 1000pcs./bag
PVZ3G
C01R00
Taping (Standard) : 2500pcs./reel
PVZ3G
C01R02
Taping (Option)
: 2500pcs./reel
Note 2) Taping direction: See 10.Taping Specifications.
Note 3) Please fill in your part number on the cross-reference table.
3. Outline Dimensions and Markings
Please see 9. Outline Dimensions.
4. Characteristics
4.1 Electrical characteristics
ITEM
SPECIFICATION
TEST
METHOD
Standard Resistance Range
220 ohm to 2.2M ohm
-
Standard Resistance Tolerance ±30% of nominal total resistance value
-
Taper
B (Linear)
• 50% position of effective rotational angle
- 40 to 60%
• Jump or reverse (except extreme end)
- 5% max.
• Jump or reverse (at the extreme end of #1 or #3) - 5% max.
-
Power Rating
50°C – 1/10W
85°C -
0W
*In case that the ambient temperature exceed
50°C, the derating curve is as Fig 1.
However, in case of partial load, power rating
reduces in proportion to the rotational angle
of wiper.
-
Voltage Rating
E=(P R)^1/2 E: Voltage rating (V)
P: Power rating (W)
R: Nominal total resistance value (ohm)
*However, in case that voltage rating exceed max. working voltage,
the max. working voltage should be applied as voltage rating.
-
Max. Working Voltage
50Vdc
-
Operating Temperature Range
-25°C to +85°C
-
Residual Resistance
220 ohm<=R<470 ohm : 10 ohm max. of nominal total resistance value
470 ohm<=R<=2.2M ohm: 2% max. of nominal total resistance value
-
Contact Resistance Variation
5% max. of nominal total resistance value
5.1
Temperature Coefficient
of Resistance
±500ppm/°C max.
5.2
Power
100%
0
50°C
85°C
Ambient Temperature
(Fig 1)
Note 1)
: Resistance code
Resistance Code Resistance Code Resistance Code Resistance Code Resistance Code Resistance Code
220 ohm 221
330 ohm 331
470 ohm 471
680 ohm 681
1k ohm 102
1.5k ohm 152
2.2k ohm 222
3.3k ohm 332
4.7k ohm 472
6.8k ohm 682
10k ohm 103
15k ohm 153
22k ohm 223
33k ohm 333
47k ohm 473
68k ohm 683
100k ohm 104
150k ohm 154
220k ohm 224
330k ohm 334
470k ohm 474
680k ohm 684
1M ohm 105
1.5M ohm 155
2.2M ohm 225


Similar Part No. - PVZ3G684C01R02

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
PVZ3G102C01B00 MURATA-PVZ3G102C01B00 Datasheet
193Kb / 3P
   Inductance
logo
Murata Manufacturing Co...
PVZ3G102C01B00 MURATA1-PVZ3G102C01B00 Datasheet
248Kb / 3P
   Excellent solderability characteristics are achieved via special plating techniques on each termination.
09/13/2022
PVZ3G102C01B00 MURATA1-PVZ3G102C01B00_V01 Datasheet
248Kb / 3P
   Excellent solderability characteristics are achieved via special plating techniques on each termination.
09/13/2022
logo
Murata Manufacturing Co...
PVZ3G102C01R00 MURATA-PVZ3G102C01R00 Datasheet
193Kb / 3P
   Inductance
logo
Murata Manufacturing Co...
PVZ3G102C01R00 MURATA1-PVZ3G102C01R00 Datasheet
248Kb / 3P
   Excellent solderability characteristics are achieved via special plating techniques on each termination.
09/13/2022
More results

Similar Description - PVZ3G684C01R02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WIW1012 ETC1-WIW1012 Datasheet
702Kb / 1P
   Trimmer Potentiometer
logo
Sharma Electro Componen...
WIW3269 SHARMA-WIW3269 Datasheet
693Kb / 1P
   Trimmer Potentiometer
WIW1028 SHARMA-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
WIW1036 SHARMA-WIW1036 Datasheet
713Kb / 1P
   Trimmer Potentiometer
WIW3329 SHARMA-WIW3329 Datasheet
703Kb / 1P
   Trimmer Potentiometer
logo
List of Unclassifed Man...
WIW1028 ETC1-WIW1028 Datasheet
748Kb / 1P
   Trimmer Potentiometer
logo
Sharma Electro Componen...
WIW1029 SHARMA-WIW1029 Datasheet
743Kb / 1P
   Trimmer Potentiometer
WIW3362 SHARMA-WIW3362 Datasheet
709Kb / 1P
   Trimmer Potentiometer
WIW1015 SHARMA-WIW1015 Datasheet
722Kb / 1P
   Trimmer Potentiometer
logo
Dallas Semiconductor
DS1866 DALLAS-DS1866 Datasheet
77Kb / 5P
   Log Trimmer Potentiometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com