Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECOS1CP563EA Datasheet(PDF) 5 Page - Panasonic Semiconductor

Part # ECOS1CP563EA
Description  Compact size for general purpose and industrial applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS1CP563EA Datasheet(HTML) 5 Page - Panasonic Semiconductor

  ECOS1CP563EA Datasheet HTML 1Page - Panasonic Semiconductor ECOS1CP563EA Datasheet HTML 2Page - Panasonic Semiconductor ECOS1CP563EA Datasheet HTML 3Page - Panasonic Semiconductor ECOS1CP563EA Datasheet HTML 4Page - Panasonic Semiconductor ECOS1CP563EA Datasheet HTML 5Page - Panasonic Semiconductor ECOS1CP563EA Datasheet HTML 6Page - Panasonic Semiconductor ECOS1CP563EA Datasheet HTML 7Page - Panasonic Semiconductor ECOS1CP563EA Datasheet HTML 8Page - Panasonic Semiconductor ECOS1CP563EA Datasheet HTML 9Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Aluminum Electrolytic Capacitors
TS-UP Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
470
22 x 20
1.00
1.15
0.459
0.298
22 x 25
1.11
1.28
0.459
0.298
560
22 x 25
1.32
1.52
0.385
0.250
680
22 x 25
1.61
1.85
0.317
0.206
25 x 20
1.10
1.27
0.366
0.238
1000
22 x 30
1.96
2.25
0.216
0.140
25 x 25
1.96
2.25
0.216
0.140
30 x 20
1.20
1.38
0.249
0.162
1200
22 x 35
2.31
2.66
0.193
0.126
25 x 30
2.31
2.66
0.180
0.117
1500
22 x 40
2.57
2.96
0.155
0.101
25 x 30
2.57
2.96
0.155
0.101
30 x 25
2.57
2.96
0.155
0.101
35 x 20
1.50
1.73
0.177
0.115
1800
22 x 45
2.84
3.27
0.129
0.084
25 x 35
2.84
3.27
0.138
0.090
30 x 30
2.84
3.27
0.138
0.090
2200
22 x 50
3.14
3.61
0.121
0.078
25 x 40
3.14
3.61
0.121
0.078
30 x 30
3.14
3.61
0.121
0.078
35 x 25
3.14
3.61
0.121
0.078
2700
25 x 45
3.71
4.27
0.104
0.068
30 x 35
3.71
4.27
0.104
0.068
35 x 30
3.71
4.27
0.104
0.068
3300
25 x 50
4.06
4.67
0.090
0.059
30 x 40
4.06
4.67
0.090
0.059
3900
30 x 45
4.54
5.22
0.077
0.050
35 x 35
4.54
5.22
0.081
0.052
4700
30 x 50
5.13
5.90
0.071
0.049
35 x 40
5.13
5.90
0.071
0.049
5600
35 x 45
5.75
6.61
0.059
0.041
6800
35 x 50
6.60
7.59
0.049
0.037
220
22 x 25
0.91
1.27
0.829
0.414
270
22 x 25
1.19
1.67
0.675
0.338
330
22 x 25
1.45
2.03
0.553
0.276
390
22 x 25
1.62
2.27
0.468
0.234
25 x 25
1.62
2.27
0.468
0.234
470
22 x 30
2.11
2.95
0.423
0.212
25 x 25
2.11
2.95
0.423
0.212
560
22 x 35
2.25
3.15
0.355
0.178
25 x 25
2.25
3.15
0.355
0.178
680
22 x 40
2.50
3.50
0.293
0.146
25 x 30
2.50
3.50
0.293
0.146
30 x 25
2.50
3.50
0.293
0.146
820
22 x 45
2.75
3.85
0.263
0.131
25 x 35
2.75
3.85
0.263
0.131
30 x 30
2.75
3.85
0.263
0.131
1000
25 x 40
3.00
4.20
0.216
0.108
35 x 30
3.00
4.20
0.232
0.128
1200
25 x 50
3.25
4.55
0.207
0.114
30 x 35
3.25
4.55
0.207
0.114
35 x 30
3.25
4.55
0.207
0.114
1500
25 x 50
3.73
5.22
0.166
0.091
30 x 45
3.73
5.22
0.166
0.091
35 x 35
3.73
5.22
0.166
0.091
1800
30 x 50
4.20
5.88
0.138
0.083
35 x 35
4.20
5.88
0.138
0.083
2200
30 x 50
4.78
6.69
0.105
0.053
35 x 40
4.78
6.69
0.113
0.073
35 x 45
4.78
6.69
0.113
0.073
2700
35 x 50
5.45
7.63
0.092
0.060
ECOS2CP122DA
ECEC2CP122DA
ECEC2CP102EA
ECEC2CP821CA
ECEC2CP821DA
ECEC2CP681CX
ECEC2CP681DA
ECEC2CP821BA
ECOS2CP122EA
ECEC2CP122EA
ECOS2CP152CX
ECEC2CP152CX
ECOS2CP152DA
ECEC2CP152DA
ECOS2CP152EA
ECEC2CP152EA
ECOS2CP182DA
ECEC2CP182DA
ECOS2CP182EX
ECEC2CP182EX
ECOS2CP222DX
ECEC2CP222DX
ECOS2CP222EX
ECEC2CP222EX
ECOS2CP222EA
ECEC2CP222EA
ECOS2CP272EA
18
ECEC2CP272EA
ECEC2CP102CX
ECEC2CP122CA
ECEC2CP681BA
ECEC2CP471CA
ECEC2CP561BA
ECEC2CP561CX
ECOS2CP561CX
ECEC2CP221BA
ECEC2CP271BA
ECEC2CP331BA
ECEC2CP391BX
ECEC2CP391CA
ECEC2CP471BA
ECOS2CP821BA
ECOS2CP821CA
ECOS2CP681BA
ECOS2CP681CX
ECOS2CP681DA
ECOS2CP561BA
ECOS2CP821DA
ECOS2CP102CX
ECOS2CP122CA
ECOS2CP102EA
ECOS2CP471BA
ECOS2CP471CA
ECOS2CP391CA
ECOS2AP562EA
ECOS2AP682EA
ECOS2CP331BA
ECOS2CP391BX
ECEC2AP472DA
ECEC2AP472EA
ECEC2AP562EA
ECEC2AP682EA
ECEC2AP332CA
ECEC2AP332DA
ECEC2AP392DA
ECEC2AP392EA
D x L
6.3mm Length Terminal
ECOS2AP222DA
ECOS2AP182BA
ECOS2AP122BA
ECOS2AP122CA
ECOS2AP152BA
ECOS2AP222CA
ECOS2AP152DA
ECOS2CP271BA
ECOS2AP392DA
ECOS2AP392EA
ECOS2AP472DA
ECOS2AP472EA
ECOS2CP221BA
ECOS2AP152EL
160 VDC Working, 200 VDC Surge
Panasonic Part Number (By Terminal Length)
Size (mm)
Max 85°C R.C. (Arms)
20°C ESR (Ω, max.)
ECOS2AP182CA
ECOS2AP182DA
ECOS2AP222EA
ECOS2AP272CA
ECOS2AP102BA
ECOS2AP102CA
ECOS2AP222BA
ECOS2AP152CA
ECOS2AP471BL
ECOS2AP471BA
ECOS2AP561BA
ECOS2AP681CL
100 VDC Working, 125 VDC Surge
ECOS2AP102DL
ECOS2AP681BA
4.0mm Length Terminal
Part numbers shown with 2 pins
ECEC2AP102DL
ECEC2AP471BL
ECOS2AP272DA
ECOS2AP272EA
ECOS2AP332CA
ECOS2AP332DA
ECEC2AP152CA
ECEC2AP152DA
ECEC2AP152EL
ECEC2AP182BA
ECEC2AP182CA
ECEC2AP182DA
ECEC2AP102CA
ECEC2AP222CA
ECEC2AP222DA
ECEC2AP222EA
ECEC2AP272CA
ECEC2AP272DA
ECEC2AP272EA
ECEC2AP561BA
ECEC2AP681BA
ECEC2AP681CL
ECEC2AP102BA
ECEC2AP122BA
ECEC2AP222BA
ECEC2AP471BA
ECEC2AP122CA
ECEC2AP152BA


Similar Part No. - ECOS1CP563EA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECOS1CP563EA PANASONIC-ECOS1CP563EA Datasheet
193Kb / 10P
   Aluminum Electrolytic Capacitors
ECOS1CP563EA PANASONIC-ECOS1CP563EA Datasheet
243Kb / 9P
   Aluminum Electrolytic Capacitors
ECOS1CP563EA PANASONIC-ECOS1CP563EA Datasheet
243Kb / 9P
   Aluminum Electrolytic Capacitors
ECOS1CP563EA PANASONIC-ECOS1CP563EA Datasheet
243Kb / 9P
   Aluminum Electrolytic Capacitors
ECOS1CP563EA PANASONIC-ECOS1CP563EA Datasheet
193Kb / 10P
   Panasonic Industrial Company
More results

Similar Description - ECOS1CP563EA

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECO-S1JP682DA PANASONIC-ECO-S1JP682DA Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
ECOS1CP153EL PANASONIC-ECOS1CP153EL Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
ECOS1CP473EA PANASONIC-ECOS1CP473EA Datasheet
193Kb / 10P
   Compact size for general purpose and industrial applications
logo
List of Unclassifed Man...
PCF14JT200R ETC2-PCF14JT200R Datasheet
364Kb / 7P
   General purpose resistor ideal for commercial/industrial applications
CF18JT560R ETC2-CF18JT560R Datasheet
98Kb / 3P
   General purpose resistor ideal for commercial/industrial applications
SLS-1500 ETC2-SLS-1500 Datasheet
276Kb / 5P
   Compact Flow Meter for Industrial Applications
logo
Vishay Siliconix
SD101AWS-G VISHAY-SD101AWS-G Datasheet
85Kb / 4P
   For general purpose applications
Rev. 1.2, 14-Oct-16
SD103AW-G VISHAY-SD103AW-G Datasheet
94Kb / 4P
   For general purpose applications
Rev. 1.7, 25-Aug-16
SD101AW-G VISHAY-SD101AW-G Datasheet
86Kb / 4P
   For general purpose applications
Rev. 1.0, 25-Feb-13
logo
Fairchild Semiconductor
KSE2955T FAIRCHILD-KSE2955T Datasheet
38Kb / 4P
   General Purpose and Switching Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com