Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECEA1VN330U Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECEA1VN330U
Description  Aluminum Electrolytic Capacitors/ SU(Bi-polar)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECEA1VN330U Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECEA1VN330U Datasheet HTML 1Page - Panasonic Semiconductor ECEA1VN330U Datasheet HTML 2Page - Panasonic Semiconductor ECEA1VN330U Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors/ SU(Bi-polar)
– EEE-117 –
Standard Products (Bi-polar)
W.V.
Cap.
(±20 %)
Case size
Specification
Lead Length
Part No.
Min. Packaging Q'ty
Dia.
Length
Ripple
Current
(120 Hz)
(+85 °C)
tan
δ
(120 Hz)
(+20 °C)
Lead
Dia.
Lead Space
Straight
Leads
Taping
Straight
Taping
✽B
Taping
✽i
(V)
(µF)
(mm)
(mm) (mA r.m.s.)
( )(mm)
(mm)
(mm)
(mm)
(pcs)
(pcs)
6.3
330
8
11.5
250
0.30
0.6
3.5
5.0
ECEA0JN331U( )
200
1000
470
10
12.5
310
0.30
0.6
5.0
5.0
ECEA0JN471X( )
200
500
1000
10
20
430
0.30
0.6
5.0
5.0
ECEA0JN102U( )
200
500
2200
12.5
25
660
0.32
0.6
5.0
5.0
ECEA0JN222U( )
200
500
3300
16
25
760
0.34
0.8
7.5
7.5
ECEA0JN332U( )
100
250
4700
16
31.5
1170
0.36
0.8
7.5
ECEA0JN472U
100
6800
18
35.5
1450
0.40
0.8
7.5
ECEA0JN682U
50
10
47
5
11
90
0.25
0.5
2.0
5.0
2.5
ECEA1AN470U( )
200
2000
100
6.3
11.2
130
0.25
0.5
2.5
5.0
2.5
ECEA1AN101X( )
200
2000
220
8
11.5
200
0.25
0.6
3.5
5.0
ECEA1AN221U( )
200
1000
330
10
16
280
0.25
0.6
5.0
5.0
ECEA1AN331U( )
200
500
470
10
16
340
0.25
0.6
5.0
5.0
ECEA1AN471U( )
200
500
1000
12.5
20
470
0.25
0.6
5.0
5.0
ECEA1AN102X( )
200
500
2200
16
25
690
0.27
0.8
7.5
7.5
ECEA1AN222U( )
100
250
3300
16
31.5
1090
0.29
0.8
7.5
ECEA1AN332U
100
4700
18
35.5
1200
0.31
0.8
7.5
ECEA1AN472U
50
16
10
5
11
40
0.20
0.5
2.0
5.0
2.5
ECEA1CN100U( )
200
2000
22
5
11
60
0.20
0.5
2.0
5.0
2.5
ECEA1CN220U( )
200
2000
33
5
11
80
0.20
0.5
2.0
5.0
2.5
ECEA1CN330U( )
200
2000
47
6.3
11.2
100
0.20
0.5
2.5
5.0
2.5
ECEA1CN470U( )
200
2000
220
10
12.5
260
0.20
0.6
5.0
5.0
ECEA1CN221X( )
200
500
330
10
16
330
0.20
0.6
5.0
5.0
ECEA1CN331U( )
200
500
470
10
20
380
0.20
0.6
5.0
5.0
ECEA1CN471U( )
200
500
1000
12.5
25
560
0.20
0.6
5.0
5.0
ECEA1CN102U( )
200
500
2200
16
31.5
750
0.22
0.8
7.5
ECEA1CN222U
100
3300
18
35.5
900
0.24
0.8
7.5
ECEA1CN332U
50
25
10
5
11
45
0.15
0.5
2.0
5.0
2.5
ECEA1EN100U( )
200
2000
22
5
11
60
0.15
0.5
2.0
5.0
2.5
ECEA1EN220X( )
200
2000
33
6.3
11.2
90
0.150.5
2.5
5.0
2.5
ECEA1EN330U( )
200
2000
47
6.3
11.2
110
0.15
0.5
2.5
5.0
2.5
ECEA1EN470U( )
200
2000
100
8
11.5
180
0.15
0.6
3.5
5.0
ECEA1EN101U( )
200
1000
220
10
16
320
0.15
0.6
5.0
5.0
ECEA1EN221U( )
200
500
330
12.5
20
350
0.15
0.6
5.0
5.0
ECEA1EN331U( )
200
500
470
12.5
20
430
0.15
0.6
5.0
5.0
ECEA1EN471U( )
200
500
1000
16
25
680
0.15
0.8
7.5
7.5
ECEA1EN102U( )
100
250
2200
18
35.5
900
0.17
0.8
7.5
ECEA1EN222U
50
35
10
5
11
43
0.15
0.5
2.0
5.0
2.5
ECEA1VN100U( )
200
2000
22
6.3
11.2
80
0.150.5
2.5
5.0
2.5
ECEA1VN220U( )
200
2000
33
8
11.5
100
0.15
0.6
3.5
5.0
ECEA1VN330U( )
200
1000
47
8
11.5
120
0.15
0.6
3.5
5.0
ECEA1VN470U( )
200
1000
100
10
16
230
0.15
0.6
5.0
5.0
ECEA1VN101U( )
200
500
220
12.5
20
360
0.15
0.6
5.0
5.0
ECEA1VN221U( )
200
500
330
12.5
20
450
0.15
0.6
5.0
5.0
ECEA1VN331U( )
200
500
470
12.5
25
590
0.15
0.6
5.0
5.0
ECEA1VN471U( )
200
500
· When requesting taped product, please put the letter "B" or "i" between the "( )". Lead wire pitch B=5 mm, 7.5 mm, i=2.5 mm.
· Please refer to the page of “Taping Dimensions”.
Endurance: 85 °C 2000 h (1000 hours for each polarity)
00 Nov. 2012


Similar Part No. - ECEA1VN330U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECEA1VN330U PANASONIC-ECEA1VN330U Datasheet
160Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECEA1VN330U PANASONIC-ECEA1VN330U Datasheet
160Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECEA1VN330U PANASONIC-ECEA1VN330U Datasheet
66Kb / 3P
   Radial Lead Type
More results

Similar Description - ECEA1VN330U

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ECE-A1CN100U PANASONIC-ECE-A1CN100U Datasheet
160Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
ECE-A1EN330U PANASONIC-ECE-A1EN330U Datasheet
160Kb / 3P
   Aluminum Electrolytic Capacitors/ SU(Bi-polar)
logo
RFE international
TB330M1HTR160380 RFE-TB330M1HTR160380 Datasheet
76Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS TB/TBL Series: Axial, Bi-Polar
RS010M1HBK130250 RFE-RS010M1HBK130250 Datasheet
79Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS RS/RSG Series: Radial Bi-polar
logo
NIC-Components Corp.
NRESN NIC-NRESN_14 Datasheet
87Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NSRN NIC-NSRN Datasheet
136Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
logo
RFE international
VEB100M1ETR063053 RFE-VEB100M1ETR063053 Datasheet
86Kb / 1P
   ALUMINUM ELECTROLYTIC CAPACITORS VEB Series: Surface Mount Type, Bi-Polar
logo
NIC-Components Corp.
NNR NIC-NNR_14 Datasheet
84Kb / 2P
   Non-Polar Aluminum Electrolytic Capacitors
NNR NIC-NNR Datasheet
169Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
NRE-SN NIC-NRE-SN Datasheet
210Kb / 1P
   Non-Polar Aluminum Electrolytic Capacitors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com